Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30CTH03 Datasheet(PDF) 6 Page - International Rectifier

Part # 30CTH03
Description  Hyperfast Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30CTH03 Datasheet(HTML) 6 Page - International Rectifier

  30CTH03 Datasheet HTML 1Page - International Rectifier 30CTH03 Datasheet HTML 2Page - International Rectifier 30CTH03 Datasheet HTML 3Page - International Rectifier 30CTH03 Datasheet HTML 4Page - International Rectifier 30CTH03 Datasheet HTML 5Page - International Rectifier 30CTH03 Datasheet HTML 6Page - International Rectifier 30CTH03 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
30CTH03
Bulletin PD-20770 rev. A 08/03
www.irf.com
3.78 (0.15)
3.54 (0.14)
10.54 (0.41)
MAX.
DIA.
15.24 (0.60)
14.84 (0.58)
2.92 (0.11)
2.54 (0.10)
1
TERM 2
14.09 (0.55)
13.47 (0.53)
3.96 (0.16)
3.55 (0.14)
0.94 (0.04)
0.69 (0.03)
4.57 (0.18)
4.32 (0.17)
3
0.61 (0.02) MAX.
5.08 (0.20) REF.
1.32 (0.05)
1.22 (0.05)
6.48 (0.25)
6.23 (0.24)
0.10 (0.004)
1.40 (0.05)
1.15 (0.04)
2.89 (0.11)
2.64 (0.10)
1
3
2.04 (0.080) MAX.
2
2
Outline Table
Conforms to JEDEC Outline TO-220AB
Dimensions in millimeters and (inches)
Anode
1
3
2
Base
Common
Cathode
2
Anode
Common
Cathode
Ordering Information Table
Device Code
1
5
24
3
1
-
Current Rating (30 = 30A)
2
-
C
= Common Cathode
3
-
T
= TO-220
4
-
H
= HyperFast Recovery
5
-
Voltage Rating (03 = 300V)
30
C
T
H
03


Similar Part No. - 30CTH03

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30CTH03 IRF-30CTH03 Datasheet
195Kb / 7P
   Hyperfast Rectifier
logo
Vishay Siliconix
30CTH03 VISHAY-30CTH03 Datasheet
114Kb / 7P
   Hyperfast Rectifier, 2 x 15 A FRED PtTM
Revision: 28-Jul-08
logo
Inchange Semiconductor ...
30CTH03 ISC-30CTH03 Datasheet
288Kb / 2P
   Ultrafast Rectifier
logo
International Rectifier
30CTH03PBF IRF-30CTH03PBF Datasheet
195Kb / 7P
   Hyperfast Rectifier
logo
Vishay Siliconix
30CTH03PBF VISHAY-30CTH03PBF Datasheet
108Kb / 7P
   Hyperfast Rectifier, 2 x 15 A FRED PtTM
Revision: 11-Sep-08
More results

Similar Description - 30CTH03

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30ETH06 IRF-30ETH06 Datasheet
207Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
VS-4ESH02-M3 VISHAY-VS-4ESH02-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 24-Nov-14
VS-2EFH02HM3 VISHAY-VS-2EFH02HM3 Datasheet
114Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-2EJH01-M3 VISHAY-VS-2EJH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 20-Nov-14
VS-6CSH02-M3 VISHAY-VS-6CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH01-M3 VISHAY-VS-8CSH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH02-M3 VISHAY-VS-8CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-10CSH01-M3 VISHAY-VS-10CSH01-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
logo
International Rectifier
30EPH06PBF IRF-30EPH06PBF Datasheet
165Kb / 7P
   Hyperfast Rectifier
logo
Fairchild Semiconductor
RHRA1560CC FAIRCHILD-RHRA1560CC Datasheet
156Kb / 5P
   Hyperfast Rectifier
logo
International Rectifier
15ETX06PBF IRF-15ETX06PBF Datasheet
236Kb / 8P
   Hyperfast Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com