Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20ETF04STRL Datasheet(PDF) 7 Page - International Rectifier

Part # 20ETF04STRL
Description  SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20ETF04STRL Datasheet(HTML) 7 Page - International Rectifier

  20ETF04STRL Datasheet HTML 1Page - International Rectifier 20ETF04STRL Datasheet HTML 2Page - International Rectifier 20ETF04STRL Datasheet HTML 3Page - International Rectifier 20ETF04STRL Datasheet HTML 4Page - International Rectifier 20ETF04STRL Datasheet HTML 5Page - International Rectifier 20ETF04STRL Datasheet HTML 6Page - International Rectifier 20ETF04STRL Datasheet HTML 7Page - International Rectifier 20ETF04STRL Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
20ETF..S
QUIETIR Series
Bulletin I2111 rev. C 03/99
www.irf.com
9G3A
20ETF06S
9512
EXAMPLE: THIS IS AN 20ETF06S
INTERNATIONAL
RECTIFIER LOGO
PART NUMBER
Marking Information
DATE CODE (YYWW)
YY = YEAR
WW = WEEK
ASSEMBLY
LOT CODE
Dimensions in millimeters and inches
(K)
(A)
(A)
TRR
FEED DIRECTION
TRL
FEED DIRECTION
10 .90 (0.4 29)
10 .70 (0.4 21)
16 .10 (0.6 34)
15 .90 (0.6 26)
1.75 (0 .06 9)
1.25 (0 .04 9)
1.85 (0.073)
1.65 (0.065)
4.10 (0.161)
3.90 (0.153)
1.60 (0.063)
1.50 (0.059)
DIA.
1.60 (0.063)
1.50 (0.059)
DIA.
11.60 (0.457)
11.40 (0.449)
15 .42 (0.6 09)
15 .22 (0.6 01)
4.72 (0 .18 6)
4.52 (0 .17 8)
24 .30 (0 .95 7)
23 .90 (0 .94 1)
0.368 (0.0145)
0.342 (0.0135)
360 (1 4.173)
DIA. MAX.
26 .40 (1.0 39)
24 .40 (0.9 61)
13.50 (0.532)
12.80 (0.504)
DIA.
60 (2 .362)
DIA. MIN.
SMD-220 Tape & Reel
When orderi ng, indicate the part
number, part orientation, and the
quantity. Quantities are in multiples
of 800 pieces per reel for both
TRL and T RR.
Tape & Reel Information


Similar Part No. - 20ETF04STRL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20ETF04STRLPBF VISHAY-20ETF04STRLPBF Datasheet
348Kb / 8P
   Surface Mountable Fast Soft Recovery Rectifier Diode, 20 A
Revision: 17-Aug-11
More results

Similar Description - 20ETF04STRL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20ETF06SPBF IRF-20ETF06SPBF Datasheet
331Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY RECTIFIER DIODE
8EWF06SPBF IRF-8EWF06SPBF Datasheet
259Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
8EWF IRF-8EWF Datasheet
162Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
8EWF12S IRF-8EWF12S Datasheet
238Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
8EWF10S IRF-8EWF10S Datasheet
153Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
8EWF06S IRF-8EWF06S Datasheet
172Kb / 9P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
logo
Vishay Siliconix
20ETF02SPBF VISHAY-20ETF02SPBF Datasheet
348Kb / 8P
   Surface Mountable Fast Soft Recovery Rectifier Diode, 20 A
Revision: 17-Aug-11
VS-8EWF02S-M3 VISHAY-VS-8EWF02S-M3 Datasheet
228Kb / 8P
   Surface Mountable Fast Soft Recovery Diode, 8A
Revision: 04-Apr-11
VS-8EWF10S-M3 VISHAY-VS-8EWF10S-M3 Datasheet
191Kb / 7P
   Surface Mountable Fast Soft Recovery Diode, 8A
Revision: 17-Nov-11
8EWF10SPBF VISHAY-8EWF10SPBF Datasheet
216Kb / 8P
   Surface Mountable Fast Soft Recovery Diode, 8 A
Revision: 08-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com