Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9M131 Datasheet(PDF) 33 Page - ON Semiconductor

Part # MT9M131
Description  1/3?릋nch SOC 1.3Mp CMOS Digital Image Sensor
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9M131 Datasheet(HTML) 33 Page - ON Semiconductor

Back Button MT9M131_17 Datasheet HTML 29Page - ON Semiconductor MT9M131_17 Datasheet HTML 30Page - ON Semiconductor MT9M131_17 Datasheet HTML 31Page - ON Semiconductor MT9M131_17 Datasheet HTML 32Page - ON Semiconductor MT9M131_17 Datasheet HTML 33Page - ON Semiconductor MT9M131_17 Datasheet HTML 34Page - ON Semiconductor MT9M131_17 Datasheet HTML 35Page - ON Semiconductor MT9M131_17 Datasheet HTML 36Page - ON Semiconductor MT9M131_17 Datasheet HTML 37Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
MT9M131
www.onsemi.com
33
Table 13. SENSOR CORE REGISTER DESCRIPTIONS (continued)
Bit Field
Read/Write
Bad
Frame
Synced to
Frame Start
Default
(Hex)
Description
R13:0 − 0x00D − Reset
Bit 15
Synchronize
Changes
0: Normal operation, updates changes to registers
that affect image brightness at the next frame
boundary (integration time, integration delay, gain,
horizontal blanking and vertical blanking, window
size, row/column skip, or row mirror.
1: Do not update any changes to these settings until
this bit is returned to “0”. All registers that are
frame synchronized are affected by this bit setting.
0x0
N
0
W
Bit 9
Restart Bad Frames
When set, a forced restart occurs when a bad frame
is detected. This can shorten the delay when waiting
for a good frame because the delay when masking
out a bad frame is the integration time rather than the
full frame time.
0x0
N
0
W
Bit 8
Show Bad Frames
0: Only output good frames (default)
A bad frame is defined as the first frame following
a change to: window size or position, horizontal
blanking, pixel clock speed, zoom, row or column
skip, or mirroring.
1: Output all frames (including bad frames)
0x0
N
0
W
Bit 5
Reset SOC
This reset signal is fed directly to the SOC part of the
chip, and has no functionality in a stand-alone sensor.
0x0
N
0
W
Bit 4
Output Disable
When set, the output signals are tri-stated.
0x0
N
0
W
Bit 3
Chip Enable
0: Stop sensor readout.
1: Normal operation.
When this is returned to “1”, sensor readout restarts
and begins resetting the starting row in a new frame.
To reduce the digital power, the master clock to the
sensor can be disabled or STANDBY can be used.
0x1
N
YM
W
Bit 2
Analog Standby
0: Normal operation (default).
1: Disable analog circuitry.
Whenever this bit is set to “1” the chip enable bit
(bit 3) should be set to “0”.
0x0
N
YM
W
Bit 1
Restart
Setting this bit causes the sensor to abandon the
current frame and start resetting the first row.
The delay before the first valid frame is read out
equals the integration time. This bit always reads “0”.
0x0
N
YM
W
Bit 0
Reset
Setting this bit puts the sensor in reset mode; this
sets the sensor to its default power-up state. Clearing
this bit resumes normal operation.
0x0
N
YM
W


Similar Part No. - MT9M131_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9M131C12STC-DP ONSEMI-MT9M131C12STC-DP Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
MT9M131C12STC-DR ONSEMI-MT9M131C12STC-DR Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
MT9M131C12STC-TP ONSEMI-MT9M131C12STC-TP Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
MT9M131C12STC-TR ONSEMI-MT9M131C12STC-TR Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com