Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1992 Datasheet(PDF) 10 Page - Analog Devices

Part # AD1992
Description  Class-D Audio Power Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1992 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1992 Datasheet HTML 6Page - Analog Devices AD1992 Datasheet HTML 7Page - Analog Devices AD1992 Datasheet HTML 8Page - Analog Devices AD1992 Datasheet HTML 9Page - Analog Devices AD1992 Datasheet HTML 10Page - Analog Devices AD1992 Datasheet HTML 11Page - Analog Devices AD1992 Datasheet HTML 12Page - Analog Devices AD1992 Datasheet HTML 13Page - Analog Devices AD1992 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD199x
Preliminary Technical Data
Rev. PrA – 1/20/05 | Page 10 of 16
FUNCTIONAL DESCRIPTION
DEVICE ARCHITECTURE
The AD199x is an audio quality, switching amplifier with an
integrated sigma-delta modulator. The power stage of the
AD199x is arranged internally as four transistor pairs, which
are used as two H-bridge outputs to provide stereo
amplification. The transistor pairs are driven by the output of
the ∑∆ modulator. A user selectable non-overlap time is
provided between the switching of the high side transistor and
low side transistor to ensure that both transistors are never on at
the same time. The AD199x implements turn on pop
suppression to eliminates any pops or clicks following a reset
or un-mute.
Analog Input Section
The analog input section uses an internal amplifier to bias the
input signal to the reference level. A DC blocking capacitor
should be connected as shown in Figure 15 to remove any
external DC bias contained in the input signal
1.25V
AINL/
AINR
0V
+
71046-0007
Figure 15. Normal Operation
The Sigma-Delta Modulator
Detailed description pending on patents pending, as well as
announcements, conference proceedings and other scheduled
public disclosures.
Selecting Stereo or Mono Mode
Driving the H-Bridge
Each channel of the switching amplifier is controlled by a 4
transistor H-bridge to give a differential output stage. The
outputs of the H-bridges, OUTR+, OUTR-, OUTL+ and
OUTL- will switch between PVDD and PGND as determined
by the sigma delta modulator. The power supply that is used to
drive the power stage of the AD199x should be typically in the
range of +8 V to +20 V and should be capable of supplying
enough current to drive the load. This power supply is
connected across the PVDD and PGND pins. The feedback
pins, NFR+, NFR-, NFL+ and NFL-, are used to supply
negative feedback to the modulator. The pins are connected to
the outputs of the H-bridge via a resister divider network as
shown in Figure 16. See the section on Selecting the Modulator
Gain for more information.
External schottky diodes can be used to reduce power loss
during the non-overlap time when neither of the high-side or
low-side transistors is on. During this time neither transistor is
driving the OUTx pin. The nature of the inductors is to keep
current flowing. For example the OUTx pin may approach and
pass the PGND level to achieve this. When the voltage at the
OUTx pin is 0.7V below PGND the parasitic diode associated
with the low-side transistor will become forward biased and
turn on. When the high-side transistor turns on the voltage at
OUTx will rise to PVDD and will reverse bias the parasitic
diode. However, by its nature the parasitic diode has a long
reverse recovery time and current will continue to flow through
it to PGND thus causing the entire circuit to draw more current
than necessary. The addition of the schottky diodes prevents
this happening. When the OUTx pin goes more than 0.3V
below PGND the schottky diode becomes forward biased.
When the high-side transistor turns on the schottky diode
becomes reverse biased. The reverse recovery time of the
schottky diode is significantly faster than the parasitic diode so
far less current is wasted. A similar effect happens when the
inductor induces a current which drives the OUTx pin above
PVDD. Figure 16 shows how the external components of a
system are connected to the pins of the AD199x to form the H-
bridge configuration.
AMPLIFIER GAIN
Selecting the Modulator Gain
The AD199x modulator can be thought of as a switching
analog amplifier with a voltage gain controlled by two external
resistors forming a resistor divider between the OUTxx pins
and PGND. The centre of the resistor divider is connected to
the appropriate feedback pin NFx. Selecting the gain along
with the PVDD Voltage will determine how much power can be
delivered to a load for a fixed input signal. The gain of the
modulator is controlled by the values of R1 and R2 (see Figure
16) according to the equation below.
Gain = (R1 + R2)/R2
The gain should be selected such that a 1Vrms input signal
doesn’t cause the modulator to generate an output signal which
has a peak to peak value greater than 90% of PVDD. Selecting
a gain that meets this criteria will ensure that the modulator
remains in a stable operating condition.
PVDD
OUTx+
PGND
NFx+
OUTx-
PGND
NFx-
71046-0004
EXTERNAL COMPONENTS
D3
D4
PVDD
Figure 16. H-Bridge Configuration


Similar Part No. - AD1992

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1992 AD-AD1992 Datasheet
449Kb / 20P
   Audio Switching Amplifier
REV. 0
AD1992ACPZ AD-AD1992ACPZ Datasheet
449Kb / 20P
   Audio Switching Amplifier
REV. 0
AD1992ACPZRL AD-AD1992ACPZRL Datasheet
449Kb / 20P
   Audio Switching Amplifier
REV. 0
AD1992ACPZRL7 AD-AD1992ACPZRL7 Datasheet
449Kb / 20P
   Audio Switching Amplifier
REV. 0
AD1992 AD-AD1992_06 Datasheet
449Kb / 20P
   Audio Switching Amplifier
REV. 0
More results

Similar Description - AD1992

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
   Class-D Audio Power Amplifier
logo
Analog Devices
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1590 AD-ADAU1590_15 Datasheet
1Mb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1592 AD-ADAU1592_15 Datasheet
607Kb / 24P
   Class-D Audio Power Amplifier
REV. A
logo
ON Semiconductor
LV4924VH ONSEMI-LV4924VH Datasheet
436Kb / 15P
   Class-D Audio power Amplifier
May, 2013
logo
International Rectifier
IRAUDAMP9 IRF-IRAUDAMP9_15 Datasheet
4Mb / 39P
   Class D Audio Power Amplifier
logo
Shenzhenshi YONGFUKANG ...
CSC8008 YONGFUKANG-CSC8008 Datasheet
301Kb / 7P
   Class D audio power amplifier
logo
ON Semiconductor
LV4910T ONSEMI-LV4910T Datasheet
81Kb / 7P
   Class-D Audio Power Amplifier
May, 2013
logo
Analog Devices
ADAU1590 AD-ADAU1590 Datasheet
584Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
   AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com