Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5390 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5390
Description  8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5390 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5390 Datasheet HTML 7Page - Analog Devices AD5390 Datasheet HTML 8Page - Analog Devices AD5390 Datasheet HTML 9Page - Analog Devices AD5390 Datasheet HTML 10Page - Analog Devices AD5390 Datasheet HTML 11Page - Analog Devices AD5390 Datasheet HTML 12Page - Analog Devices AD5390 Datasheet HTML 13Page - Analog Devices AD5390 Datasheet HTML 14Page - Analog Devices AD5390 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
AD5390/AD5391/AD5392
Rev. A | Page 11 of 44
SDO
SCLK
SYNC
DIN
LDAC
t1
24
48
t3
t2
t21
t22
t7
t4
t8
t9
DB23
DB0
DB23
DB0
DB0
INPUT WORD FOR DAC N
INPUT WORD FOR DAC N+1
UNDEFINED
INPUT WORD FOR DAC N
t20
t23
t13
DB23
Figure 2. Serial Interface Timing Diagram (Daisy-Chain Mode)
t1
24
24
1
2
t3
t2
t5
t7
t4
t6
t8
t9
t10
t13
t12
t14
t17
t13
t15
t18
t19
t16
VOUT2
CLR
VOUT
1LDAC ACTIVE DURING BUSY
2LDAC ACTIVE DURING BUSY
SCLK
SYNC
DIN
BUSY
LDAC1
LDAC2
VOUT1
DB0
DB23
t17
t11
Figure 3. Serial Interface Timing Diagram (Standalone Mode)


Similar Part No. - AD5390

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5390BCP-3 AD-AD5390BCP-3 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5390BCP-3 AD-AD5390BCP-3 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5390BCP-5 AD-AD5390BCP-5 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5390BCP-5 AD-AD5390BCP-5 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5390BCPZ-3 AD-AD5390BCPZ-3 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. E
More results

Similar Description - AD5390

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5391 AD-AD5391_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5392 AD-AD5392_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_12 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. E
AD5551 AD-AD5551 Datasheet
208Kb / 12P
   5 V, Serial-Input Voltage-Output, 14-Bit DACs
REV. 0
AD5541 AD-AD5541 Datasheet
186Kb / 12P
   5 V, Serial-Input Voltage-Output, 16-Bit DACs
REV. A
AD5384 AD-AD5384 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
AD5530 AD-AD5530 Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
AD5382 AD-AD5382 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5551 AD-AD5551_10 Datasheet
460Kb / 16P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 14-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com