Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

79C0832RT4QK-20 Datasheet(PDF) 1 Page - Maxwell Technologies

Part # 79C0832RT4QK-20
Description  8 Megabit (256K x 32-Bit) EEPROM MCM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

79C0832RT4QK-20 Datasheet(HTML) 1 Page - Maxwell Technologies

  79C0832RT4QK-20 Datasheet HTML 1Page - Maxwell Technologies 79C0832RT4QK-20 Datasheet HTML 2Page - Maxwell Technologies 79C0832RT4QK-20 Datasheet HTML 3Page - Maxwell Technologies 79C0832RT4QK-20 Datasheet HTML 4Page - Maxwell Technologies 79C0832RT4QK-20 Datasheet HTML 5Page - Maxwell Technologies 79C0832RT4QK-20 Datasheet HTML 6Page - Maxwell Technologies 79C0832RT4QK-20 Datasheet HTML 7Page - Maxwell Technologies 79C0832RT4QK-20 Datasheet HTML 8Page - Maxwell Technologies 79C0832RT4QK-20 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
All data sheets are subject to change without notice
(858) 503-3300 - Fax: (858) 503-3301 - www.maxwell.com
8 Megabit (256K x 32-Bit)
EEPROM MCM
79C0832
©2005 Maxwell Technologies
All rights reserved.
01.10.05 Rev 14
FEATURES:
• 256k x 32-bit EEPROM MCM
•RAD-PAK® radiation-hardened against natural
• space radiation
• Total dose hardness:
- >100 krad (Si)
- Dependent upon orbit
• Excellent Single event effects
- SEL
TH > 120 MeV/mg/cm
2
- SEU > 90 MeV/mg/cm2 read mode
- SEU = 18 MeV/mg/cm2 write mode
• High endurance
- 10,000 cycles/byte (Page Programming Mode)
- 10 year data retention
• Page Write Mode: 1 to 8 X 128 byte page
• High Speed:
- 150 and 200 ns maximum access times
• Automatic programming
- 10 ms automatic Page/Byte write
• Low power dissipation
- 160 mW/MHz active current
- 880 µ W standby current
DESCRIPTION:
Maxwell Technologies’ 79C0832 multi-chip module (MCM)
memory features a greater than 100 krad (Si) total dose toler-
ance, dependent upon orbit. Using Maxwell Technologies’ pat-
ented
radiation-hardened
RAD-PAK®
MCM
packaging
technology, the 79C0832 is the first radiation-hardened 8
megabit MCM EEPROM for space application. The 79C0832
uses eight 1 Megabit high speed CMOS die to yield an 8
megabit product. The 79C0832 is capable of in-system electri-
cal byte and page programmability. It has a 128 x 8 byte page
programming function to make its erase and write operations
faster. It also features Data Polling and a Ready/Busy signal to
indicate the completion of erase and programming operations.
In the 79C0832, hardware data protection is provided with the
RES pin, in addition to noise protection on the WE signal and
write inhibit on power on and off. Software data protection is
implemented using the JEDEC optional standard algorithm.
Maxwell Technologies' patented RAD-PAK® packaging technol-
ogy incorporates radiation shielding in the microcircuit pack-
age. It eliminates the need for box shielding while providing
the required radiation shielding for a lifetime in orbit or space
mission. In a GEO orbit, RAD-PAK provides greater than 100
krad (Si) radiation dose tolerance. This product is available
with screening up to Maxwell Technologies self-defined Class
K.


Similar Part No. - 79C0832RT4QK-20

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
79C0832RT4QK15 MAXWELL-79C0832RT4QK15 Datasheet
482Kb / 19P
   8 Megabit EEPROM MCM
79C0832RT4QK20 MAXWELL-79C0832RT4QK20 Datasheet
482Kb / 19P
   8 Megabit EEPROM MCM
More results

Similar Description - 79C0832RT4QK-20

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
79C0832 MAXWELL-79C0832_06 Datasheet
478Kb / 19P
   8 Megabit (256K x 32-Bit) EEPROM MCM
79LV0832 MAXWELL-79LV0832 Datasheet
458Kb / 21P
   8 Megabit (256K x 32-Bit) Low Voltage EEPROM MCM
79C0408 MAXWELL-79C0408 Datasheet
353Kb / 20P
   4 Megabit (512k x 8-bit) EEPROM MCM
79C08325 MAXWELL-79C08325 Datasheet
482Kb / 19P
   8 Megabit EEPROM MCM
89C1632 MAXWELL-89C1632 Datasheet
198Kb / 13P
   16 Megabit (512K x 32-Bit) MCM SRAM
79C2040 MAXWELL-79C2040 Datasheet
469Kb / 17P
   20 Megabit (512K x 40-Bit) EEPROM MCM
79C04085 MAXWELL-79C04085 Datasheet
359Kb / 20P
   4 Megabit EEPROM MCM
28C256T MAXWELL-28C256T Datasheet
283Kb / 14P
   256K EEPROM (32K x 8-Bit) EEPROM
89LV1632 MAXWELL-89LV1632 Datasheet
198Kb / 12P
   16 Megabit (512K x 32-Bit) Low Voltage MCM SRAM
79LV2040 MAXWELL-79LV2040 Datasheet
471Kb / 17P
   20 Megabit (512K x 40-Bit) Low Voltage EEPROM MCM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com