Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1204YCP Datasheet(PDF) 4 Page - Analog Devices

Part # ADG1204YCP
Description  2 pF Off Capacitance, 1 pC Charge Injection, -15 V/12 V 4:1 iCMOS Multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1204YCP Datasheet(HTML) 4 Page - Analog Devices

  ADG1204YCP Datasheet HTML 1Page - Analog Devices ADG1204YCP Datasheet HTML 2Page - Analog Devices ADG1204YCP Datasheet HTML 3Page - Analog Devices ADG1204YCP Datasheet HTML 4Page - Analog Devices ADG1204YCP Datasheet HTML 5Page - Analog Devices ADG1204YCP Datasheet HTML 6Page - Analog Devices ADG1204YCP Datasheet HTML 7Page - Analog Devices ADG1204YCP Datasheet HTML 8Page - Analog Devices ADG1204YCP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADG1204
Preliminary Technical Data
Rev. PrD | Page 4 of 16
Parameter
25°C
85°C
Y Version1
Unit
Test Conditions/Comments
IGND
0.001
µA typ
Digital Inputs = 0 V or VDD
5.0
µA max
IGND
150
µA typ
Digital Inputs = 5 V
300
µA max
1 Y Version temperature range is −40°C to +125°C.
2 Guaranteed by design, not subject to production test.
VDD = +5 V ± 10%, VSS = −5 V ± 10%, GND = 0 V, unless otherwise noted.
Table 2.
Parameter
25°C
85°C
Y Version1
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VSS to VDD
V
On Resistance (RON)
220
Ω typ
VS = ±3.3 V, IS = −10 mA; Figure 21
Ω max
On Resistance Match between
Channels (∆RON)
10
Ω typ
Ω max
VS = ±3.3 V, IS = −10 mA
On Resistance Flatness (RFLAT(ON))
30
Ω typ
VS = ±3.3 V, IS = −10 mA
Ω max
LEAKAGE CURRENTS
VDD = 5.5 V, VSS = −5.5 V
Source Off Leakage, IS (Off)
±0.01
nA typ
VD = ±4.5 V, VS = ±4.5 V; Figure 22
±0.5
±1
±5
nA max
Drain Off Leakage, ID (Off)
±0.01
nA typ
VD = ±4.5 V, VS = ±4.5 V; Figure 22
±0.5
±1
±5
nA max
Channel On Leakage, ID, IS (On)
±0.04
nA typ
VD = VS = ±4.5 V; Figure 23
±1
±2
±5
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±0.5
µA max
Digital Input Capacitance, CIN
5
pF typ
DYNAMIC CHARACTERISTICS2
tON
160
ns typ
RL = 300 Ω, CL = 35 pF
ns max
VS = 3 V; Figure 24
tOFF
60
ns typ
RL = 300 Ω, CL = 35 pF
ns max
VS = 3 V; Figure 24
Break-before-Make Time Delay, tD
50
ns typ
RL = 300 Ω, CL = 35 pF
1
ns min
VS1 = VS2 = 3 V; Figure 25
Charge Injection
20
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF; Figure 26
pC max
Off Isolation
56
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; Figure 27
Channel-to-Channel Crosstalk
60
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; Figure 28
−3 dB Bandwidth
20
MHz typ
RL = 50 Ω, CL = 5 pF; Figure 29
CS (Off)
15
pF typ
f = 1 MHz
CD (Off)
pF typ
f = 1 MHz
CD, CS (On)
100
pF typ
f = 1 MHz


Similar Part No. - ADG1204YCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1204YCPZ-500RL7 AD-ADG1204YCPZ-500RL7 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1204YCPZ-REEL7 AD-ADG1204YCPZ-REEL7 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
More results

Similar Description - ADG1204YCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1211 AD-ADG1211 Datasheet
271Kb / 16P
   1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Rev. PrE
ADG1236 AD-ADG1236 Datasheet
225Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Dual SPDT Switch
Rev. PrD
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
REV. A
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1219 AD-ADG1219 Datasheet
308Kb / 17P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS??SPDT in SOT-23
Rev. PrB
ADG1201 AD-ADG1201 Datasheet
293Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com