Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM2401ARWZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADUM2401ARWZ
Description  Quad-Channel Digital Isolators, 5KV
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM2401ARWZ Datasheet(HTML) 1 Page - Analog Devices

  ADUM2401ARWZ Datasheet HTML 1Page - Analog Devices ADUM2401ARWZ Datasheet HTML 2Page - Analog Devices ADUM2401ARWZ Datasheet HTML 3Page - Analog Devices ADUM2401ARWZ Datasheet HTML 4Page - Analog Devices ADUM2401ARWZ Datasheet HTML 5Page - Analog Devices ADUM2401ARWZ Datasheet HTML 6Page - Analog Devices ADUM2401ARWZ Datasheet HTML 7Page - Analog Devices ADUM2401ARWZ Datasheet HTML 8Page - Analog Devices ADUM2401ARWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Quad-Channel Digital Isolators, 5KV
Preliminary Technical Data
ADuM2400/ADuM2401/ADuM2402
Rev. PrD October 5, 2004
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Low power operation
5 V operation:
1.0 mA per channel max @ 0–2 Mbps
3.5 mA per channel max @ 10 Mbps
31 mA per channel max @ 90 Mbps
3 V operation:
0.7 mA per channel max @ 0–2 Mbps
2.1 mA per channel max @ 10 Mbps
20 mA per channel max @ 90 Mbps
Bidirectional communication
3 V/5 V level translation
High temperature operation: 105°C
High data rate: DC–90 Mbps (NRZ)
Precise timing characteristics:
2 ns max. pulsewidth distortion
2 ns max. channel-to-channel matching
High common-mode transient immunity: > 25 kV/μs
Output enable function
Wide body SOIC 16-lead package
Safety and regulatory approvals (pending)
UL recognition: 5000 V rms for 1 minute per UL 1577
CSA component acceptance notice #5A
VDE certificate of conformity
DIN EN 60747-5-2 (VDE 0884 Part 2): 2003-01
DIN EN 60950 (VDE 0805):2001-12;EN 60950:2000
VIORM = 848 V peak
IEC 60601-1
APPLICATIONS
General-purpose, high voltage, multichannel isolation
Medical Equipment
Motor Drives
Power Supplies
GENERAL DESCRIPTION
The ADuM240x are four-channel digital isolators based on
Analog Devices’ iCoupler® technology. Combining high speed
CMOS and monolithic air core transformer technology, these
isolation components provide outstanding performance
characteristics superior to alternatives such as optocoupler
devices. In comparison to the 2.5KV ADuM140x product
family, ADuM240x models have increased insulation thickness
to achieve the higher 5.0KV isolation rating.
By avoiding the use of LEDs and photodiodes, iCoupler devices
remove the design difficulties commonly associated with
optocouplers. The typical optocoupler concerns regarding
uncertain current transfer ratios, nonlinear transfer functions,
and temperature and lifetime effects are eliminated with the
simple, iCoupler digital interfaces and stable performance
characteristics. The need for external drivers and other discretes
is eliminated with these iCoupler products. Furthermore,
iCoupler devices run at one-tenth to one-sixth the power
consumption of optocouplers at comparable signal data rates.
The ADuM240x isolators provide four independent isolation
channels in a variety of channel configurations and data rates (see
Ordering Guide). All ADuM240x models operate with the supply
voltage of either side ranging from 2.7 V to 5.5 V, providing
compatibility with lower voltage systems as well as enabling a
voltage translation functionality across the isolation barrier. In
addition, the ADuM240x provides low pulse width distortion (<2
ns for CRWZ grade), and tight channel-to-channel matching (<2
ns for CRWZ grade). Unlike other optocoupler alternatives, the
ADuM240x isolators have a patented refresh feature that ensures
dc correctness in the absence of input logic transitions and during
power-up/power-down conditions.
FUNCTIONAL BLOCK DIAGRAMS
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
ENCODE
DECODE
VDD1
GND1
VIA
VIB
VIC
VID
NC
GND1
VDD2
GND2
VOA
VOB
VOC
VOD
VE2
GND2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Figure 1. ADuM2400 Functional Block Diagram
Vdd1 1
Vdd2
16
GND1 2
GND2
15
VE1 7
VE2
10
GND1 8
GND2
9
DECODE
ENCODE
3
14
VIA
VOA
DECODE
ENCODE
4
13
VIB
VOB
VIC 5
VOC
DECODE
ENCODE
6
11
VOD
VID
ENCODE
DECODE
12
Figure 2. ADuM2401 Functional Block Diagram
DECODE
DECODE
ENCODE
ENCODE
ENCODE
DECODE
ENCODE
DECODE
VDD1
GND1
VIA
VIB
VOC
VOD
VE1
GND1
VDD2
GND2
VOA
VOB
VIC
VID
VE2
GND2
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Figure 3. ADuM2402 Functional Block Diagram


Similar Part No. - ADUM2401ARWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM2401ARWZ AD-ADuM2401ARWZ Datasheet
304Kb / 24P
   Quad-Channel Digital Isolators
REV. D
ADuM2401ARWZ AD-ADuM2401ARWZ Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM2401ARWZ AD-ADUM2401ARWZ Datasheet
544Kb / 24P
   Quad-Channel Digital Isolators
Rev. F
More results

Similar Description - ADUM2401ARWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
   Quad-Channel Digital Isolators
Rev. J
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com