Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1501A-33K5 Datasheet(PDF) 11 Page - Anachip Corp

Part # AP1501A-33K5
Description  150Khz, 5A PWM Buck DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1501A-33K5 Datasheet(HTML) 11 Page - Anachip Corp

Back Button AP1501A-33K5 Datasheet HTML 3Page - Anachip Corp AP1501A-33K5 Datasheet HTML 4Page - Anachip Corp AP1501A-33K5 Datasheet HTML 5Page - Anachip Corp AP1501A-33K5 Datasheet HTML 6Page - Anachip Corp AP1501A-33K5 Datasheet HTML 7Page - Anachip Corp AP1501A-33K5 Datasheet HTML 8Page - Anachip Corp AP1501A-33K5 Datasheet HTML 9Page - Anachip Corp AP1501A-33K5 Datasheet HTML 10Page - Anachip Corp AP1501A-33K5 Datasheet HTML 11Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
AP1501A
150Khz, 5A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.0.4 Feb 19, 2004
11/11
Package Information (Continued)
(3) Package Type: TO220-5L(R) Mechanical drawing
E
Q
D
b
A
F
H1
d1
d2
J3
J1
J2
e
H2
H3
A
J1
J2
J3
E
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
4.4
4.6
4.7
0.175
0.180
0.185
b
0.7
0.8
0.9
0.027
0.032
0.037
D
8.4
8.7
8.9
0.330
0.340
0.350
d1
1.0
0.039
d2
6.3
0.248
E
9.91
10.16
10.41
0.390
0.400
0.410
e
1.6
1.7
1.8
0.062
0.067
0.072
F
1.2
1.25
1.3
0.048
0.050
0.052
H1
6.4
0.250
H2
20.8
21.6
22.4
0.820
0.850
0.880
H3
23.9
24.7
25.5
0.942
0.972
1.002
J1
2.7
0.105
J2
3.7
4.5
5.3
0.147
0.177
0.207
J3
8.4
0.331
Q
2.5
2.8
3.0
0.100
0.110
0.120


Similar Part No. - AP1501A-33K5

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501A-33K5 ANACHIP-AP1501A-33K5 Datasheet
203Kb / 12P
   150Khz, 5A PWM Buck DC/DC Converter
AP1501A-33K5A ANACHIP-AP1501A-33K5A Datasheet
203Kb / 12P
   150Khz, 5A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1501A-33K5G-13 DIODES-AP1501A-33K5G-13 Datasheet
231Kb / 12P
   150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
AP1501A-33K5G-13 DIODES-AP1501A-33K5G-13 Datasheet
367Kb / 13P
   5A PWM BUCK DC/DC CONVERTER
AP1501A-33K5G-U DIODES-AP1501A-33K5G-U Datasheet
231Kb / 12P
   150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
More results

Similar Description - AP1501A-33K5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1501A DIODES-AP1501A Datasheet
231Kb / 12P
   150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
logo
Anachip Corp
AP1501A ANACHIP-AP1501A_1 Datasheet
203Kb / 12P
   150Khz, 5A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX3203 ETC-AX3203 Datasheet
190Kb / 7P
   150KHz, 5A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com