Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83SND2C-7FRUL Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT83SND2C-7FRUL
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
Download  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2C-7FRUL Datasheet(HTML) 2 Page - ATMEL Corporation

  AT83SND2C-7FRUL Datasheet HTML 1Page - ATMEL Corporation AT83SND2C-7FRUL Datasheet HTML 2Page - ATMEL Corporation AT83SND2C-7FRUL Datasheet HTML 3Page - ATMEL Corporation AT83SND2C-7FRUL Datasheet HTML 4Page - ATMEL Corporation AT83SND2C-7FRUL Datasheet HTML 5Page - ATMEL Corporation AT83SND2C-7FRUL Datasheet HTML 6Page - ATMEL Corporation AT83SND2C-7FRUL Datasheet HTML 7Page - ATMEL Corporation AT83SND2C-7FRUL Datasheet HTML 8Page - ATMEL Corporation AT83SND2C-7FRUL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 236 page
background image
2
AT8xC51SND2C
4341E–MP3–06/05
Description
The AT8xC51SND2C has been developed for handling MP3 ringing tones in mobile
phones and can replace sound generators while adding SD/MMC card reader, MP3
music decoding, and connection of the cell phone to a PC through USB. Cell phones
can also be used as a thumb drive extending cell phone capabilities.
The AT8xC51SND2C are fully integrated stand-alone hardwired MPEG I/II-Layer 3
decoder with a C51 microcontroller core handling data flow, MP3-player control, Stereo
Audio DAC and Mono Audio Power Amplifier for speaker control.
The AT89C51SND2C includes 64K Bytes of Flash memory and allows In-System Pro-
gramming through an embedded 4K Bytes of Boot Flash memory.
The AT83SND2C includes 64K Bytes of ROM memory.
The AT8xC51SND2C include 2304 Bytes of RAM memory.
The AT8xC51SND2C provides the necessary features for human interface like timers,
keyboard port, serial or parallel interface (USB, TWI, SPI, IDE), I
2S output, and all exter-
nal memory interface (NAND or NOR Flash, SmartMedia, MultiMedia, DataFlash cards).
Typical Applications
MP3-Player
PDA, Camera, Mobile Phone MP3
Car Audio/Multimedia MP3
Home Audio/Multimedia MP3


Similar Part No. - AT83SND2C-7FRUL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83SND2C ATMEL-AT83SND2C Datasheet
2Mb / 241P
   Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
AT83SND2C ATMEL-AT83SND2C Datasheet
2Mb / 235P
   Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
AT83SND2C ATMEL-AT83SND2C Datasheet
2Mb / 242P
   MPEG I/II-Layer 3 Hardwired Decoder
AT83SND2CDVX ATMEL-AT83SND2CDVX Datasheet
871Kb / 97P
   Single-Chip MP3 Decoder with Full Audio Interface
AT83SND2CDVX ATMEL-AT83SND2CDVX_14 Datasheet
1Mb / 98P
   CRC Error and MPEG Frame Synchronization Indicators
More results

Similar Description - AT83SND2C-7FRUL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83SND2C ATMEL-AT83SND2C_05 Datasheet
2Mb / 235P
   Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
AT83SND2C ATMEL-AT83SND2C_06 Datasheet
2Mb / 241P
   Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
AT83SND2CMP3_0605 ATMEL-AT83SND2CMP3_0605 Datasheet
871Kb / 97P
   Single-Chip MP3 Decoder with Full Audio Interface
AT83SND1C ATMEL-AT83SND1C_06 Datasheet
2Mb / 212P
   Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
AT83C51SND1C ATMEL-AT83C51SND1C_03 Datasheet
1Mb / 210P
   Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
AT83SND1C ATMEL-AT83SND1C Datasheet
458Kb / 42P
   Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
DOC4106 ATMEL-DOC4106 Datasheet
791Kb / 47P
   Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
AT83C51SND1C ATMEL-AT83C51SND1C Datasheet
791Kb / 47P
   Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
T83C51SND1 ATMEL-T83C51SND1 Datasheet
868Kb / 60P
   Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
logo
Princeton Technology Co...
PT8401 PTC-PT8401 Datasheet
228Kb / 28P
   MP3 Audio Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com