Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN80P52RSP Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AN80P52RSP
Description  5-pin, low dropout voltage regulator with standby function (1 A type)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN80P52RSP Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN80P52RSP Datasheet HTML 1Page - Panasonic Semiconductor AN80P52RSP Datasheet HTML 2Page - Panasonic Semiconductor AN80P52RSP Datasheet HTML 3Page - Panasonic Semiconductor AN80P52RSP Datasheet HTML 4Page - Panasonic Semiconductor AN80P52RSP Datasheet HTML 5Page - Panasonic Semiconductor AN80P52RSP Datasheet HTML 6Page - Panasonic Semiconductor AN80P52RSP Datasheet HTML 7Page - Panasonic Semiconductor AN80P52RSP Datasheet HTML 8Page - Panasonic Semiconductor AN80P52RSP Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Voltage Regulators
1
Publication date: November 2001
SFF00010CEB
AN80PxxRSP Series
5-pin, low dropout voltage regulator with standby function (1 A type)
I Overview
The AN80PxxRSP series is a 1 A, low dropout voltage
regulator with standby function, featuring low current
consumption and low noise.
I Features
• Standby consumption current: max. 3 µA
• Dropout voltage: 0.3 V
• Output voltage accuracy: ±3%
• 5-pin surface mounting package
• Ripple rejection ratio of 30 dB (f = 500 kHz)
• Output voltage: 1.8 V, 1.9 V, 2.0 V, 2.1 V, 2.2 V, 2.5 V,
2.7 V, 2.8 V, 2.9 V, 3.0 V, 3.1 V, 3.2 V,
3.3 V, 3.4 V, 3.5 V, 3.6 V, 4.8 V, 4.9 V,
5.0 V, 5.1 V, 5.2 V, 5.3 V
I Applications
• General use power supply
I Block Diagram
Unit: mm
SP-5SU
12
3
4
5
VOUT
COUT1
COUT2
CNR
Cont.
(Fin)
Input short-circuit
protection
Output stage
Overcurrent
limitter
Error amplifier
Thermal
protection
Inrush current
protection
VREF
R1
R2
VIN
CIN
CIN: 100 µF, CNR: 1 µF, COUT1: 33 µF, COUT2: 0.1 µF
(3.00)
(4.35)
5.40
±0.10
6.50
±0.10
5.08
±0.10
12
4
5
0.50
±0.10
0.50
±0.10
0.10
±0.10
1.00
±0.10
1.27
±0.10
3
(0.75)
0.50
±0.10
Note) The package of this product will be changed
to lead-free type (SP-5SUA). See the new pack-
age dimensions section later of this datasheet.


Similar Part No. - AN80P52RSP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8000 PANASONIC-AN8000 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
AN8000M PANASONIC-AN8000M Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
AN8001FHK PANASONIC-AN8001FHK Datasheet
66Kb / 8P
   Gradation voltage generation IC for liquid crystal display
AN8002 PANASONIC-AN8002 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
AN8002 PANASONIC-AN8002 Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
More results

Similar Description - AN80P52RSP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN80MXXRSP PANASONIC-AN80MXXRSP Datasheet
307Kb / 29P
   5-pin, low dropout voltage regulator with standby function (500 mA type)
logo
Acutechnology Semicondu...
AQ1541 ACUTECH-AQ1541 Datasheet
664Kb / 10P
   Low Dropout 1 Amp Voltage Regulator with Enable Function
logo
Panasonic Semiconductor
AN7700 PANASONIC-AN7700 Datasheet
169Kb / 21P
   Low-dropout three-pin voltage regulator 1.2-A type
logo
Texas Instruments
LM2940 TI1-LM2940 Datasheet
290Kb / 16P
[Old version datasheet]   1-A LOW-DROPOUT VOLTAGE REGULATOR
MAY 2006
logo
Sanyo Semicon Device
L88R05 SANYO-L88R05_10 Datasheet
323Kb / 6P
   5 V, 1 A Voltage-regulator ICs with Reset Function
logo
NEC
UPC29S00 NEC-UPC29S00 Datasheet
74Kb / 16P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF FUNCTION
logo
STMicroelectronics
LEXX STMICROELECTRONICS-LEXX Datasheet
1Mb / 24P
   Very low-dropout voltage regulator with inhibit function
May 2017 Rev 15
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Linear Dimensions Semic...
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
logo
ON Semiconductor
NCP706B ONSEMI-NCP706B Datasheet
203Kb / 10P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com