Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARJ20A24 Datasheet(PDF) 5 Page - Nais(Matsushita Electric Works)

Part # ARJ20A24
Description  SMD RELAYS WITH 8GHz CAPABILITIES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ARJ20A24 Datasheet(HTML) 5 Page - Nais(Matsushita Electric Works)

  ARJ20A24 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ARJ20A24 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ARJ20A24 Datasheet HTML 3Page - Nais(Matsushita Electric Works) ARJ20A24 Datasheet HTML 4Page - Nais(Matsushita Electric Works) ARJ20A24 Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RJ(ARJ2)
16
Measuring method (Impedance 50
Ω)
Connector
(Step 1) Calibrate the test system with HP
calibration kit [HP85052B]
(Step 2) After calibration, connect the
D.U.T. board and measure. Con-
nect 50
Ω terminals on connec-
tors other than those for
measurement.
Notes)
1. All bottom surface of the base should be
touched closely or soldered with PC board
ground.
2. 4 ribs should be soldered with PC board
ground.
Measuring board
1) Dimensions
<Surface mount terminal>
<Standard PC board terminal>
<Calibration board>
2) Material: Glass PTFE double-sided
through hole PC board R-4737 (Matsush-
ita Electric Works)
3) Board thickness: t = 0.8 mm
4) Copper plating: 18
µm
• Connector (SMA type receptacle)
Product name: R125 510 (RADIALL)
Insertion loss compensation
The insertion loss of relay itself is given by
subtracting the insertion loss of short-
circuit the Com and the NC (or NO). (sig-
nal path and two connectors)
9. Others
1) The switching lifetime is defined under
the standard test condition specified in the
JIS* C 5442-1996 standard (temperature
15 to 35
°C 59 to 95°F, humidity 25 to
75%). Check this with the real device as it
is affected by coil driving circuit, load type,
activation frequency, activation phase,
ambient conditions and other factors.
Also, be especially careful of loads such
as those listed below.
• When used for AC load-operating and
the operating phase is synchronous.
Rocking and fusing can easily occur due
to contact shifting.
• High-frequency load-operating
When high-frequency opening and clos-
ing of the relay is performed with a load
that causes arcs at the contacts, nitrogen
and oxygen in the air is fused by the arc
energy and HNO3 is formed. This can cor-
rode metal materials.
Three countermeasures for these are listed
here.
(1) Incorporate an arc-extinguishing circuit.
(2) Lower the operating frequency
(3) Lower the ambient humidity
2) Use the relay within specifications such
as coil rating, contact rating and on/off
service life. If used beyond limits, the relay
may overheat, generate smoke or catch
fire.
3) Be careful not to drop the relay. If acci-
dentally dropped, carefully check its ap-
pearance and characteristics before use.
4) Be careful to wire the relay correctly.
Otherwise, malfunction, overheat, fire or
other trouble may occur.
5) If a relay stays on in a circuit for many
months or years at a time without being
activated, circuit design should be re-
viewed so that the relay can remain non-
excited. A coil that receives current all the
time heats, which degrades insulation
earlier than expected. A latching type re-
lay is recommended for such circuits.
6) The latching type relay is shipped in the
reset position. But jolts during transport or
impacts during installation can change
the reset position. It is, therefore, advis-
able to build a circuit in which the relay
can be initialized (set and reset) just after
turning on the power.
7) If silicone materials (e.g., silicone rub-
bers, silicone oils, silicone coating agents,
silicone sealers) are used in the vicinity of
the relay, the gas emitted from the silicone
may adhere to the contacts of the relay
during opening and closing and lead to
improper contact. If this is the case, use a
material other than silicone.
8) We recommend latching type when us-
ing in applications which involve lengthy
duty cycles.
* Japanese Industrial Standards
No.
Product name
Contents
1
HP 85131-60013
3.5 mm testport,
Extension cable
2
HP 83059
3.5 mm coaxial
adaptor
Network
analyzer
S parameter
test set
PORT2
PORT1
HP
8510C
HP
8515A
1
B
A
R
RF
OUT
RF
IN
B
A
R
2
1
2
Through
hole
86-0.40
dia.
86-.016
dia.
17.00
.669
0.40
.016
6-1.76
6-.069
0.80
.031
0.40
.016
8.89
.350
12.04
.474
8.35
.329
30.00
1.181
0.40
.016
0.40
.016
2.81
.111
7.07
.278
7.22
.284
20.00
.787
1.00
.039
6-0.70
dia.
6-.028
dia.
4-0.60
dia.
4-.024
dia.
78-0.40
dia.
78-.016
dia.
8.35
.329
12.70
.500
17.00
.669
0.40
.016
0.40
.016
6-1.86
6-.073
0.90
.035
8.89
.350
11.70
.461
30.00
1.181
0.50
.020
0.50
.020
7.62
.300
3.81
.150
1.00
.039
6.72
.265
6.62
.261
20.00
.787
14.5
.571
10.0
.394
0.40 or 0.50
.016 or .020
1.76 or 1.86
.069 or .073
12/2/2002
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog
rj.fm
6
y [ W
QOOPNX
PPœ@˛jœ@
OPP
SS“


Similar Part No. - ARJ20A24

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJ21A ABRACON-ARJ21A Datasheet
5Mb / 7P
   10/100/1000 Base-TX 2x1 Jack with Magnetic Module
04.22.13
ARJ21A-MBSD-A ABRACON-ARJ21A-MBSD-A Datasheet
5Mb / 7P
   RJ45 10/100/1000 Base-TX 2x1 Jack with Magnetic Module
04.22.13
ARJ21A-MBSD-A-B-EMU2 ABRACON-ARJ21A-MBSD-A-B-EMU2 Datasheet
5Mb / 7P
   10/100/1000 Base-TX 2x1 Jack with Magnetic Module
04.22.13
ARJ21A-MBSD-A-B-EMU2 ABRACON-ARJ21A-MBSD-A-B-EMU2 Datasheet
5Mb / 7P
   RJ45 10/100/1000 Base-TX 2x1 Jack with Magnetic Module
04.22.13
ARJ21A-MCSA-LT2 ABRACON-ARJ21A-MCSA-LT2 Datasheet
5Mb / 7P
   10/100/1000 Base-TX 2x1 Jack with Magnetic Module
04.22.13
More results

Similar Description - ARJ20A24

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ARN10A4H PANASONIC-ARN10A4H Datasheet
158Kb / 6P
   8GHz, 150W CARRYING POWER (at 2GHz) MICROWAVE RELAYS
logo
Texas Instruments
LM3S9B92 TI1-LM3S9B92_14 Datasheet
100Kb / 3P
[Old version datasheet]   Evaluation board with robotic capabilities
logo
Mini-Circuits
K1-GAT MINI-K1-GAT Datasheet
309Kb / 1P
   DC to 8GHz
K2-GAT MINI-K2-GAT Datasheet
291Kb / 1P
   DC to 8GHz
logo
Cypress Semiconductor
CY30703 CYPRESS-CY30703 Datasheet
69Kb / 4P
   Demonstrates CY27EE16 capabilities
logo
RF Micro Devices
RFVC1802 RFMD-RFVC1802 Datasheet
511Kb / 8P
   WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 4GHZ TO 8GHZ
logo
Filtronic Compound Semi...
LMA110B FILTRONIC-LMA110B Datasheet
106Kb / 4P
   .5-8GHz MESFET Amplifier
logo
Cornell Dubilier Electr...
381LR CDE-381LR_14 Datasheet
900Kb / 6P
   Ultra-High Ripple Capabilities
logo
RF Micro Devices
RFVC1800 RFMD-RFVC1800_14 Datasheet
656Kb / 6P
   Wideband MMIC VCO with Buffer Amplifier 8GHz to 12GHz
RFVC1802 RFMD-RFVC1802_14 Datasheet
625Kb / 6P
   Wideband MMIC VCO with Buffer Amplifier 4GHz to 8GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com