Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARJ20A12Z Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # ARJ20A12Z
Description  SMD RELAYS WITH 8GHz CAPABILITIES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ARJ20A12Z Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  ARJ20A12Z Datasheet HTML 1Page - Nais(Matsushita Electric Works) ARJ20A12Z Datasheet HTML 2Page - Nais(Matsushita Electric Works) ARJ20A12Z Datasheet HTML 3Page - Nais(Matsushita Electric Works) ARJ20A12Z Datasheet HTML 4Page - Nais(Matsushita Electric Works) ARJ20A12Z Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RJ(ARJ2)
3
TYPES AND COIL DATA (at 20
°C 68°F)
1. Standard PC board terminal
• Packing of standard PC board terminal: 50 pcs. in an inner package (carton); 500 pcs. in an outer package
2. Surface-mount terminal
• Packing of surface-mount terminal: 50 pcs. in an inner package (carton); 500 pcs. in an outer package
• Packing of surface-mount terminal: 500 pcs. in an inner package (tape and reel); 500 pcs. in an outer package
Operating
function
Coil Rating,
V DC
Part No.
Pick-up voltage,
V DC (max.)
(initial)
Drop-out voltage,
V DC (min.)
(initial)
Nominal operating
current, mA
(
±10%)
Coil resistance,
Ω (±10%)
Nominal
operating
power, mW
Max. allowable
voltage, V DC
Standard PC
board terminal
Single side
stable
3
ARJ2003
2.25
0.3
66.6
45
200
3.3
4.5
ARJ204H
3.375
0.45
44.4
101.2
200
4.95
12
ARJ2012
9
1.2
16.6
720
200
13.2
24
ARJ2024
18
2.4
8.3
2,880
200
26.4
Operating
function
Coil Rating,
V DC
Part No.
Set voltage,
V DC (max.)
(initial)
Reset voltage,
V DC (min.)
(initial)
Nominal operating
current, mA
(
±10%)
Coil resistance,
Ω (±10%)
Nominal
operating
power, mW
Max. allowable
voltage, V DC
Standard PC
board terminal
2 coil
latching
3
ARJ2203
2.25
2.25
50
60
150
3.3
4.5
ARJ224H
3.375
3.375
33.3
135
150
4.95
12
ARJ2212
9
9
12.5
960
150
13.2
24
ARJ2224
18
18
6.3
3,840
150
26.4
Operating
function
Coil Rating,
V DC
Part No.
Pick-up
voltage, V DC
(max.) (initial)
Drop-out
voltage, V DC
(min.) (initial)
Nominal operating
current, mA
(
±10%)
Coil
resistance,
Ω (±10%)
Nominal
operating
power, mW
Max. allowable
voltage, V DC
Carton
packing
Tape and reel
packing
Single side
stable
3
ARJ20A03
ARJ20A03Z
2.25
0.3
66.6
45
200
3.3
4.5
ARJ20A4H
ARJ20A4HZ
3.375
0.45
44.4
101.2
200
4.95
12
ARJ20A12
ARJ20A12Z
9
1.2
16.6
720
200
13.2
24
ARJ20A24
ARJ20A24Z
18
2.4
8.3
2,880
200
26.4
Operating
function
Coil Rating,
V DC
Part No.
Set voltage,
V DC (max.)
(initial)
Reset voltage,
V DC (min.)
(initial)
Nominal operating
current, mA
(
±10%)
Coil
resistance,
Ω (±10%)
Nominal
operating
power, mW
Max. allowable
voltage, V DC
Carton
packing
Tape and reel
packing
2 coil
latching
3
ARJ22A03
ARJ22A03Z
2.25
2.25
50
60
150
3.3
4.5
ARJ22A4H
ARJ22A4HZ
3.375
3.375
33.3
135
150
4.95
12
ARJ22A12
ARJ22A12Z
9
9
12.5
960
150
13.2
24
ARJ22A24
ARJ22A24Z
18
18
6.3
3,840
150
26.4
REFERENCE DATA
1. High frequency characteristics
Sample: ARJ20A12
Measuring method: Measured with MEW PC board by HP network analyzer (HP8510C).
• V.S.W.R. characteristics
• Insertion loss characteristics
(without D.U.T. board’s loss)
• Isolation characteristics
2.0
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
Frequency
45MHz
5GHz
8GHz
3.0
0.5
0
1.0
1.5
2.0
2.5
8GHz
5GHz
45MHz
Frequency
10
0
20
30
40
50
60
70
80
45MHz
8GHz
5GHz
Frequency
Between contact sets
Between open contact
rj.fm
3
y [ W
QOOPNX
PPœ@˛jœ@
OPP
SS“


Similar Part No. - ARJ20A12Z

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ARJ21A ABRACON-ARJ21A Datasheet
5Mb / 7P
   10/100/1000 Base-TX 2x1 Jack with Magnetic Module
04.22.13
ARJ21A-MBSD-A ABRACON-ARJ21A-MBSD-A Datasheet
5Mb / 7P
   RJ45 10/100/1000 Base-TX 2x1 Jack with Magnetic Module
04.22.13
ARJ21A-MBSD-A-B-EMU2 ABRACON-ARJ21A-MBSD-A-B-EMU2 Datasheet
5Mb / 7P
   10/100/1000 Base-TX 2x1 Jack with Magnetic Module
04.22.13
ARJ21A-MBSD-A-B-EMU2 ABRACON-ARJ21A-MBSD-A-B-EMU2 Datasheet
5Mb / 7P
   RJ45 10/100/1000 Base-TX 2x1 Jack with Magnetic Module
04.22.13
ARJ21A-MCSA-LT2 ABRACON-ARJ21A-MCSA-LT2 Datasheet
5Mb / 7P
   10/100/1000 Base-TX 2x1 Jack with Magnetic Module
04.22.13
More results

Similar Description - ARJ20A12Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ARN10A4H PANASONIC-ARN10A4H Datasheet
158Kb / 6P
   8GHz, 150W CARRYING POWER (at 2GHz) MICROWAVE RELAYS
logo
Texas Instruments
LM3S9B92 TI1-LM3S9B92_14 Datasheet
100Kb / 3P
[Old version datasheet]   Evaluation board with robotic capabilities
logo
Mini-Circuits
K1-GAT MINI-K1-GAT Datasheet
309Kb / 1P
   DC to 8GHz
K2-GAT MINI-K2-GAT Datasheet
291Kb / 1P
   DC to 8GHz
logo
Cypress Semiconductor
CY30703 CYPRESS-CY30703 Datasheet
69Kb / 4P
   Demonstrates CY27EE16 capabilities
logo
RF Micro Devices
RFVC1802 RFMD-RFVC1802 Datasheet
511Kb / 8P
   WIDEBAND MMIC VCO WITH BUFFER AMPLIFIER, 4GHZ TO 8GHZ
logo
Filtronic Compound Semi...
LMA110B FILTRONIC-LMA110B Datasheet
106Kb / 4P
   .5-8GHz MESFET Amplifier
logo
Cornell Dubilier Electr...
381LR CDE-381LR_14 Datasheet
900Kb / 6P
   Ultra-High Ripple Capabilities
logo
RF Micro Devices
RFVC1800 RFMD-RFVC1800_14 Datasheet
656Kb / 6P
   Wideband MMIC VCO with Buffer Amplifier 8GHz to 12GHz
RFVC1802 RFMD-RFVC1802_14 Datasheet
625Kb / 6P
   Wideband MMIC VCO with Buffer Amplifier 4GHz to 8GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com