Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCY70 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # BCY70
Description  Small Signal Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BCY70 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  BCY70 Datasheet HTML 1Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Small Signal Transistors
TO-18 Case (Continued)
www.centr alsemi.com
TYPE NO.
DESCRIPTION
BVCBO BVCEO BVEBO ICBO @VCB
hFE
@ IC @VCE VCE (SAT) @ IC
COB
fT
NF
ton
toff
(V)
(V)
(V)
(
µµA)
(V)
(mA)
(V)
(V)
(mA)
(pF)
(MHz) (dB)
(ns)
(ns)
MIN
MIN
MIN
MAX
MIN
MAX
MAX
MAX
MIN MAX
MAX
MAX
2N5183
NPN AMPL/SWITCH
18
18
7.0
0.5
12
75
400
10
10
0.5
300
20
125
- -
- -
- -
2N6430 NPN HIGH VOLTAGE
200
200
6.0
0.1
160
50
200
30
10
0.5
20
4.0
50
- -
- -
- -
2N6431 NPN HIGH VOLTAGE
300
300
6.0
0.1
200
50
200
30
10
0.5
20
4.0
50
- -
- -
- -
2N6432 PNP HIGH VOLTAGE
200
200
5.0
0.25
160
30
150
30
10
0.5
20
6.0
50
- -
- -
- -
2N6433 PNP HIGH VOLTAGE
300
300
5.0
0.25
200
30
150
30
10
0.5
20
6.0
50
- -
- -
- -
BC110
NPN AMPL/SWITCH
80
80
8.0
0.1
80
30
- -
2.0
5.0
0.6
50
5.0
50
- -
- -
- -
BC187
PNP AMPL/SWITCH
30
25
5.0
0.1
30
140
- -
2.0
5.0
- -
- -
- -
- -
- -
- -
- -
BC393
PNP AMPL/SWITCH
180
180
6.0
0.05
100
50
100
10
10
0.3
10
7.0
5.0
- -
100
400
BC394
NPN AMPL/SWITCH
180
180
6.0
0.05
100
50
100
10
10
0.3
10
7.0
5.0
- -
100
400
BC477
PNP AMPL/SWITCH
90
80
6.0
0.01*
70
70
250
2.0
5.0
0.25
10
6.0
150
10
- -
- -
BCX22
NPN AMPL/SWITCH
125
125
5.0
0.1*
100
40
- -
200
1.0
0.9
300
12
50
- -
- -
- -
BCX23
PNP AMPL/SWITCH
125
125
5.0
0.1*
100
40
- -
200
1.0
0.9
300
12
50
- -
- -
- -
BCX24
NPN AMPL/SWITCH
100
100
7.0
0.03*
0.03*
20
- -
10
1.0
0.9
300
12
30
- -
- -
- -
BCX39
PNP AMPL/SWITCH
100
100
5.0
0.1*
100
40
- -
200
1.0
0.9
300
12
50
- -
- -
- -
BCX94
NPN AMPL/SWITCH
100
100
5.0
100*
100
63
- -
100
1.0
0.9
300
8.0
50
- -
- -
- -
BCY70
PNP AMPL/SWITCH
50
40
5.0
0.5
50
15
- -
50
1.0
0.25
10
6.0
250
6.0
65
420
BCY71
PNP AMPL/SWITCH
45
45
5.0
0.5
45
100
600
10
1.0
0.25
10
6.0
250
2.0
- -
- -
BCY79
PNP AMPL/SWITCH
45
45
5.0
0.1*
45
80
1.0K
10
1.0
0.25
10
7.0
180
6.0
150
800
BFR16
NPN LOW NOISE
60
60
8.0
0.01*
50
150
490
1.0
5.0
5.0
10
6.0
70
4.0
- -
- -
BFW68
NPN AMPL/SWITCH
50
40
5.0
0.01
30
45
- -
1.0
10
0.15
10
4.0
250
6.0
30
240
BFX65
PNP AMPL/SWITCH
45
45
6.0
0.01*
40
100
- -
1.0
5.0
0.25
10
6.5
100
3.0
- -
- -
BFY18
NPN AMPL/SWITCH
40
25
3.0
0.01
20
25
- -
10
9.0
1.5
10
5.5
200
- -
- -
- -
BFY74
NPN AMPL/SWITCH
60
45
5.0
0.01
45
40
180
10
5.0
1.0
10
4.0
250
- -
- -
- -
BFY76
NPN LOW NOISE
60
60
8.0
0.02*
50
150
300
1.0
5.0
0.35
1.0
6.0
70
4.0
- -
- -
BSV68
PNP AMPL/SWITCH
110
100
6.0
10
110
30
- -
10
5.0
0.25
25
5.0
50
- -
- -
- -
BSX19
NPN AMPL/SWITCH
40
15
- -
0.4
20
20
60
10
1.0
0.25
10
4.0
400
- -
12
15
BSX20
NPN AMPL/SWITCH
40
15
4.5
0.4
20
40
120
10
1.0
0.25
10
4.0
500
- -
12
18
BSX21
NPN AMPL/SWITCH
120
80
5.0
0.2
90
20
- -
4.0
1.0
0.70
4.0
4.5
60
- -
- -
- -
BSX36
PNP AMPL/SWITCH
40
40
5.0
0.015
25
40
- -
10
10
1.8
500
8.0
100
- -
40
100
BSX49
NPN AMPL/SWITCH
60
40
5.0
0.07
50
25
- -
100
1.0
1.0
500
6.0
250
- -
50
95
BSX79
NPN AMPL/SWITCH
50
45
5.0
0.01
25
100
750
10
1.0
0.2
10
5.0
200
- -
150
800
BSY18
NPN AMPL/SWITCH
20
12
5.0
1.0
20
40
120
10
0.35
0.28
10
5.0
280
- -
16
24
BSY62
NPN AMPL/SWITCH
25
15
5.0
0.5
15
20
300
10
1.0
0.6
10
5.0
280
- -
40
75
BSY79
NPN AMPL/SWITCH
120
- -
5.0
0.05
90
30
- -
1.0
1.0
0.5
2.0
4.0
50
- -
- -
- -
BSY95A NPN AMPL/SWITCH
20
15
5.0
0.05
16
50
200
10
0.35
0.35
10
6.0
200
- -
- -
- -
MM4257 PNP FAST SWITCH
6.0
6.0
4.5
0.01*
6.0
30
120
10
0.3
0.15
10
3.0
500
- -
25
25
MM4258 PNP FAST SWITCH
12
12
4.5
0.01*
6.0
30
120
10
0.3
0.15
10
3.0
700
- -
25
30
*ICES
**ICEV
(6-December 2004)


Similar Part No. - BCY70

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCY70 PHILIPS-BCY70 Datasheet
51Kb / 8P
   PNP general purpose transistors
1997 Jul 11
logo
STMicroelectronics
BCY70 STMICROELECTRONICS-BCY70 Datasheet
133Kb / 5P
   GENERAL PURPOSE AMPLIFIERS
logo
Micro Electronics
BCY70 MICRO-ELECTRONICS-BCY70 Datasheet
173Kb / 2P
   PNP SILICON TRANSISTORS
logo
Seme LAB
BCY70 SEME-LAB-BCY70 Datasheet
49Kb / 3P
   GENERAL PURPOSE PNP SILICON TRANSISTOR
logo
Comset Semiconductor
BCY70 COMSET-BCY70 Datasheet
150Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - BCY70

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N3011 CENTRAL-2N3011 Datasheet
33Kb / 1P
   Small Signal Transistors
BUY68 CENTRAL-BUY68 Datasheet
56Kb / 1P
   Small Signal Transistors
2N5785 CENTRAL-2N5785 Datasheet
56Kb / 1P
   Small Signal Transistors
PN5133 CENTRAL-PN5133 Datasheet
56Kb / 1P
   Small Signal Transistors
2N3576 CENTRAL-2N3576 Datasheet
534Kb / 1P
   Small Signal Transistors
2N5183 CENTRAL-2N5183 Datasheet
33Kb / 1P
   Small Signal Transistors
2N4030 CENTRAL-2N4030 Datasheet
55Kb / 1P
   Small Signal Transistors
BFX88 CENTRAL-BFX88 Datasheet
56Kb / 1P
   Small Signal Transistors
logo
New Jersey Semi-Conduct...
2N2309 NJSEMI-2N2309 Datasheet
81Kb / 1P
   Small Signal Transistors
logo
Central Semiconductor C...
2N3402 CENTRAL-2N3402 Datasheet
54Kb / 1P
   Small Signal Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com