Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2057TTSTR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2057TTSTR
Description  ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO CELL LITHIUM-POLYMER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2057TTSTR Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ2057TTSTR Datasheet HTML 7Page - Texas Instruments BQ2057TTSTR Datasheet HTML 8Page - Texas Instruments BQ2057TTSTR Datasheet HTML 9Page - Texas Instruments BQ2057TTSTR Datasheet HTML 10Page - Texas Instruments BQ2057TTSTR Datasheet HTML 11Page - Texas Instruments BQ2057TTSTR Datasheet HTML 12Page - Texas Instruments BQ2057TTSTR Datasheet HTML 13Page - Texas Instruments BQ2057TTSTR Datasheet HTML 14Page - Texas Instruments BQ2057TTSTR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
bq2057, bq2057C
bq2057T, bq2057W
SLUS025F − MAY 2001 − REVISED JULY 2002
11
www.ti.com
APPLICATION INFORMATION
Figure 5. High-Side Current Sensing
Figure 6. Low-Side Current Sensing
SNS
BAT
VCC
TS
COMP
CC
VSS
STAT
bq2057
DC+
DC−
RSNS
BAT+
BAT−
SNS
BAT
VCC
TS
COMP
CC
VSS
STAT
bq2057
DC+
DC−
RSNS
BAT+
BAT−
voltage regulation phase
The voltage regulation feedback is through the BAT pin. This input is tied directly to the positive side of the
battery pack. The bq2057 monitors the battery-pack voltage between the BAT and VSS pins. The bq2057 is
offered in four fixed-voltage versions: 4.1 V, 4.2 V, 8.2 V and 8.4 V.
Other regulation voltages can be achieved by adding a voltage divider between the positive and negative
terminals of the battery pack and using bq2057T or bq2057W. The voltage divider presents scaled battery-pack
voltage to BAT input. (See Figure 7 and Figure 8.) The resistor values RB1 and RB2 for the voltage divider are
calculated by the following equation:
R
B1
R
B2
+ N
V
(CELL)
V
O(REG)
–1
Where:
N = Number of cells in series
V(CELL) = Desired regulation voltage per cell
(2)


Similar Part No. - BQ2057TTSTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2057TTSTR TI-BQ2057TTSTR Datasheet
1Mb / 30P
[Old version datasheet]   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE-AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
BQ2057TTSTRG4 TI-BQ2057TTSTRG4 Datasheet
1Mb / 30P
[Old version datasheet]   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE-AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
More results

Similar Description - BQ2057TTSTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2057CTSTRG4 TI-BQ2057CTSTRG4 Datasheet
1Mb / 30P
[Old version datasheet]   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE-AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
logo
Unisonic Technologies
UB2012 UTC-UB2012_12 Datasheet
263Kb / 17P
   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE AND TWO-CELL LITHIUM-ION AND LITHIUM-POLYMER
logo
List of Unclassifed Man...
AT1457 ETC-AT1457 Datasheet
287Kb / 12P
   1-CELL LITHIUM AND LITHIUM POLYMER CHARGE MANAGEMENT IC
logo
Fortune Semiconductor C...
FS3871 FORTUNE-FS3871 Datasheet
951Kb / 13P
   LINEAR CHARGE MANAGEMENT IC FOR LITHIUM-ION AND LITHIUM-POLYMER
logo
Shenzhen Huazhimei Semi...
HM4088 HMSEMI-HM4088 Datasheet
489Kb / 12P
   Switched single-cell, two-cell lithium-ion/lithium polymer charge management chip
logo
Microchip Technology
MCP73841 MICROCHIP-MCP73841_13 Datasheet
416Kb / 26P
   Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
1/29/12 2003-2013
MCP73841 MICROCHIP-MCP73841 Datasheet
414Kb / 24P
   Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
2004
logo
Unisonic Technologies
UB2012 UTC-UB2012 Datasheet
320Kb / 17P
   ADVANCED LINEAR CHARGE MANAGEMENT IC FOR SINGLE
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
SS4036G SSC-SS4036G Datasheet
879Kb / 9P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com