Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC175 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC175
Description  High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC175 Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC175 Datasheet HTML 1Page - Texas Instruments CD54HC175 Datasheet HTML 2Page - Texas Instruments CD54HC175 Datasheet HTML 3Page - Texas Instruments CD54HC175 Datasheet HTML 4Page - Texas Instruments CD54HC175 Datasheet HTML 5Page - Texas Instruments CD54HC175 Datasheet HTML 6Page - Texas Instruments CD54HC175 Datasheet HTML 7Page - Texas Instruments CD54HC175 Datasheet HTML 8Page - Texas Instruments CD54HC175 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS160C
Features
• Common Clock and Asynchronous Reset on Four
D-Type Flip-Flops
• Positive Edge Pulse Triggering
• Complementary Outputs
• Buffered Inputs
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC175 and ’HCT175 are high speed Quad D-type Flip-
Flops with individual D-inputs and Q, Q complementary
outputs. The devices are fabricated using silicon gate CMOS
technology.
They
have
the
low
power
consumption
advantage of standard CMOS ICs and the ability to drive 10
LSTTL devices.
Information at the D input is transferred to the Q, Q outputs on
the positive going edge of the clock pulse. All four Flip-Flops
are controlled by a common clock (CP) and a common reset
(MR). Resetting is accomplished by a low voltage level
independent of the clock. All four Q outputs are reset to a
logic 0 and all four Q outputs to a logic 1.
Pinout
CD54HC175, CD54HCT175
(CERDIP)
CD74HC175, CD74HCT175
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC175F3A
-55 to 125
16 Ld CERDIP
CD54HCT175F3A
-55 to 125
16 Ld CERDIP
CD74HC175E
-55 to 125
16 Ld PDIP
CD74HC175M
-55 to 125
16 Ld SOIC
CD74HC175MT
-55 to 125
16 Ld SOIC
CD74HC175M96
-55 to 125
16 Ld SOIC
CD74HCT175E
-55 to 125
16 Ld PDIP
CD74HCT175M
-55 to 125
16 Ld SOIC
CD74HCT175MT
-55 to 125
16 Ld SOIC
CD74HCT175M96
-55 to 125
16 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel of
250.
MR
Q0
Q0
D0
D1
Q1
GND
VCC
Q3
Q3
D3
D2
Q2
Q2
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
CP
Q1
August 1997 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC175, CD74HC175,
CD54HCT175, CD74HCT175
High-Speed CMOS Logic
Quad D-Type Flip-Flop with Reset
[ /Title
(CD74
HC175
,
CD74
HCT17
5)
/Sub-
ject
(High
Speed
CMOS
Logic
Quad
D-
Type
Flip-


Similar Part No. - CD54HC175

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC175 TI-CD54HC175 Datasheet
422Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD54HC175 TI-CD54HC175 Datasheet
562Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD54HC175F3A TI-CD54HC175F3A Datasheet
422Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD54HC175F3A TI-CD54HC175F3A Datasheet
562Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD54HC175 TI-CD54HC175_08 Datasheet
562Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
More results

Similar Description - CD54HC175

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC175 TI-CD74HC175 Datasheet
55Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD54HC175 TI-CD54HC175_08 Datasheet
562Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD54HCT175 TI-CD54HCT175_07 Datasheet
422Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad D-Type Flip-Flop with Reset
CD74HC174 TI-CD74HC174 Datasheet
53Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Hex D-Type Flip-Flop with Reset
CD54HC273 TI-CD54HC273 Datasheet
295Kb / 7P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop with Reset
CD74HC273 TI-CD74HC273 Datasheet
54Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Octal D-Type Flip-Flop with Reset
CD54HC174 TI-CD54HC174 Datasheet
277Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Hex D-Type Flip-Flop with Reset
CD54HC174 TI-CD54HC174_08 Datasheet
422Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Hex D-Type Flip-Flop with Reset
CD54HC273 TI1-CD54HC273_16 Datasheet
858Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Octal D-Type Flip-Flop with Reset
CD54HC173 TI-CD54HC173_08 Datasheet
550Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Quad D-Type Flip-Flop, Three-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com