Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5520 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS5520
Description  14-Bit, 80MSPS Analog-to-Digital Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS5520 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button ADS5520 Datasheet HTML 6Page - Burr-Brown (TI) ADS5520 Datasheet HTML 7Page - Burr-Brown (TI) ADS5520 Datasheet HTML 8Page - Burr-Brown (TI) ADS5520 Datasheet HTML 9Page - Burr-Brown (TI) ADS5520 Datasheet HTML 10Page - Burr-Brown (TI) ADS5520 Datasheet HTML 11Page - Burr-Brown (TI) ADS5520 Datasheet HTML 12Page - Burr-Brown (TI) ADS5520 Datasheet HTML 13Page - Burr-Brown (TI) ADS5520 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
ADS5542
SBAS308A − MAY 2004 − REVISED MARCH 2005
www.ti.com
10
PIN ASSIGNMENTS
TERMINAL
NO.
NAME
NO.
OF PINS
I/O
DESCRIPTION
AVDD
5, 7, 9, 15, 22, 24, 26,
28, 33, 34, 37, 39
12
I
Analog power supply
AGND
6, 8, 12, 13, 14, 16, 18,
21, 23, 25, 27, 32, 36, 38
14
I
Analog ground
DRVDD
49, 58
2
I
Output driver power supply
DRGND
1, 42, 48, 50, 57, 59
6
I
Output driver ground
INP
19
1
I
Differential analog input (positive)
INM
20
1
I
Differential analog input (negative)
REFP
29
1
O
Reference voltage (positive); 0.1
µF capacitor in series with a 1Ω
resistor to GND
REFM
30
1
O
Reference voltage (negative); 0.1
µF capacitor in series with a 1Ω
resistor to GND
IREF
31
1
I
Current set; 56k
Ω resistor to GND; do not connect capacitors
CM
17
1
O
Common-mode output voltage
RESET
35
1
I
Reset (active high), 200k
Ω resistor to AVDD
OE
41
1
I
Output enable (active high)
DFS
40
1
I
Data format and clock out polarity select(1)
CLKP
10
1
I
Data converter differential input clock (positive)
CLKM
11
1
I
Data converter differential input clock (negative)
SEN
4
1
I
Serial interface chip select
SDATA
3
1
I
Serial interface data
SCLK
2
1
I
Serial interface clock
D0 (LSB)−D13 (MSB)
44−47, 51−56, 60−63
14
O
Parallel data output
OVR
64
1
O
Over-range indicator bit
CLKOUT
43
1
O
CMOS clock out in sync with data
NOTE: PowerPAD is connected to analog ground.
(1) Table 3 defines the voltage levels for each mode selectable via the DFS pin.


Similar Part No. - ADS5520

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5520 BURR-BROWN-ADS5520 Datasheet
274Kb / 20P
   12-Bit, 105MSPS Analog-toDigital Converter
ADS5520 BURR-BROWN-ADS5520 Datasheet
861Kb / 29P
   11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5520 BURR-BROWN-ADS5520 Datasheet
995Kb / 30P
   11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Texas Instruments
ADS5520 TI1-ADS5520 Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
[Old version datasheet]   12-Bit, 125 MSPS Analog-To-Digital Converter
More results

Similar Description - ADS5520

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
5962-9319801HXC-14 DATEL-5962-9319801HXC-14 Datasheet
159Kb / 1P
   14-Bit 5MHz Analog To Digital Converter
5962-9319803HXC-14 DATEL-5962-9319803HXC-14 Datasheet
159Kb / 1P
   14-Bit 5MHz Analog To Digital Converter
logo
Texas Instruments
DAC904 TI1-DAC904 Datasheet
789Kb / 23P
[Old version datasheet]   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC904 BURR-BROWN-DAC904 Datasheet
192Kb / 16P
   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
HAS-1409 AD-HAS-1409_15 Datasheet
3Mb / 6P
   14 BIT 125KHZ ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
ADS5541 TI1-ADS5541 Datasheet
1Mb / 37P
[Old version datasheet]   14-Bit, 105MSPS Analog-To-Digital Converter
DAC5675A TI1-DAC5675A Datasheet
1,002Kb / 26P
[Old version datasheet]   14-Bit, 400MSPS Digital-to-Analog Converter
DAC5675IPHP TI1-DAC5675IPHP Datasheet
572Kb / 31P
[Old version datasheet]   14-BIT, 400MSPS DIGITAL-TO ANALOG CONVERTER
logo
DATEL, Inc.
5962-9319801HXA DATEL-5962-9319801HXA Datasheet
170Kb / 1P
   14-Bit 5MHz Analog To Digital Converter
logo
Intronics Power, Inc.
DAS1152 INTRONICS-DAS1152 Datasheet
868Kb / 4P
   14-Bit & 15-Bit Sampling Analog To Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com