Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HL6738MG Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HL6738MG
Description  Visible High Power Laser Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HL6738MG Datasheet(HTML) 8 Page - Hitachi Semiconductor

  HL6738MG Datasheet HTML 1Page - Hitachi Semiconductor HL6738MG Datasheet HTML 2Page - Hitachi Semiconductor HL6738MG Datasheet HTML 3Page - Hitachi Semiconductor HL6738MG Datasheet HTML 4Page - Hitachi Semiconductor HL6738MG Datasheet HTML 5Page - Hitachi Semiconductor HL6738MG Datasheet HTML 6Page - Hitachi Semiconductor HL6738MG Datasheet HTML 7Page - Hitachi Semiconductor HL6738MG Datasheet HTML 8Page - Hitachi Semiconductor HL6738MG Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
HL6738MG
8
Package Dimensions
Hitachi Code
JEDEC
EIAJ
Weight (reference value)
LD/MG
0.3 g
1
2
3
5.6
+0
−0.025
φ
1.0
± 0.1
(0.4)
1.6
± 0.2
φ
φ
φ
4.1
± 0.3
3.55
± 0.1
φ
3
− 0.45 ± 0.1
φ
1
2
3
2.0
± 0.2
Emitting Point
Unit: mm


Similar Part No. - HL6738MG

ManufacturerPart #DatasheetDescription
logo
Opnext. Inc.
HL6738MG OPNEXT-HL6738MG Datasheet
94Kb / 4P
   Visible High Power Laser Diode
More results

Similar Description - HL6738MG

ManufacturerPart #DatasheetDescription
logo
Opnext. Inc.
HL6501MG OPNEXT-HL6501MG Datasheet
93Kb / 4P
   Visible High Power Laser Diode
logo
Roithner LaserTechnik G...
RLT635_100G ROITHNER-RLT635_100G Datasheet
109Kb / 2P
   High Power Visible Laser Diode
RLT650_200G ROITHNER-RLT650_200G Datasheet
186Kb / 3P
   High Power Visible Laser Diode
RLT65300T ROITHNER-RLT65300T Datasheet
128Kb / 3P
   High Power Visible Laser Diode
RLT635-100GPD ROITHNER-RLT635-100GPD Datasheet
186Kb / 3P
   high power visible laser diode
logo
Opnext. Inc.
HL6750MG OPNEXT-HL6750MG Datasheet
93Kb / 4P
   Visible High Power Laser Diode
HL6513FM OPNEXT-HL6513FM Datasheet
95Kb / 4P
   Visible High Power Laser Diode
HL6525MG OPNEXT-HL6525MG Datasheet
95Kb / 4P
   Visible High Power Laser Diode
HL6526FM OPNEXT-HL6526FM Datasheet
95Kb / 4P
   Visible High Power Laser Diode
logo
Hitachi Semiconductor
HL7859MG HITACHI-HL7859MG Datasheet
27Kb / 5P
   Visible High Power Laser Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com