Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5522 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS5522
Description  14-Bit, 80MSPS Analog-to-Digital Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS5522 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button ADS5522 Datasheet HTML 3Page - Burr-Brown (TI) ADS5522 Datasheet HTML 4Page - Burr-Brown (TI) ADS5522 Datasheet HTML 5Page - Burr-Brown (TI) ADS5522 Datasheet HTML 6Page - Burr-Brown (TI) ADS5522 Datasheet HTML 7Page - Burr-Brown (TI) ADS5522 Datasheet HTML 8Page - Burr-Brown (TI) ADS5522 Datasheet HTML 9Page - Burr-Brown (TI) ADS5522 Datasheet HTML 10Page - Burr-Brown (TI) ADS5522 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
ADS5542
SBAS308A − MAY 2004 − REVISED MARCH 2005
www.ti.com
7
RESET TIMING CHARACTERISTICS
Typical values at TA = +25
°C, full temperature range is TMIN = −40°C to TMAX = +85°C, AVDD = DRVDD = 3.3V, and 3VPP differential clock, unless
otherwise noted.
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
Switching Specification
Power-on delay, t1
Delay from power−on of AVDD and DRVDD to
RESET pulse active
10
ms
Reset pulse width, t2
Pulse width of active RESET signal
2
µs
Register write delay, t3
Delay from RESET disable to SEN active
2
µs
RESET (Pin 35)
t1 ≥ 10ms
t2 ≥ 2µst3 ≥ 2µs
SEN Active
Power Supply
(AVDD, DRVDD)
Figure 2. Reset Timing Diagram
SERIAL PROGRAMMING INTERFACE CHARACTERISTICS
The device has a three-wire serial interface. The device
latches the serial data SDATA on the falling edge of
serial clock SCLK when SEN is active.
D Serial shift of bits is enabled when SEN is low.
SCLK shifts serial data at falling edge.
D Minimum width of data stream for a valid loading is
16 clocks.
D Data is loaded at every 16th SCLK falling edge
while SEN is low.
D In case the word length exceeds a multiple of 16
bits, the excess bits are ignored.
D Data can be loaded in multiple of 16-bit words within
a single active SEN pulse.
A3
ADDRESS
SDATA
MSB
DATA
A2
A1
A0
D11
D10
D9
D0
Figure 3. DATA Communication is 2-Byte, MSB First


Similar Part No. - ADS5522

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5522 BURR-BROWN-ADS5522 Datasheet
274Kb / 20P
   12-Bit, 105MSPS Analog-toDigital Converter
ADS5522 BURR-BROWN-ADS5522 Datasheet
861Kb / 29P
   11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5522 BURR-BROWN-ADS5522 Datasheet
995Kb / 30P
   11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Texas Instruments
ADS5522 TI-ADS5522 Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5522 TI1-ADS5522 Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
More results

Similar Description - ADS5522

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
5962-9319801HXC-14 DATEL-5962-9319801HXC-14 Datasheet
159Kb / 1P
   14-Bit 5MHz Analog To Digital Converter
5962-9319803HXC-14 DATEL-5962-9319803HXC-14 Datasheet
159Kb / 1P
   14-Bit 5MHz Analog To Digital Converter
logo
Texas Instruments
DAC904 TI1-DAC904 Datasheet
789Kb / 23P
[Old version datasheet]   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC904 BURR-BROWN-DAC904 Datasheet
192Kb / 16P
   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
HAS-1409 AD-HAS-1409_15 Datasheet
3Mb / 6P
   14 BIT 125KHZ ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
ADS5541 TI1-ADS5541 Datasheet
1Mb / 37P
[Old version datasheet]   14-Bit, 105MSPS Analog-To-Digital Converter
DAC5675A TI1-DAC5675A Datasheet
1,002Kb / 26P
[Old version datasheet]   14-Bit, 400MSPS Digital-to-Analog Converter
DAC5675IPHP TI1-DAC5675IPHP Datasheet
572Kb / 31P
[Old version datasheet]   14-BIT, 400MSPS DIGITAL-TO ANALOG CONVERTER
logo
DATEL, Inc.
5962-9319801HXA DATEL-5962-9319801HXA Datasheet
170Kb / 1P
   14-Bit 5MHz Analog To Digital Converter
logo
Intronics Power, Inc.
DAS1152 INTRONICS-DAS1152 Datasheet
868Kb / 4P
   14-Bit & 15-Bit Sampling Analog To Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com