Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC92314 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MC92314
Description  DVB-T Single Chip Demodulator Application Note
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC92314 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MC92314 Datasheet HTML 3Page - Motorola, Inc MC92314 Datasheet HTML 4Page - Motorola, Inc MC92314 Datasheet HTML 5Page - Motorola, Inc MC92314 Datasheet HTML 6Page - Motorola, Inc MC92314 Datasheet HTML 7Page - Motorola, Inc MC92314 Datasheet HTML 8Page - Motorola, Inc MC92314 Datasheet HTML 9Page - Motorola, Inc MC92314 Datasheet HTML 10Page - Motorola, Inc MC92314 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 100 page
background image
System Overview
Single Chip DVB-T Demodulator - Rev. 1.3 (11/30/98)
MOTOROLA
1-1
SECTION 1
SYSTEM OVERVIEW
In this Application Note Motorola’s single chip demodulator and FEC for DVB-T receivers along
with the usual application is described.
This section covers the overall descriptions as well as an introduction into the DVB-T standard,
supporting the understanding of the special features of the OFDM system.
1.1 General Description
Before describing the important specialities of the DVB-T system itself the key features of
Motorola’s single chip are outlined.
• 0.35mm CMOS process at 3.3 V.
• 160 pin QFP package
• 169 BGA package
There are two main sections in the chip, providing the functions necessary to obtain a complete
MPEG-2 transport stream out of one real IF-sampled DVB-T signal. The steps necessary are
OFDM demodulation and FEC decoding, corresponding to the three separate devices
described in Reference [1-4]:
Important capabilities of the FFT/OFDM block:
• Usable for 8 MHz, 7 MHz and 6 MHz channel bandwidth by adjusting the clock rate.
• C/N performance according to Reference [1-1] Annex A with a degradation margin of 3 dB.
• Supported DVB-T modulation schemes: QPSK, 16-QAM and 64-QAM.
• Automatic lock onto all specified guard interval lengths (1/32,
1/
16,
1/
8,
1/
4).
• Data input: 8 Bit TTL compatible 2’s complement or offset binary.
• Channel estimation and correction using the pilot carriers.
•I2C compatible interface (M-Bus).
• Transmission Parameter Signalling (TPS) data is decoded and made available to the
system controller via M-Bus.
• Processing of one block of 2048 complex samples (i.e. one 2K-OFDM symbol) in 224 ms.
• FFT input wordlength 8 bit, output accuracy 12 bit.
• Overflow on certain OFDM subcarriers due to co-channel interferes is prevented internally.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC92314

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC92300 MOTOROLA-MC92300 Datasheet
42Kb / 4P
   VITERBI Decoder for Digital TV
MC92300CG MOTOROLA-MC92300CG Datasheet
42Kb / 4P
   VITERBI Decoder for Digital TV
MC92303 MOTOROLA-MC92303 Datasheet
33Kb / 3P
   QPSK/BPSK DIGITAL DEMODULATOR
MC92303BT MOTOROLA-MC92303BT Datasheet
33Kb / 3P
   QPSK/BPSK DIGITAL DEMODULATOR
MC92305 MOTOROLA-MC92305 Datasheet
39Kb / 4P
   16/32/64/128/256 QAM RECEIVER AND REED-SOLOMON DECODER
More results

Similar Description - MC92314

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1968AR SONY-CXD1968AR Datasheet
752Kb / 97P
   DVB-T Demodulator
logo
Skyworks Solutions Inc.
SI2165 SKYWORKS-SI2165 Datasheet
189Kb / 2P
   Multi-Standard DVB-T and DVB-C Demodulator
August 11, 2021
logo
Silicon Laboratories
SI2165 SILABS-SI2165 Datasheet
80Kb / 2P
   Multi-Standard DVB-T and DVB-C Demodulator
SI2180-B60 SILABS-SI2180-B60 Datasheet
247Kb / 2P
   ISDB-T and DVB-T/C Demodulator
logo
Skyworks Solutions Inc.
SI2180-B60 SKYWORKS-SI2180-B60 Datasheet
151Kb / 2P
   ISDB-T and DVB-T/C Demodulator
November 28, 2021
logo
NXP Semiconductors
TDA10046HT PHILIPS-TDA10046HT Datasheet
737Kb / 3P
   Single-chip DVB-T channel
May 2002
logo
Silicon Laboratories
SI21802-B60 SILABS-SI21802-B60 Datasheet
161Kb / 2P
   Dual ISDB-T and DVB-T/C Demodulator
logo
Skyworks Solutions Inc.
SI21802-B60 SKYWORKS-SI21802-B60 Datasheet
146Kb / 2P
   Dual ISDB-T and DVB-T/C Demodulator
August 22, 2021
logo
Silicon Laboratories
SI2168-B40 SILABS-SI2168-B40 Datasheet
141Kb / 2P
   DVB-T2/T/C Digital TV Demodulator
logo
List of Unclassifed Man...
PS20353 ETC2-PS20353 Datasheet
2Mb / 27P
   Nordig Unified DVB-T COFDM Terrestrial Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com