Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT4311 Datasheet(PDF) 5 Page - Texas Instruments

Part # PT4311
Description  6-W Low-Profile Dual-Output Isolated DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4311 Datasheet(HTML) 5 Page - Texas Instruments

  PT4311 Datasheet HTML 1Page - Texas Instruments PT4311 Datasheet HTML 2Page - Texas Instruments PT4311 Datasheet HTML 3Page - Texas Instruments PT4311 Datasheet HTML 4Page - Texas Instruments PT4311 Datasheet HTML 5Page - Texas Instruments PT4311 Datasheet HTML 6Page - Texas Instruments PT4311 Datasheet HTML 7Page - Texas Instruments PT4311 Datasheet HTML 8Page - Texas Instruments PT4311 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
For technical support or further information, visit http://power.ti.com
Typcial Characteristics
PT4310 Series —48V
6-W Low-Profile Dual-Output
Isolated DC/DC Converter
Note A:
The above characteristic data has been developed from actual products tested at 25°C and Vin =53V. This data is considered typical data for the converter.
Note C:
SOA curves represent operating conditions at which internal components are at or below manufacturer’s maximum rated operating temperatures.
Io1 =0 to 0.25 A, |Io2|=0.25 A, VIN =38–75 V
PT4313 Safe Operating Area Curves (See Note C)
PT4313; Io1 =0 to 0.45 A, |Io2| =0.05 A
Load Regulation, Vox vs Iox with Ioy =0.05 A & VIN =53 V
PT4313 (±12 V) Characteristic Data (See Note A)
Cross Regulation, Vox vs Ioy with Iox =0.05 A & VIN =53 V
Io1 =0 to 1 A, |Io2| =0.2 A, VIN =38–75 V
PT4311 Safe Operating Area Curves (See Note C)
PT4311 (±5 V) Characteristic Data (See Note A)
PT4311; Io1 =0 to 0.6 A, |Io2| =0.6 A
20
30
40
50
60
70
80
90
0
0.1
0.2
0.3
0.4
0.5
0.6
Io1 (A)
200LFM
120LFM
Nat conv
Airflow
20
30
40
50
60
70
80
90
0
0.2
0.4
0.6
0.8
1
Io1 (A)
200LFM
120LFM
Nat conv
Airflow
-4.0%
-2.0%
0.0%
2.0%
4.0%
0
0.1
0.2
0.3
0.4
0.5
Io1 : Io2 (A)
Vo 1 / Io 1
Vo 2 / Io 2
-1.0%
-0.5%
0.0%
0.5%
1.0%
0
0.1
0.2
0.3
0.4
0.5
Io1 : Io2 (A)
Vo 1 / Io 2
Vo 2 / Io 1
-1.0%
-0.5%
0.0%
0.5%
1.0%
0
0.2
0.4
0.6
0.8
1
1.2
Io1 : Io2 (A)
Vo 1 / Io 2
Vo 2 / Io 1
Cross Regulation, Vox vs Ioy with Iox =0.2 A & VIN =53 V
-4.0%
-2.0%
0.0%
2.0%
4.0%
0
0.2
0.4
0.6
0.8
1
1.2
Io1 : Io2 (A)
Vo 1 / Io 1
Vo 2 / Io 2
Load Regulation, Vox vs Iox with Ioy =0.2 A & VIN =53 V
SLTS146B - MARCH 2001 - REVISED MAY 2004
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.00
0.05
0.10
0.15
0.20
0.25
Io1 (A)
60LFM
Nat conv
Airflow
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.0
0.1
0.2
0.3
0.4
Io1 (A)
200LFM
120LFM
60LFM
Nat conv
Airflow


Similar Part No. - PT4311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4311 TI1-PT4311 Datasheet
146Kb / 7P
[Old version datasheet]   6-W Low-Profile Dual-Output Isolated DC-DC Converter
PT4311A TI1-PT4311A Datasheet
146Kb / 7P
[Old version datasheet]   6-W Low-Profile Dual-Output Isolated DC-DC Converter
PT4311B TI1-PT4311B Datasheet
146Kb / 7P
[Old version datasheet]   6-W Low-Profile Dual-Output Isolated DC-DC Converter
More results

Similar Description - PT4311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4310 TI1-PT4310 Datasheet
146Kb / 7P
[Old version datasheet]   6-W Low-Profile Dual-Output Isolated DC-DC Converter
PT4711 TI-PT4711 Datasheet
337Kb / 13P
[Old version datasheet]   45-W Dual-Output Isolated DC/DC Converter
logo
Bel Fuse Inc.
RDT-6Y BEL-RDT-6Y Datasheet
787Kb / 7P
   6 W Isolated DC-DC Converter
15 December 2022
logo
Texas Instruments
PT4833A TI1-PT4833A Datasheet
760Kb / 33P
[Old version datasheet]   35-W Triple Output Isolated DC/DC Converter
PT4220 TI-PT4220 Datasheet
193Kb / 8P
[Old version datasheet]   10-W Low-Profile 48V-Input Isolated DC/DC Converter
PT4240 TI-PT4240 Datasheet
174Kb / 7P
[Old version datasheet]   10-W Low-Profile 24V-Input Isolated DC/DC Converter
logo
Power Integrations, Inc...
DI-53 POWERINT-DI-53 Datasheet
378Kb / 2P
   50 W DC-DC Dual Output Converter
logo
Bothhand USA, LP.
BP-2405S2 BOTHHAND-BP-2405S2 Datasheet
483Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
BD-1205S2 BOTHHAND-BD-1205S2 Datasheet
485Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
logo
SynQor Worldwide Headqu...
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com