Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXT849KTC Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXT849KTC
Description  30V NPN LOW SATURATION TRANSISTOR IN D-PAK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXT849KTC Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXT849KTC Datasheet HTML 1Page - Zetex Semiconductors ZXT849KTC Datasheet HTML 2Page - Zetex Semiconductors ZXT849KTC Datasheet HTML 3Page - Zetex Semiconductors ZXT849KTC Datasheet HTML 4Page - Zetex Semiconductors ZXT849KTC Datasheet HTML 5Page - Zetex Semiconductors ZXT849KTC Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ZXT849K
SEMICO NDUC TORS
ISSUE 2 - DECEMBER 2003
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT CONDITIONS
Collector-base breakdown voltage
BVCBO
80
125
V
IC=100 A
Collector-emitter breakdown voltage
BVCER
80
125
V
IC=1 A, RBE= 1k
Collector-emitter breakdown voltage
BVCEO
30
40
V
IC=10mA*
Emitter-base breakdown voltage
BVEBO
78
V
IE=100 A
Collector cut-off current
ICBO
20
nA
VCB=70V
Collector cut-off current
ICER
20
nA
VCB=70V, RBE= 1k
Emitter cut-off current
IEBO
10
nA
VEB=6V
Collector-emitter saturation voltage
VCE(SAT)
27
55
115
230
40
80
180
280
mV
mV
mV
mV
IC=0.5A, IB=20mA*
I
C=1A, IB=20mA*
I
C=2A, IB=20mA*
I
C=7A, IB=350mA*
Base-emitter saturation voltage
VBE(SAT)
1.04
1.15
mV
IC=7A, IB=350mA*
Base-emitter turn-on voltage
VBE(ON)
0.93
1.1
mV
IC=7A, VCE=1V*
Static forward current transfer ratio
HFE
100
100
100
40
190
200
165
90
300
IC=10mA, VCE=1V*
I
C=1A, VCE=1V*
I
C=7A, VCE=1V*
I
C=20A, VCE=2V*
Transition frequency
fT
100
MHz IC=100mA, VCE=10V
f=50MHz
Output capacitance
COBO
75
pF
VCB=10V, f=1MHz*
Switching times
tON
tOFF
45
630
nS
nS
IC=1A, VCC=10V,
IB1=IB2=100mA
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
* Measured under pulsed conditions. Pulse width
300 s; duty cycle
2%.


Similar Part No. - ZXT849KTC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXT849KTC DIODES-ZXT849KTC Datasheet
146Kb / 6P
   30V NPN LOW SATURATION TRANSISTOR IN D-PAK
More results

Similar Description - ZXT849KTC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXT849K DIODES-ZXT849K_15 Datasheet
146Kb / 6P
   30V NPN LOW SATURATION TRANSISTOR IN D-PAK
ZXT849K DIODES-ZXT849K Datasheet
146Kb / 6P
   30V NPN LOW SATURATION TRANSISTOR IN D-PAK
logo
Zetex Semiconductors
ZXT1053AK ZETEX-ZXT1053AK Datasheet
136Kb / 6P
   75V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN D-PAK
logo
Diodes Incorporated
ZXT1053AK DIODES-ZXT1053AK Datasheet
146Kb / 6P
   75V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN D-PAK
logo
Zetex Semiconductors
ZX5T849Z ZETEX-ZX5T849Z Datasheet
119Kb / 6P
   30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTN2007Z DIODES-ZXTN2007Z_15 Datasheet
141Kb / 6P
   30V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Zetex Semiconductors
ZXTN2007G ZETEX-ZXTN2007G Datasheet
125Kb / 6P
   30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN2007G DIODES-ZXTN2007G Datasheet
141Kb / 6P
   30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZX5T849G ZETEX-ZX5T849G Datasheet
120Kb / 6P
   30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN2007G DIODES-ZXTN2007G_15 Datasheet
141Kb / 6P
   30V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com