Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPH5805 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # CPH5805
Description  DC / DC Converter Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH5805 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  CPH5805 Datasheet HTML 1Page - Sanyo Semicon Device CPH5805 Datasheet HTML 2Page - Sanyo Semicon Device CPH5805 Datasheet HTML 3Page - Sanyo Semicon Device CPH5805 Datasheet HTML 4Page - Sanyo Semicon Device CPH5805 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CPH5805
No.6981-2/5
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
[MOSFET]
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0
30
V
Zero-Gate Voltage Drain Current
IDSS
VDS=30V, VGS=0
1
µA
Gate-to-Source Leakage Current
IGSS
VGS=±16V, VDS=0
±10
µA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
1.2
2.6
V
Forward Transfer Admittance
yfs
VDS=10V, ID=1.5A
2.1
3
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=1.5A, VGS=10V
64
84
m
RDS(on)2
ID=1A, VGS=4V
105
150
m
Input Capacitance
Ciss
VDS=10V, f=1MHz
180
pF
Output Capacitance
Coss
VDS=10V, f=1MHz
42
pF
Reverse Transfer Capacitance
Crss
VDS=10V, f=1MHz
25
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit
7
ns
Rise Time
tr
See specified Test Circuit
28
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit
18.5
ns
Fall Time
tf
See specified Test Circuit
4.4
ns
Total Gate Charge
Qg
VDS=10V, VGS=10V, ID=3A
4.9
nC
Gate-to-Source Charge
Qgs
VDS=10V, VGS=10V, ID=3A
0.93
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=10V, VGS=10V, ID=3A
0.63
nC
Diode Forward Voltage
VSD
IS=3A, VGS=0
0.85
1.2
V
[SBD]
Reverse Voltage
VR
IR=0.5mA
30
V
Forward Voltage
VF1IF=0.3A
0.35
0.4
V
VF2IF=0.5A
0.42
0.47
V
Reverse Current
IR
VR=10V
200
µA
Interterminal Capacitance
C
VR=10V, f=1MHz cycle
20
pF
Reverse Recovery Time
trr
IF=IR=100mA
10
ns
Electrical Connection (Top view)
Switching Time Test Circuit
trr Test Circuit
[MOSFET]
[SBD]
PW=10
µs
D.C.
≤1%
P.G
50
G
S
D
ID=1A
RL=15Ω
VDD=15V
VOUT
CPH5805
(MOSFET)
VIN
10V
0V
VIN
Duty
≤10%
50
100
10
--5V
trr
10
µs
54
3
12
1 : Cathode
2 : Drain
3 : Gate
4 : Source
5 : Anode


Similar Part No. - CPH5805

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH5801 SANYO-CPH5801 Datasheet
55Kb / 5P
   DC/DC Converter Applications
CPH5802 SANYO-CPH5802 Datasheet
43Kb / 5P
   DC / DC Converter Applications
logo
ON Semiconductor
CPH5802 ONSEMI-CPH5802 Datasheet
112Kb / 5P
   DC / DC Converter Applications
Jan-2011, Rev. 0
CPH5802D ONSEMI-CPH5802D Datasheet
112Kb / 5P
   DC / DC Converter Applications
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
CPH5804 SANYO-CPH5804 Datasheet
62Kb / 5P
   CPH5804
More results

Similar Description - CPH5805

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com