Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2V995AIT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2V995AIT
Description  S2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2V995AIT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2V995AIT Datasheet HTML 1Page - Cypress Semiconductor CY2V995AIT Datasheet HTML 2Page - Cypress Semiconductor CY2V995AIT Datasheet HTML 3Page - Cypress Semiconductor CY2V995AIT Datasheet HTML 4Page - Cypress Semiconductor CY2V995AIT Datasheet HTML 5Page - Cypress Semiconductor CY2V995AIT Datasheet HTML 6Page - Cypress Semiconductor CY2V995AIT Datasheet HTML 7Page - Cypress Semiconductor CY2V995AIT Datasheet HTML 8Page - Cypress Semiconductor CY2V995AIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2.5/3.3V 200-MHz Multi-Output
Zero Delay Buffer
CY2V995
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-07435 Rev. *A
Revised January 19, 2004
Features
• 2.5V or 3.3V operation
• Split output bank power supplies
• Output frequency range: 6 MHz to 200 MHz
• Output-output skew: < 150 ps
• Cycle-cycle jitter: < 100 ps
• Selectable positive or negative edge synchronization
• 8 LVTTL outputs driving 50
Ω terminated lines
• LVCMOS/LVTTL over-voltage tolerant reference input
• Selectable phase-locked loop (PLL) frequency range
and lock indicator
• (1-6,8,10,12)x multiply and (1/2,1/4)x divide ratios
• Spread-Spectrum-compatible
• Power-down mode
• Industrial temperature range: –40
°C to +85°C
• 44-pin TQFP package
Description
The CY2V995 is a low-voltage, low-power, eight output,
200-MHz clock driver. It features function necessary to
optimize the timing of high-performance computer and
communication systems.
The user can program the frequency of the output banks
through nF[0:1] and DS[0:1] pins. Any one of the outputs can
be connected to feedback input to achieve different reference
frequency multiplication and divide ratios and zero
input-output delay.
The device also features split output bank power supplies
which enable the user to run two banks (1Qn and 2Qn) at a
power supply level different from that of the other two banks
(3Qn and 4Qn). Additionally, the PE pin controls the synchro-
nization of the output signals to either the rising or the falling
edge of the reference clock.
Block Diagram
Pin Configuration
PE
TEST
FS
3
3
REF
FB
2F1:0
1F1:0
3F1:0
4F1:0
1Q0
1Q1
2Q0
2Q1
3Q0
3Q1
4Q0
4Q1
PLL
3
3
3
3
/K
sOE#
VDDQ1
VDDQ4
LOCK
/N
3
3
PD#
DS1:0
/M
VDDQ3
CY2V995
44 43 42 41 40 39 38 37 36 35 34
12 13 14 15 16 17 18 19 20 2122
4F1
sOE#
PD#
PE
VDDQ4
4Q1
4Q0
VSS
VSS
VSS
1F0
DS1
DS0
LOCK
VDDQ1
VDDQ1
1Q0
1Q1
VSS
VSS
VSS
VDDQ4
33
32
31
30
29
28
27
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11


Similar Part No. - CY2V995AIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2V9950 CYPRESS-CY2V9950 Datasheet
251Kb / 9P
   2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
CY2V9950AC CYPRESS-CY2V9950AC Datasheet
251Kb / 9P
   2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
CY2V9950ACT CYPRESS-CY2V9950ACT Datasheet
251Kb / 9P
   2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
CY2V9950AI CYPRESS-CY2V9950AI Datasheet
251Kb / 9P
   2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
CY2V9950AIT CYPRESS-CY2V9950AIT Datasheet
251Kb / 9P
   2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
More results

Similar Description - CY2V995AIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
Z9960 CYPRESS-Z9960 Datasheet
253Kb / 7P
   2.5V/3.3V, 200 MHz Multi-Output Zero Delay Buffer
CY2V9950 CYPRESS-CY2V9950 Datasheet
251Kb / 9P
   2.5/3.3V 200-MHz Multi-Output Zero Delay Buffer
Z9973 CYPRESS-Z9973 Datasheet
97Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
Z9974 CYPRESS-Z9974 Datasheet
93Kb / 7P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972_05 Datasheet
85Kb / 8P
   3.3V, 125-MHz Multi-Output Zero Delay Buffer
CY29976 CYPRESS-CY29976_08 Datasheet
279Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973 Datasheet
164Kb / 8P
   3.3V 125-MHz Multi-Output Zero Delay Buffer
Z9972 CYPRESS-Z9972 Datasheet
87Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973_08 Datasheet
254Kb / 9P
   3.3V 125-MHz Multi-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972 Datasheet
70Kb / 8P
   3.3V, 125-MHz Multi-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com