Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C056V-20AC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C056V-20AC
Description  3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C056V-20AC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C056V-20AC Datasheet HTML 1Page - Cypress Semiconductor CY7C056V-20AC Datasheet HTML 2Page - Cypress Semiconductor CY7C056V-20AC Datasheet HTML 3Page - Cypress Semiconductor CY7C056V-20AC Datasheet HTML 4Page - Cypress Semiconductor CY7C056V-20AC Datasheet HTML 5Page - Cypress Semiconductor CY7C056V-20AC Datasheet HTML 6Page - Cypress Semiconductor CY7C056V-20AC Datasheet HTML 7Page - Cypress Semiconductor CY7C056V-20AC Datasheet HTML 8Page - Cypress Semiconductor CY7C056V-20AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
3.3V 16K/32K x 36
FLEx36™ Asynchronous Dual-Port Static RAM
CY7C056V
CY7C057V
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-06055 Rev. **
Revised September 7, 2001
25/0251
Features
• True dual-ported memory cells which allow simulta-
neous access of the same memory location
• 16K x 36 organization (CY7C056V)
• 32K x 36 organization (CY7C057V)
• 0.25-micron CMOS for optimum speed/power
• High-speed access: 12/15/20 ns
• Low operating power
— Active: ICC = 250 mA (typical)
— Standby: ISB3 = 10 µA (typical)
• Fully asynchronous operation
• Automatic power-down
• Expandable data bus to 72 bits or more using Mas-
ter/Slave Chip Select when using more than one device
• On-Chip arbitration logic
• Semaphores included to permit software handshaking
between ports
• INT flag for port-to-port communication
• Byte Select on Left Port
• Bus Matching on Right Port
• Depth Expansion via dual chip enables
• Pin select for Master or Slave
• Commercial and Industrial Temperature Ranges
• Compact package
— 144-Pin TQFP (20 x 20 x 1.4 mm)
— 172-Ball BGA (1.0-mm pitch) (15 x 15 x.51 mm)
Notes:
1.
A0–A13 for 16K; A0–A14 for 32K devices.
2.
BUSY is an output in Master mode and an input in Slave mode.
R/WL
CE0L
CE1L
OEL
I/O
Control
Address
Decode
BUSYL
CEL
Interrupt
Semaphore
Arbitration
SEML
INTL
M/S
R/WR
CE0R
CE1R
OER
CER
Logic Block Diagram
A0L–A13/14L
True Dual-Ported
RAM Array
BUSYR
SEMR
INTR
Address
Decode
A0R–A13/14R
[2]
[2]
[1]
[1]
14/15
14/15
14/15
14/15
Left
Port
Control
Logic
I/O18L–I/O26L
9
I/O27L–I/O35L
9
I/O0L–I/O8L
9
I/O9L–I/O17L
9
Right
Port
Control
Logic
I/O
Control
9
9
I/OR
9
9
Bus
Match
9/18/36
BA
BM
SIZE
WA
B0–B3
For the most recent information, visit the Cypress web site at www.cypress.com


Similar Part No. - CY7C056V-20AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C056V-20AC CYPRESS-CY7C056V-20AC Datasheet
280Kb / 22P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V-20AC CYPRESS-CY7C056V-20AC Datasheet
695Kb / 23P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
More results

Similar Description - CY7C056V-20AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C056V CYPRESS-CY7C056V Datasheet
280Kb / 22P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_05 Datasheet
695Kb / 23P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
CY7C056V CYPRESS-CY7C056V_12 Datasheet
434Kb / 27P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_11 Datasheet
719Kb / 26P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70V657S IDT-IDT70V657S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09569V CYPRESS-CY7C09569V Datasheet
700Kb / 30P
   3.3V 16K/32K x 36 FLE x 36-TM Synchronous Dual-Port Static RAM
logo
Renesas Technology Corp
70V659 RENESAS-70V659 Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
logo
List of Unclassifed Man...
IDT70V658S10DRG ETC2-IDT70V658S10DRG Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Integrated Device Techn...
IDT70V659 IDT-IDT70V659 Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V65 IDT-IDT70V65 Datasheet
316Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com