Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1350F-225AI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1350F-225AI
Description  4-Mb (128K x 36) Pipelined SRAM with Nobl Architecture
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1350F-225AI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1350F-225AI Datasheet HTML 6Page - Cypress Semiconductor CY7C1350F-225AI Datasheet HTML 7Page - Cypress Semiconductor CY7C1350F-225AI Datasheet HTML 8Page - Cypress Semiconductor CY7C1350F-225AI Datasheet HTML 9Page - Cypress Semiconductor CY7C1350F-225AI Datasheet HTML 10Page - Cypress Semiconductor CY7C1350F-225AI Datasheet HTML 11Page - Cypress Semiconductor CY7C1350F-225AI Datasheet HTML 12Page - Cypress Semiconductor CY7C1350F-225AI Datasheet HTML 13Page - Cypress Semiconductor CY7C1350F-225AI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CY7C1350F
Document #: 38-05305 Rev. *A
Page 10 of 16
Switching Characteristics Over the Operating Range[17, 18]
250 MHz
225 MHz
200 MHz
166 MHz
133 MHz
100 MHz
Parameter
Description
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Unit
tPOWER
VDD (typical) to the first
Access[13]
1
1
1
1
11
ms
Clock
tCYC
Clock Cycle Time
4.0
4.4
5.0
6.0
7.5
10
ns
tCH
Clock HIGH
1.7
2.0
2.0
2.5
3.0
3.5
ns
tCL
Clock LOW
1.7
2.0
2.0
2.5
3.0
3.5
ns
Output Times
tCO
Data Output Valid After CLK
Rise
2.6
2.6
2.8
3.5
4.0
4.5
ns
tDOH
Data Output Hold After CLK
Rise
1.0
1.0
1.0
2.0
2.0
2.0
ns
tCLZ
Clock to Low-Z[14, 15, 16]
0
0
0
0
0
0
ns
tCHZ
Clock to High-Z[14, 15, 16]
2.6
2.6
2.8
3.5
4.0
4.5
ns
tOEV
OE LOW to Output Valid
2.6
2.6
2.8
3.5
4.0
4.5
ns
tOELZ
OE LOW to Output
Low-Z[14, 15, 16]
0
0
0
0
0
0
ns
tOEHZ
OE HIGH to Output
High-Z[14, 15, 16]
2.6
2.6
2.8
3.5
4.0
4.5
ns
Set-up Times
tAS
Address Set-up Before CLK
Rise
0.8
1.2
1.2
1.5
1.5
1.5
ns
tALS
ADV/LD Set-up Before CLK
Rise
0.8
1.2
1.2
1.5
1.5
1.5
ns
tWES
GW, BW[A:D] Set-Up Before
CLK Rise
0.8
1.2
1.2
1.5
1.5
1.5
ns
tCENS
CEN Set-up Before CLK Rise
0.8
1.2
1.2
1.5
1.5
1.5
ns
tDS
Data Input Set-up Before CLK
Rise
0.8
1.2
1.2
1.5
1.5
1.5
ns
tCES
Chip Enable Set-Up Before
CLK Rise
0.8
1.2
1.2
1.5
1.5
1.5
ns
Hold Times
tAH
Address Hold After CLK Rise
0.4
0.5
0.5
0.5
0.5
0.5
ns
tALH
ADV/LD Hold after CLK Rise
0.4
0.5
0.5
0.5
0.5
0.5
ns
tWEH
GW, BW[A:D] Hold After CLK
Rise
0.4
0.5
0.5
0.5
0.5
0.5
ns
tCENH
CEN Hold After CLK Rise
0.4
0.5
0.5
0.5
0.5
0.5
ns
tDH
Data Input Hold After CLK Rise 0.4
0.5
0.5
0.5
0.5
0.5
ns
tCEH
Chip Enable Hold After CLK
Rise
0.4
0.5
0.5
0.5
0.5
0.5
ns
Shaded areas contain advance information.
Notes:
13. This part has a voltage regulator internally; tPOWER is the time that the power needs to be supplied above VDD minimum initially before a Read or Write operation
can be initiated.
14. tCHZ, tCLZ,tOELZ, and tOEHZ are specified with AC test conditions shown in part (b) of AC Test Loads. Transition is measured ± 200 mV from steady-state voltage.
15. At any given voltage and temperature, tOEHZ is less than tOELZ and tCHZ is less than tCLZ to eliminate bus contention between SRAMs when sharing the same
data bus. These specifications do not imply a bus contention condition, but reflect parameters guaranteed over worst case user conditions. Device is designed
to achieve Three-state prior to Low-Z under the same system conditions
16. This parameter is sampled and not 100% tested.
17. Timing reference level is 1.5V when VDDQ = 3.3V and is 1.25V when VDDQ = 2.5V.
18. Test conditions shown in (a) of AC Test Loads unless otherwise noted.


Similar Part No. - CY7C1350F-225AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1350B CYPRESS-CY7C1350B Datasheet
200Kb / 14P
   128Kx36 Pipelined SRAM with NoBL Architecture
CY7C1350B-100AC CYPRESS-CY7C1350B-100AC Datasheet
200Kb / 14P
   128Kx36 Pipelined SRAM with NoBL Architecture
CY7C1350B-100AI CYPRESS-CY7C1350B-100AI Datasheet
200Kb / 14P
   128Kx36 Pipelined SRAM with NoBL Architecture
CY7C1350B-133AC CYPRESS-CY7C1350B-133AC Datasheet
200Kb / 14P
   128Kx36 Pipelined SRAM with NoBL Architecture
CY7C1350B-133AI CYPRESS-CY7C1350B-133AI Datasheet
200Kb / 14P
   128Kx36 Pipelined SRAM with NoBL Architecture
More results

Similar Description - CY7C1350F-225AI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1350G CYPRESS-CY7C1350G Datasheet
298Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture
CY7C1350G CYPRESS-CY7C1350G_06 Datasheet
362Kb / 15P
   4-Mbit (128K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1354B CYPRESS-CY7C1354B Datasheet
475Kb / 29P
   9-Mb (256K x 36/512K x 18) Pipelined SRAM with NoBL Architecture
CY7C1350G CYPRESS-CY7C1350G_13 Datasheet
639Kb / 22P
   4-Mbit (128 K x 36) Pipelined SRAM with NoBL??Architecture
CY7C1351G CYPRESS-CY7C1351G Datasheet
397Kb / 14P
   4-Mbit (128K x 36) Flow-through SRAM with NoBL??Architecture
CY7C1370CV25 CYPRESS-CY7C1370CV25 Datasheet
712Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354BV25 CYPRESS-CY7C1354BV25 Datasheet
518Kb / 27P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1354A CYPRESS-CY7C1354A Datasheet
546Kb / 31P
   256K x 36/512K x 18 Pipelined SRAM with NoBL Architecture
CY7C1354A CYPRESS-CY7C1354A_04 Datasheet
402Kb / 28P
   256K x 36/512K x 18 Pipelined SRAM with NoBL??Architecture
CY7C1370C CYPRESS-CY7C1370C Datasheet
704Kb / 27P
   512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com