Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS-CB24RD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BS-CB24RD
Description  SINGLEDIGIT LED DISPLAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BS-CB24RD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BS-CB24RD Datasheet HTML 1Page - List of Unclassifed Manufacturers BS-CB24RD Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part No.
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 10mA)
Vf
(v)
Digit Size
Common
Anode
Common
Cathode
Material/Emitted
Color
Peak
Wave
Length
p(nm)
(nm)
Pd
(mw)
If
(mA)
Ifp
(mA)
Typ. Max.
Iv. Typ.
Per.Seg.
(mcd)
Drawing
No.
BS-AA21RD
BS-CA21RD
GaAsP/Red
655
40
160
40
200
3.4
4.0
2.5
BS-AA25RD
BS-CA25RD
BS-AA25RE
BS-CA25RE
GaP/ Bright Red
700
90
80
15
50
4.4
5.0
3.5
BS-AA22RD
BS-CA22RD
GaP/ Green
568
30
160
30
150
4.4
5.0
5.0
BS-AA23RD
BS-CA23RD
GaAsP/GaP/ Yellow
585
35
160
30
150
4.2
5.0
4.0
GaAsP/GaP/ Hi-Eff.Red
BS-AA24RD
BS-CA24RD
GaAsP/GaP/ Orange
635
45
160
30
150
4.0
5.0
5.0
BS-AA26RD
BS-CA26RD
GaAlAs/ SH Super Red
660
20
160
30
150
3.4
5.0
10.0
1.00"
Alpha-Numeric
Displays
BS-AA2FRD
BS-CA2FRD
GaAlAs/ DDH Super Red
660
20
160
30
150
4.0
5.0
15.0
SD-43
BS-AA31RD
BS-CA31RD
GaAsP/Red
655
40
160
40
200
3.4
4.0
2.5
BS-AA35RD
BS-CA35RD
BS-AA35RE
BS-CA35RE
GaP/ Bright Red
700
90
80
15
50
4.4
5.0
3.5
BS-AA32RD
BS-CA32RD
GaP/ Green
568
30
160
30
150
4.4
5.0
5.0
BS-AA33RD
BS-CA33RD
GaAsP/GaP/ Yellow
585
35
160
30
150
4.2
5.0
4.0
GaAsP/GaP/ Hi-Eff.Red
BS-AA34RD
BS-CA34RD
GaAsP/GaP/ Orange
635
45
160
30
150
4.0
5.0
5.0
BS-AA36RD
BS-CA36RD
GaAlAs/ SH Super Red
660
20
160
30
150
3.4
5.0
10.0
BS-AA3FRD
BS-CA3FRD
GaAlAs/ DDH Super Red
660
20
160
30
150
4.0
5.0
15.0
SD-44
BS-AA41RD
BS-CA41RD
GaAsP/Red
655
40
160
40
200
3.4
4.0
2.5
BS-AA45RD
BS-CA45RD
BS-AA45RE
BS-CA45RE
GaP/ Bright Red
700
90
80
15
50
4.4
5.0
3.5
BS-AA42RD
BS-CA42RD
GaP/ Green
568
30
160
30
150
4.4
5.0
5.0
BS-AA43RD
BS-CA43RD
GaAsP/GaP/ Yellow
585
35
160
30
150
4.2
5.0
4.0
GaAsP/GaP/ Hi-Eff.Red
BS-AA44RD
BS-CA44RD
GaAsP/GaP/ Orange
635
45
160
30
150
4.0
5.0
5.0
BS-AA46RD
BS-CA46RD
GaAlAs/ SH Super Red
660
20
160
30
150
3.4
5.0
10.0
1.00"
Single-Digit
BS-AA4FRD
BS-CA4FRD
GaAlAs/ DDH Super Red
660
20
160
30
150
4.0
5.0
15.0
SD-45
BS-AA51RD
BS-CA51RD
GaAsP/Red
655
40
160
40
200
3.4
4.0
2.5
BS-AA55RD
BS-CA55RD
BS-AA55RE
BS-CA55RE
GaP/ Bright Red
700
90
80
15
50
4.4
5.0
3.5
BS-AA52RD
BS-CA52RD
GaP/ Green
568
30
160
30
150
4.4
5.0
5.0
BS-AA53RD
BS-CA53RD
GaAsP/GaP/ Yellow
585
35
160
30
150
4.2
5.0
4.0
GaAsP/GaP/ Hi-Eff.Red
BS-AA54RD
BS-CA54RD
GaAsP/GaP/ Orange
635
45
160
30
150
4.0
5.0
5.0
BS-AA56RD
BS-CA56RD
GaAlAs/ SH Super Red
660
20
160
30
150
3.4
5.0
10.0
1.00"
Alpha-Numeric
Displays
BS-AA5FRD
BS-CA5FRD
GaAlAs/ DDH Super Red
660
20
160
30
150
4.0
5.0
15.0
SD-46
BS-AB11RD
BS-CB11RD
GaAsP/Red
655
40
160
40
200
3.4
4.0
2.5
BS-AB15RD
BS-CB15RD
BS-AB15RE
BS-CB15RE
GaP/ Bright Red
700
90
80
15
50
4.4
5.0
3.5
BS-AB12RD
BS-CB12RD
GaP/ Green
568
30
160
30
150
4.4
5.0
5.0
BS-AB13RD
BS-CB13RD
GaAsP/GaP/ Yellow
585
35
160
30
150
4.2
5.0
4.0
GaAsP/GaP/ Hi-Eff.Red
BS-AB14RD
BS-CB14RD
GaAsP/GaP/ Orange
635
45
160
30
150
4.0
5.0
5.0
BS-AB16RD
BS-CB16RD
GaAlAs/ SH Super Red
660
20
160
30
150
3.4
5.0
10.0
BS-AB1FRD
BS-CB1FRD
GaAlAs/ DDH Super Red
660
20
160
30
150
4.0
5.0
15.0
SD-47
BS-AB21RD
BS-CB21RD
GaAsP/Red
655
40
160
40
200
3.4
4.0
2.5
BS-AB25RD
BS-CB25RD
BS-AB25RE
BS-CB25RE
GaP/ Bright Red
700
90
80
15
50
4.4
5.0
3.5
BS-AB22RD
BS-CB22RD
GaP/ Green
568
30
160
30
150
4.4
5.0
5.0
BS-AB23RD
BS-CB23RD
GaAsP/GaP/ Yellow
585
35
160
30
150
4.2
5.0
4.0
GaAsP/GaP/ Hi-Eff.Red
BS-AB24RD
BS-CB24RD
GaAsP/GaP/ Orange
635
45
160
30
150
4.0
5.0
5.0
BS-AB26RD
BS-CB26RD
GaAlAs/ SH Super Red
660
20
160
30
150
3.4
5.0
10.0
1.20"
Single-Digit
BS-AB2FRD
BS-CB2FRD
GaAlAs/ DDH Super Red
660
20
160
30
150
4.0
5.0
15.0
SD-48
SINCE 1981
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BS-CB24RD

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BS-CB01RD YSTONE-BS-CB01RD Datasheet
269Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BS-CB02RD YSTONE-BS-CB02RD Datasheet
269Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BS-CB03RD YSTONE-BS-CB03RD Datasheet
269Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BS-CB04RD YSTONE-BS-CB04RD Datasheet
269Kb / 2P
   SINGLE DIGIT LED DISPLAYS
logo
BRIGHT LED ELECTRONICS ...
BS-CB04RD BRIGHT-BS-CB04RD Datasheet
144Kb / 3P
   1.80(44.80MM)single DIGIT LED DISPLAY
More results

Similar Description - BS-CB24RD

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND5610 PURDY-AND5610 Datasheet
48Kb / 2P
   LED Displays
AND1510 PURDY-AND1510 Datasheet
53Kb / 2P
   LED Displays
AND4310 PURDY-AND4310 Datasheet
49Kb / 2P
   LED Displays
AND8010-B PURDY-AND8010-B Datasheet
50Kb / 2P
   LED Displays
AND5420 PURDY-AND5420 Datasheet
50Kb / 2P
   LED Displays
AND8010 PURDY-AND8010 Datasheet
50Kb / 2P
   LED Displays
logo
Rohm
LUM ROHM-LUM Datasheet
175Kb / 3P
   LED displays
logo
Purdy Electronics Corpo...
AND2307 PURDY-AND2307 Datasheet
57Kb / 2P
   LED Displays
logo
Micro Electronics
MG457A MICRO-ELECTRONICS-MG457A Datasheet
127Kb / 2P
   GREEN LED DISPLAYS
logo
List of Unclassifed Man...
BS-AD31RD ETC-BS-AD31RD Datasheet
152Kb / 1P
   SINGLE DIGIT LED DISPLAYS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com