Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38C87E7-XXXFP Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # M38C87E7-XXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38C87E7-XXXFP Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button M38C87E7-XXXFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38C87E7-XXXFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38C87E7-XXXFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38C87E7-XXXFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M38C87E7-XXXFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M38C87E7-XXXFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M38C87E7-XXXFP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M38C87E7-XXXFP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M38C87E7-XXXFP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
10
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C8 Group
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to
change.
[CPU Mode Register (CPUM)] 003B16
The CPU mode register contains the stack page selection bit and the
internal system clock selection bit.
The CPU mode register is allocated at address 003B16.
Fig. 7 Structure of CPU mode register
Not available
Processor mode bits
b1 b0
0
0 : Single-chip mode
0
1 :
1
0 :
1
1 :
Stack page selection bit
0 : 0 page
1 : 1 page
Not used (returns “1” when read)
(Do not write “0” to this bit)
Sub-clock (XCINXCOUT) stop bit
0 : Stopped
1 : Oscillating
Main clock (XINXOUT) stop bit
0 : Oscillating
1 : Stopped
Main clock division ratio selection bit
0 : f(XIN)/2 (high-speed mode)
1 : f(XIN)/8 (middle-speed mode)
Internal system clock selection bit
0 : XIN–XOUT selected (middle-/high-speed mode)
1 : XCIN–XCOUT selected (low-speed mode)
CPU mode register
(CPUM (CM) : address 003B16)
b7
b0


Similar Part No. - M38C87E7-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38C87E7 RENESAS-M38C87E7 Datasheet
974Kb / 55P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38C87E7-XXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com