Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1087LU-266 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1087LU-266
Description  3.3V Spread-Spectrum EconOscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1087LU-266 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1087LU-266 Datasheet HTML 1Page - Dallas Semiconductor DS1087LU-266 Datasheet HTML 2Page - Dallas Semiconductor DS1087LU-266 Datasheet HTML 3Page - Dallas Semiconductor DS1087LU-266 Datasheet HTML 4Page - Dallas Semiconductor DS1087LU-266 Datasheet HTML 5Page - Dallas Semiconductor DS1087LU-266 Datasheet HTML 6Page - Dallas Semiconductor DS1087LU-266 Datasheet HTML 7Page - Dallas Semiconductor DS1087LU-266 Datasheet HTML 8Page - Dallas Semiconductor DS1087LU-266 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
3.3V Spread-Spectrum EconOscillator
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
(VCC = 2.7V to 3.6V, TA = -40°C to +85°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
2.7
3.6
V
High-Level Input Voltage
(SDA, SCL, SPRD,
PDN, OE)
VIH
0.7 x
VCC
VCC +
0.3
V
Low-Level Input Voltage
(SDA, SCL, SPRD,
PDN, OE)
VIL
-0.3
0.3 x
VCC
V
DC ELECTRICAL CHARACTERISTICS
(VCC = 2.7V to 3.6V, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
High-Level Output Voltage (OUT)
VOH
IOH = -4mA, VCC = min
2.4
V
Low-Level Output Voltage (OUT)
VOL
IOL = 4mA
0.4
V
VOL1
3mA sink current
0
0.4
Low-Level Output Voltage (SDA)
VOL2
6mA sink current
0
0.6
V
High-Level Input Current
IIH
VCC = 3.6V
1
µA
Low-Level Input Current
IIL
VIL = 0
-1
µA
Supply Current (Active)
ICC
CL = 15pF (output at f0)15
mA
Standby Current (Power-Down)
ICCQ
Power-down mode
5
µA
Voltage Range on VCC Relative to Ground ..........-0.5V to +6.0V
Voltage Range on SPRD,
PDN, OE, SDA, SCL
Relative to Ground* ................................-0.5V to (VCC + 0.5V)
Operating Temperature Range ...........................-40°C to +85°C
Programming Temperature Range .........................0°C to +70°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature ..................See IPC/JEDEC J-STD-020A
*This voltage must not exceed 6.0V.


Similar Part No. - DS1087LU-266

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1087LU-266 MAXIM-DS1087LU-266 Datasheet
160Kb / 12P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 11/03
More results

Similar Description - DS1087LU-266

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
   3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1086L MAXIM-DS1086L_07 Datasheet
225Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 9/07
DS1087L MAXIM-DS1087L Datasheet
160Kb / 12P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 11/03
DS1089L MAXIM-DS1089L_V01 Datasheet
1Mb / 13P
   3.3V Center Spread-Spectrum EconOscillator?
19-7501; Rev 3; 2/15
DS1086_1203 MAXIM-DS1086_1203 Datasheet
200Kb / 15P
   Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1094L MAXIM-DS1094L Datasheet
496Kb / 12P
   Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
logo
Dallas Semiconductor
DS1086 DALLAS-DS1086 Datasheet
229Kb / 14P
   DS1086 Spread-Spectrum EconOscillator
DS1094L DALLAS-DS1094L Datasheet
590Kb / 11P
   Multiphase Spread-Spectrum EconOscillator
logo
Maxim Integrated Produc...
DS1090 MAXIM-DS1090_V01 Datasheet
479Kb / 9P
   Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com