Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN27C51270P Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EN27C51270P
Description  512KBIT EPROM (64K x 8)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN27C51270P Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EN27C51270P Datasheet HTML 1Page - List of Unclassifed Manufacturers EN27C51270P Datasheet HTML 2Page - List of Unclassifed Manufacturers EN27C51270P Datasheet HTML 3Page - List of Unclassifed Manufacturers EN27C51270P Datasheet HTML 4Page - List of Unclassifed Manufacturers EN27C51270P Datasheet HTML 5Page - List of Unclassifed Manufacturers EN27C51270P Datasheet HTML 6Page - List of Unclassifed Manufacturers EN27C51270P Datasheet HTML 7Page - List of Unclassifed Manufacturers EN27C51270P Datasheet HTML 8Page - List of Unclassifed Manufacturers EN27C51270P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
EN27C512
4800 Great America Parkway Ste 202
Tel: 408-235-8680
Santa Clara, CA. 95054
Fax: 408-235-8685
4
PROGRAM INHIBIT MODE
Programming of multiple EN27C512 in parallel with different data is also easily accomplished
by using the Program Inhibit Mode. Except for
CE , all like inputs of the parallel EN27C512
may be common. A TTL low-level program pulse applied to an EN27C512
CE input with
OE /VPP = 12.75 ± 0.25V will program that EN27C512. A high-level CE input inhibits the
other EN27C512 from being programmed.
PROGRAM VERIFY MODE
Verification should be performed on the programmed bits to determining that they were
correctly programmed. The verification should be performed with
OE /VPP and CE at VIL. Data
should be verified at
tDV after the falling edge of CE .
AUTO PRODUCT IDENTIFICATION
The Auto Product Identification mode allows the reading out of a binary code from an EPROM that
will identify its manufacturer and type. This mode is intended for use by programming equipment
for the purpose of automatically matching the device to be programmed with its corresponding
programming algorithm. This mode is functional in the 25
°C ± 5°C ambient temperature range
that is required when programming the EN27C512.
To activate this mode, the programming equipment must force 12.0 V
± 0.5V on address line A9
of the EN27C512. Two identifier bytes may then be sequenced from the device outputs by
toggling address line A0 from VIL to VIH, when A1 = VIH. All other address lines must be held at
VIL during Auto Product Identification mode.
Byte 0 (A0 = VIL) represents the manufacturer code, and byte 1 (A0 = VIH), the device code. For
the EN27C512, these two identifiers bytes are given in the Mode Select Table. All identifiers for
manufacturer and device codes will possess odd parity, with the MSB (DQ7) defined as the parity
bit. When A1 = VIL, the EN27C512 will read out the binary code of 7F, continuation code, to
signify the unavailability of manufacturer ID codes.


Similar Part No. - EN27C51270P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN27C010 ETC1-EN27C010 Datasheet
84Kb / 12P
   EN27C010 1Megabit EPROM (128K x 8)
EN27C01045J ETC1-EN27C01045J Datasheet
84Kb / 12P
   EN27C010 1Megabit EPROM (128K x 8)
EN27C01045JI ETC1-EN27C01045JI Datasheet
84Kb / 12P
   EN27C010 1Megabit EPROM (128K x 8)
EN27C01045P ETC1-EN27C01045P Datasheet
84Kb / 12P
   EN27C010 1Megabit EPROM (128K x 8)
EN27C01045PI ETC1-EN27C01045PI Datasheet
84Kb / 12P
   EN27C010 1Megabit EPROM (128K x 8)
More results

Similar Description - EN27C51270P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
logo
Winbond
W27C512 WINBOND-W27C512 Datasheet
161Kb / 15P
   64K X 8 ELECTRICALLY ERASABLE EPROM
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
logo
Winbond
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27LE520 WINBOND-W27LE520 Datasheet
104Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
logo
Winbond
W27C520 WINBOND-W27C520 Datasheet
239Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E520 WINBOND-W27E520 Datasheet
234Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
   512K (64K x 8) CMOS EPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com