Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5009MPX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN5009MPX
Description  Dual Bootstrapped 12V MOSFET Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5009MPX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN5009MPX Datasheet HTML 1Page - Fairchild Semiconductor FAN5009MPX Datasheet HTML 2Page - Fairchild Semiconductor FAN5009MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN5009MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN5009MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5009MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5009MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5009MPX Datasheet HTML 8Page - Fairchild Semiconductor FAN5009MPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PRODUCT SPECIFICATION
FAN5009
REV. 1.0.5 7/22/04
3
Absolute Maximum Ratings
Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at these or other conditions beyond those indicated in
the operational section of this specification is not implied. Exposure to the absolute maximum rating conditions for
extended periods may affect device reliability. Absolute maximum ratings apply individually, not in combination.
Unless otherwise specified, voltages are referenced to PGND.
Notes:
1. For transient derating beyond the levels indicated, refer to the graphs on page 7.
Thermal Information
Recommended Operating Conditions
Parameter
Min.
Max.
Units
VCC to PGND
–0.3
15
V
PWM and OD pins
–0.3
5.5
V
SW to PGND
Continuous
–1
15
V
Transient ( t=100nsec, F
≤500kHz)
–5(1)
25
V
BOOT to SW
–0.3
15
V
BOOT to PGND
Continuous
–0.3
30
V
Transient ( t=100nsec, F
≤500kHz)
33(1)
V
HDRV
VSW–1
VBOOT+0.3
V
LDRV
Continuous
–0.5
VCC+0.3
V
Transient ( t=200nsec)
–2(1)
V
Parameter
Min.
Typ.
Max.
Units
Junction Temperature (TJ)0
150
°C
Storage Temperature
–65
150
°C
Lead Soldering Temperature, 10 seconds
300
°C
Vapor Phase, 60 seconds
215
°C
Infrared, 15 seconds
220
°C
Power Dissipation (PD) TA = 25°C
715
mW
Thermal Resistance, SO8 – Junction to Case
θJC
40
°C/W
Thermal Resistance, SO8 – Junction to Ambient
θJA
140
°C/W
Thermal Resistance, MLP – Junction to Paddle
θJC
4
°C/W
Parameter
Conditions
Min.
Typ.
Max.
Units
Supply Voltage VCC
VCC to PGND
10
12
13.5
V
Ambient Temperature (TA)0
85
°C
Junction Temperature (TJ)0
125
°C


Similar Part No. - FAN5009MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5018BMTCX FAIRCHILD-FAN5018BMTCX Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN5019B FAIRCHILD-FAN5019B Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5019BMTCX FAIRCHILD-FAN5019BMTCX Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
More results

Similar Description - FAN5009MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5109 FAIRCHILD-FAN5109 Datasheet
119Kb / 13P
   Dual Bootstrapped 12V MOSFET Driver
FAN5109B FAIRCHILD-FAN5109B Datasheet
696Kb / 14P
   Dual Bootstrapped 12V MOSFET Driver
logo
Lowpower Semiconductor ...
LP1113 POWER-LP1113 Datasheet
659Kb / 8P
   Dual Bootstrapped, 12V MOSFET Driver with Output Disable
LP1110 POWER-LP1110 Datasheet
561Kb / 8P
   Dual Bootstrapped, 12V MOSFET Driver with Output Enable
LP1111 POWER-LP1111 Datasheet
633Kb / 8P
   Dual Bootstrapped, 12V MOSFET Driver with Output Disable
logo
Analog Devices
ADP3416 AD-ADP3416 Datasheet
140Kb / 8P
   Dual Bootstrapped MOSFET Driver
REV. A
ADP3414 AD-ADP3414 Datasheet
141Kb / 8P
   Dual Bootstrapped MOSFET Driver
REV. 0
ADP3417 AD-ADP3417 Datasheet
1Mb / 8P
   Dual Bootstrapped MOSFET Driver
REV. A
logo
ON Semiconductor
ADP3414 ONSEMI-ADP3414 Datasheet
383Kb / 9P
   Dual Bootstrapped MOSFET Driver
May 2010 - Rev. 3
ADP3120A ONSEMI-ADP3120A_12 Datasheet
126Kb / 8P
   Dual Bootstrapped, 12 V MOSFET Driver
June, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com