Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5306IU-T7 Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL5306IU-T7
Description  350MHz Fixed Gain Amplifiers with Enable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5306IU-T7 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL5306IU-T7 Datasheet HTML 3Page - Intersil Corporation EL5306IU-T7 Datasheet HTML 4Page - Intersil Corporation EL5306IU-T7 Datasheet HTML 5Page - Intersil Corporation EL5306IU-T7 Datasheet HTML 6Page - Intersil Corporation EL5306IU-T7 Datasheet HTML 7Page - Intersil Corporation EL5306IU-T7 Datasheet HTML 8Page - Intersil Corporation EL5306IU-T7 Datasheet HTML 9Page - Intersil Corporation EL5306IU-T7 Datasheet HTML 10Page - Intersil Corporation EL5306IU-T7 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Applications Information
Product Description
The EL5106 and EL5306 are fixed gain amplifier that offers
a wide -3dB bandwidth of 350MHz and a low supply current
of 1.5mA. They work with supply voltages ranging from a
single 5V to 12V and they are also capable of swinging to
within 1.2V of either supply on the output. These
combinations of high bandwidth and low power make the
EL5106 and EL5306 the ideal choice for many low-
power/high-bandwidth applications such as portable,
handheld, or battery-powered equipment.
For varying bandwidth and higher gains, consider the
EL5191 with 1GHz on a 9mA supply current or the EL5162
with 300MHz on a 4mA supply current. Versions include
single, dual, and triple amp packages with 5-pin SOT-23,
16-pin QSOP, and 8-pin or 16-pin SO outlines.
Power Supply Bypassing and Printed Circuit
Board Layout
As with any high frequency device, good printed circuit
board layout is necessary for optimum performance. Low
impedance ground plane construction is essential. Surface
mount components are recommended, but if leaded
components are used, lead lengths should be as short as
possible. The power supply pins must be well bypassed to
reduce the risk of oscillation. The combination of a 4.7µF
tantalum capacitor in parallel with a 0.01µF capacitor has
been shown to work well when placed at each supply pin.
Disable/Power-Down
The EL5106 and EL5306 amplifiers can be disabled placing
their output in a high impedance state. When disabled, the
amplifier supply current is reduced to <25µA. The EL5106
and EL5306 are disabled when its CE pin is pulled up to
within 1V of the positive supply. Similarly, the amplifier is
enabled by floating or pulling the CE pin to at least 3V below
the positive supply. For ±5V supply, this means that the
amplifier will be enabled when CE is 2V or less, and disabled
when CE is above 4V. Although the logic levels are not
standard TTL, this choice of logic voltages allow the EL5106
and EL5306 to be enabled by tying CE to ground, even in 5V
single supply applications. The CE pin can be driven from
CMOS outputs.
Gain Setting
The EL5106 and EL5306 are built with internal feedback and
gain resistors. The internal feedback resistors have equal
value; as a result, the amplifier can be configured into gain of
+1, -1, and +2 without any external resistors. Figure 13
shows the amplifier in gain of +2 configuration. The gain
error is ±2% maximum. Figure 14 shows the amplifier in gain
of -1 configuration. For gain of +1, IN+ and IN- should be
connected together as shown in Figure 15. This
configuration avoids the effects of any parasitic capacitance
on the IN- pin. Since the internal feedback and gain resistors
change with temperature and process, external resistor
should not be used to adjust the gain settings.
FIGURE 13. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
Typical Performance Curves (Continued)
AMBIENT TEMPERATURE (°C)
0
0.4
1.4
1.2
1
0.8
0.6
0.2
0
25
50
75
100
150
125
85
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.1
1.250W
QSOP16
θJA=112°C/W
909mW
893mW
435mW
SO8
θJA=110°C/W
SOT23-6
θJA=230°C/W
SO16 (0.150”)
θJA=80°C/W
FIGURE 14. AV = +2
-
+
325
325
IN-
IN+
EL5106, EL5306


Similar Part No. - EL5306IU-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5306IU-T7 INTERSIL-EL5306IU-T7 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
EL5306IU-T7 INTERSIL-EL5306IU-T7 Datasheet
292Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
More results

Similar Description - EL5306IU-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5106 INTERSIL-EL5106 Datasheet
457Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
5962-0625501QXC INTERSIL-5962-0625501QXC Datasheet
111Kb / 4P
   350MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106_07 Datasheet
292Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106_05 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5106 RENESAS-EL5106 Datasheet
717Kb / 14P
   350MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5108 INTERSIL-EL5108_07 Datasheet
306Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
EL5108 INTERSIL-EL5108_06 Datasheet
337Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5108 RENESAS-EL5108 Datasheet
682Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5108 INTERSIL-EL5108 Datasheet
492Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
logo
National Semiconductor ...
LMV101 NSC-LMV101 Datasheet
769Kb / 12P
   Fixed-Gain Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com