Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAR-C4CG-16000-M Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # FAR-C4CG-16000-M
Description  Piezoelectric Resonator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-C4CG-16000-M Datasheet(HTML) 9 Page - Fujitsu Component Limited.

  FAR-C4CG-16000-M Datasheet HTML 1Page - Fujitsu Component Limited. FAR-C4CG-16000-M Datasheet HTML 2Page - Fujitsu Component Limited. FAR-C4CG-16000-M Datasheet HTML 3Page - Fujitsu Component Limited. FAR-C4CG-16000-M Datasheet HTML 4Page - Fujitsu Component Limited. FAR-C4CG-16000-M Datasheet HTML 5Page - Fujitsu Component Limited. FAR-C4CG-16000-M Datasheet HTML 6Page - Fujitsu Component Limited. FAR-C4CG-16000-M Datasheet HTML 7Page - Fujitsu Component Limited. FAR-C4CG-16000-M Datasheet HTML 8Page - Fujitsu Component Limited. FAR-C4CG-16000-M Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
FAR Family (C4 series G type)
FUJITSU LIMITED
For further information please contact:
Japan
FUJITSU MEDIA DEVICES LIMITED
Marketing and Technical Support Dept.
SHINYOKOHAMA SQUARE BLDG
2-3-12,Shin-yokohama,
Kouhoku-ku, Yokohama-shi,
Kanagawa 222-0033, Japan
Tel: +81-45-471-0067
Fax: +81-45-471-0069
http://www.fujitsu.co.jp/hypertext/fmd/English/index.html
North and South America
FUJITSU MICROELECTRONICS, INC.
3545 North First Street,
San Jose, CA 95134-1804, U.S.A.
Tel: +1-408-922-9000
Fax: +1-408-922-9179
Customer Response Center
Mon. - Fri.: 7 am - 5 pm (PST)
Tel: +1-800-866-8608
Fax: +1-408-922-9179
http://www.fujitsumicro.com/
Europe
FUJITSU MICROELECTRONICS EUROPE GmbH
Am Siebenstein 6-10,
D-63303 Dreieich-Buchschlag,
Germany
Tel: +49-6103-690-0
Fax: +49-6103-690-122
http://www.fujitsu-fme.com/
Asia Pacific
FUJITSU MICROELECTRONICS ASIA PTE. LTD.
#05-08, 151 Lorong Chuan,
New Tech Park,
Singapore 556741
Tel: +65-281-0770
Fax: +65-281-0220
http://www.fmap.com.sg/
F9703
© FUJITSU LIMITED Printed in Japan
All Rights Reserved.
The contents of this document are subject to change without notice.
Customers
are
advised
to
consult
with
FUJITSU
sales
representatives before ordering.
The information and circuit diagrams in this document are
presented as examples of semiconductor device applications, and
are not intended to be incorporated in devices for actual use. Also,
FUJITSU is unable to assume responsibility for infringement of
any patent rights or other rights of third parties arising from the use
of this information or circuit diagrams.
The contents of this document may not be reproduced or copied
without the permission of FUJITSU LIMITED.
FUJITSU semiconductor devices are intended for use in standard
applications (computers, office automation and other office
equipments,
industrial,
communications,
and
measurement
equipments, personal or household devices, etc.).
CAUTION:
Customers considering the use of our products in special
applications where failure or abnormal operation may directly
affect human lives or cause physical injury or property damage, or
where extremely high levels of reliability are demanded (such as
aerospace systems, atomic energy controls, sea floor repeaters,
vehicle operating controls, medical devices for life support, etc.)
are requested to consult with FUJITSU sales representatives before
such use. The company will not be responsible for damages arising
from such use without prior approval.
Any semiconductor devices have inherently a certain rate of failure.
You must protect against injury, damage or loss from such failures
by incorporating safety design measures into your facility and
equipment such as redundancy, fire protection, and prevention of
over-current levels and other abnormal operating conditions.
If any products described in this document represent goods or
technologies subject to certain restrictions on export under the
Foreign Exchange and Foreign Trade Control Law of Japan, the
prior authorization by Japanese government should be required for
export of those products from Japan.


Similar Part No. - FAR-C4CG-16000-M

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-C4C FUJITSU-FAR-C4C Datasheet
78Kb / 9P
   Piezoelectric Resonator (4 to 16 MHz)
FAR-C4CL FUJITSU-FAR-C4CL Datasheet
83Kb / 10P
   Piezoelectric Resonator (24 to 40 MHz)
FAR-C4CL-24000-K02-R FUJITSU-FAR-C4CL-24000-K02-R Datasheet
83Kb / 10P
   Piezoelectric Resonator (24 to 40 MHz)
FAR-C4CL-24000-K12-R FUJITSU-FAR-C4CL-24000-K12-R Datasheet
83Kb / 10P
   Piezoelectric Resonator (24 to 40 MHz)
FAR-C4CL-24000-M02-R FUJITSU-FAR-C4CL-24000-M02-R Datasheet
83Kb / 10P
   Piezoelectric Resonator (24 to 40 MHz)
More results

Similar Description - FAR-C4CG-16000-M

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-C4SB-14746-L12-T FUJITSU-FAR-C4SB-14746-L12-T Datasheet
305Kb / 11P
   Piezoelectric Resonator
logo
Murata Manufacturing Co...
CSTNE8M00G550000R0 MURATA-CSTNE8M00G550000R0 Datasheet
594Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G52A000R0 MURATA-CSTNE12M0G52A000R0 Datasheet
1,001Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G55Z000R0 MURATA-CSTNE12M0G55Z000R0 Datasheet
599Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0GH5L000R0 MURATA-CSTNE12M0GH5L000R0 Datasheet
602Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0V530000R0 MURATA-CSTNE16M0V530000R0 Datasheet
595Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3C000R0 MURATA-CSTNE16M0VH3C000R0 Datasheet
660Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3L000R0 MURATA-CSTNE16M0VH3L000R0 Datasheet
601Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE20M0V53C000R0 MURATA-CSTNE20M0V53C000R0 Datasheet
646Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
logo
Murata Manufacturing Co...
CSTNE16M0V53L00ZR0 MURATA1-CSTNE16M0V53L00ZR0_V01 Datasheet
761Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
July 8, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com