Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAR-C4CG-11000-M12 Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # FAR-C4CG-11000-M12
Description  Piezoelectric Resonator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-C4CG-11000-M12 Datasheet(HTML) 7 Page - Fujitsu Component Limited.

  FAR-C4CG-11000-M12 Datasheet HTML 1Page - Fujitsu Component Limited. FAR-C4CG-11000-M12 Datasheet HTML 2Page - Fujitsu Component Limited. FAR-C4CG-11000-M12 Datasheet HTML 3Page - Fujitsu Component Limited. FAR-C4CG-11000-M12 Datasheet HTML 4Page - Fujitsu Component Limited. FAR-C4CG-11000-M12 Datasheet HTML 5Page - Fujitsu Component Limited. FAR-C4CG-11000-M12 Datasheet HTML 6Page - Fujitsu Component Limited. FAR-C4CG-11000-M12 Datasheet HTML 7Page - Fujitsu Component Limited. FAR-C4CG-11000-M12 Datasheet HTML 8Page - Fujitsu Component Limited. FAR-C4CG-11000-M12 Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
FAR Family (C4 series G type)
s TAPE & REEL DIMENSIONS
.055±.059
(14.0±1.5)
.157±.004(4.0±0.1)
.079±.004(2.0±0.1)
.075(1.9)
φ.512±.008
(
φ13.0±0.2)
.079±.020
(2.0±0.5)
φ.827±.031
(
φ21±0.8)
R .039(1.0)
.079±.020
(2.0±0.5)
φ3.150
(
φ80)
φ.059±.004
0
Unit: inches (mm)
.012(0.3)
.472
±.012
.217±.004
(5.5±0.1)
(φ1.0±
)
0.1
0
Reel quantity
QTY/reel
3,000 pcs
(
φ1.5±
)
.315±.004
(8.0±0.1)
3.1±0.1
6.2±0.1
.059
±.004
(1.5
±0.1)
(12.0±0.3)
0.1
0
φ.040±.004
0
.089±.004
(2.25±0.1)
.089±.004
(2.25±0.1)


Similar Part No. - FAR-C4CG-11000-M12

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-C4C FUJITSU-FAR-C4C Datasheet
78Kb / 9P
   Piezoelectric Resonator (4 to 16 MHz)
FAR-C4CL FUJITSU-FAR-C4CL Datasheet
83Kb / 10P
   Piezoelectric Resonator (24 to 40 MHz)
FAR-C4CL-24000-K02-R FUJITSU-FAR-C4CL-24000-K02-R Datasheet
83Kb / 10P
   Piezoelectric Resonator (24 to 40 MHz)
FAR-C4CL-24000-K12-R FUJITSU-FAR-C4CL-24000-K12-R Datasheet
83Kb / 10P
   Piezoelectric Resonator (24 to 40 MHz)
FAR-C4CL-24000-M02-R FUJITSU-FAR-C4CL-24000-M02-R Datasheet
83Kb / 10P
   Piezoelectric Resonator (24 to 40 MHz)
More results

Similar Description - FAR-C4CG-11000-M12

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-C4SB-14746-L12-T FUJITSU-FAR-C4SB-14746-L12-T Datasheet
305Kb / 11P
   Piezoelectric Resonator
logo
Murata Manufacturing Co...
CSTNE8M00G550000R0 MURATA-CSTNE8M00G550000R0 Datasheet
594Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G52A000R0 MURATA-CSTNE12M0G52A000R0 Datasheet
1,001Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G55Z000R0 MURATA-CSTNE12M0G55Z000R0 Datasheet
599Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0GH5L000R0 MURATA-CSTNE12M0GH5L000R0 Datasheet
602Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0V530000R0 MURATA-CSTNE16M0V530000R0 Datasheet
595Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3C000R0 MURATA-CSTNE16M0VH3C000R0 Datasheet
660Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3L000R0 MURATA-CSTNE16M0VH3L000R0 Datasheet
601Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE20M0V53C000R0 MURATA-CSTNE20M0V53C000R0 Datasheet
646Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
logo
Murata Manufacturing Co...
CSTNE16M0V53L00ZR0 MURATA1-CSTNE16M0V53L00ZR0_V01 Datasheet
761Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
July 8, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com