Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSIB4A60 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GSIB4A60
Description  Glass Passivated Single-In-Line Bridge Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSIB4A60 Datasheet(HTML) 2 Page - Vishay Siliconix

  GSIB4A60 Datasheet HTML 1Page - Vishay Siliconix GSIB4A60 Datasheet HTML 2Page - Vishay Siliconix GSIB4A60 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
2
Document Number 88858
03-Dec-04
VISHAY
GSIB4A20 thru GSIB4A80
Vishay Semiconductors
Thermal Characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Notes:
(1) Unit case mounted on Al plate heatsink.
(2) Units mounted on P.C.B. with 0.5 x 0.5" (12 x 12 mm) copper pads and 0.375" (9.5 mm) lead length
(3) Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw
Ratings and Characteristics Curves
(TA = 25 °C unless otherwise noted)
Parameter
Symbol
GSIB4A20
GSIB4A40
GSIB4A60
GSIB4A80
Unit
Typical thermal resistance per leg
RθJA
RθJC
26(2)
5(1)
°C/W
Figure 1. Derating Curve Output Rectified Current
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
Per Leg
0
1
2
3
4
0
25
50
75
100
125
150
P.C.B. Mounting, TA
Heatsink Mounting, TC
Temperature ( °C)
0
20
40
60
80
100
1
100
1.0 Cycle
Number of Cycles at 60 Hz
Figure 3. Typical Forward Characteristics Per Leg
Figure 4. Typical Reverse Characteristics Per Leg
Instantaneous Forward Voltage (V)
0.3
1.1
1.3
0.01
10
0.1
1
100
0.5
0.7
0.9
Tj = 125 °C
Tj = 150 °C
Tj=25 °C
Percent of Rated Peak Reverse Voltage (%)
TJ = 125 C
1000.0
20
60
40
100
80
0.0
0.1
1.0
10.0
100.0
Tj = 150 °C
Tj = 125 °C
Tj=25 °C


Similar Part No. - GSIB4A60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSIB4A60 VISHAY-GSIB4A60 Datasheet
123Kb / 4P
   Glass Passivated Single-In-Line Bridge Rectifier
Revision: 01-Feb-08
logo
Gulf Semiconductor
GSIB4A60 GULFSEMI-GSIB4A60 Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 4.0A
logo
Vishay Siliconix
GSIB4A60-E3/45 VISHAY-GSIB4A60-E3/45 Datasheet
123Kb / 4P
   Glass Passivated Single-In-Line Bridge Rectifier
Revision: 01-Feb-08
More results

Similar Description - GSIB4A60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSIB4A20 VISHAY-GSIB4A20 Datasheet
123Kb / 4P
   Glass Passivated Single-In-Line Bridge Rectifier
Revision: 01-Feb-08
logo
Guangdong Juxing Electr...
GBP200 JUXING-GBP200 Datasheet
360Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Pan Jit International I...
2KBP005M PANJIT-2KBP005M Datasheet
88Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBL400 PANJIT-GBL400_04 Datasheet
47Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBP300 PANJIT-GBP300_04 Datasheet
36Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
List of Unclassifed Man...
KBJ3501 ETC1-KBJ3501 Datasheet
601Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Pan Jit International I...
GPJ10A PANJIT-GPJ10A Datasheet
104Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBP200 PANJIT-GBP200_04 Datasheet
36Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Transys Electronics
2KBP005M TRSYS-2KBP005M Datasheet
145Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE PHASE RECTIFIER BRIDGE
logo
Pan Jit International I...
KBJ1500 PANJIT-KBJ1500 Datasheet
103Kb / 2P
   IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com