Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT2070R Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HAT2070R
Description  Silicon N Channel Power MOS FET Power Switching
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2070R Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HAT2070R Datasheet HTML 3Page - Renesas Technology Corp HAT2070R Datasheet HTML 4Page - Renesas Technology Corp HAT2070R Datasheet HTML 5Page - Renesas Technology Corp HAT2070R Datasheet HTML 6Page - Renesas Technology Corp HAT2070R Datasheet HTML 7Page - Renesas Technology Corp HAT2070R Datasheet HTML 8Page - Renesas Technology Corp HAT2070R Datasheet HTML 9Page - Renesas Technology Corp HAT2070R Datasheet HTML 10Page - Renesas Technology Corp HAT2070R Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
HAT2070R
5
Gate to Source Voltage
V
(V)
GS
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current
I
(A)
D
Static Drain to Source on State Resistance
vs. Drain Current
Case Temperature
Tc
(
°C)
Static Drain to Source on State Resistance
vs. Temperature
Drain Current I
(A)
D
Forward Transfer Admittance vs.
Drain Current
0.20
0.16
0.12
0.08
0.04
0
4
8
12
16
20
20
10
2
5
1
0.5
2
5
20
50
50
40
30
20
10
-40
0
40
80
120
160
0
Pulse Test
I
= 10 A
D
2 A
5 A
0.1
1
10
100
0.2
100
50
V
= 4.5 V
GS
10 V
Pulse Test
I
= 2 A, 5 A
D
2 A, 5 A, 10 A
V
= 4.5 V
GS
10 V
Pulse Test
330
0.1
1
10
100
0.3
10
100
30
1
0.3
3
0.1
Tc = -25
°C
DS
V
= 10 V
Pulse Test
75
°C
25
°C
10 A


Similar Part No. - HAT2070R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2070R RENESAS-HAT2070R Datasheet
89Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
logo
SHENZHEN DOINGTER SEMIC...
HAT2070R DOINGTER-HAT2070R Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Renesas Technology Corp
HAT2070R-EL-E RENESAS-HAT2070R-EL-E Datasheet
89Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2070R RENESAS-HAT2070R_05 Datasheet
89Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2070R RENESAS-HAT2070R_15 Datasheet
109Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - HAT2070R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com