Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74HCT1G08CME Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74HCT1G08CME
Description  2-input AND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HCT1G08CME Datasheet(HTML) 7 Page - Renesas Technology Corp

  HD74HCT1G08CME Datasheet HTML 1Page - Renesas Technology Corp HD74HCT1G08CME Datasheet HTML 2Page - Renesas Technology Corp HD74HCT1G08CME Datasheet HTML 3Page - Renesas Technology Corp HD74HCT1G08CME Datasheet HTML 4Page - Renesas Technology Corp HD74HCT1G08CME Datasheet HTML 5Page - Renesas Technology Corp HD74HCT1G08CME Datasheet HTML 6Page - Renesas Technology Corp HD74HCT1G08CME Datasheet HTML 7Page - Renesas Technology Corp HD74HCT1G08CME Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
HD74HCT1G08
Rev.5.00, Jan.28.2004, page 7 of 7
Package Dimensions
Package Code
JEDEC
JEITA
Mass (reference value)
CMPAK–5V
Conforms
0.006 g
2.0 ± 0.2
1.3 ± 0.2
(0.65)
5 – 0.2 ± 0.05
(0.65)
0.15
0 – 0.1
+ 0.1
– 0.05
Unit: mm


Similar Part No. - HD74HCT1G08CME

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HCT1G00 RENESAS-HD74HCT1G00 Datasheet
52Kb / 8P
   2-input NAND Gate
HD74HCT1G00CME RENESAS-HD74HCT1G00CME Datasheet
52Kb / 8P
   2-input NAND Gate
HD74HCT1G02 RENESAS-HD74HCT1G02 Datasheet
53Kb / 8P
   2-input NOR Gate
HD74HCT1G02CME RENESAS-HD74HCT1G02CME Datasheet
53Kb / 8P
   2-input NOR Gate
logo
Hitachi Semiconductor
HD74HCT1G04 HITACHI-HD74HCT1G04 Datasheet
40Kb / 8P
   High speed CMOS inverter using silicon gate CMOS process
More results

Similar Description - HD74HCT1G08CME

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S08F TOSHIBA-TC7S08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
logo
Hitachi Semiconductor
HD74LV1G08A HITACHI-HD74LV1G08A Datasheet
52Kb / 10P
   2-input AND Gate
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08 Datasheet
96Kb / 5P
   2-INPUT AND GATE
logo
Toshiba Semiconductor
TC7SH08FS TOSHIBA-TC7SH08FS Datasheet
172Kb / 6P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F_01 Datasheet
227Kb / 6P
   2-INPUT AND GATE
TC7SET08F TOSHIBA-TC7SET08F_02 Datasheet
205Kb / 6P
   2-INPUT AND GATE
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08_11 Datasheet
155Kb / 5P
   2-INPUT AND GATE
U74HC2G08 UTC-U74HC2G08_15 Datasheet
164Kb / 5P
   2-INPUT AND GATE
logo
NXP Semiconductors
74AHCT1G08 PHILIPS-74AHCT1G08 Datasheet
75Kb / 16P
   2-input AND gate
2002 Jun 06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com