Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM628128ALP-7 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HM628128ALP-7
Description  131,072-word X 8-bit High Speed CMOS Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM628128ALP-7 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HM628128ALP-7 Datasheet HTML 3Page - Hitachi Semiconductor HM628128ALP-7 Datasheet HTML 4Page - Hitachi Semiconductor HM628128ALP-7 Datasheet HTML 5Page - Hitachi Semiconductor HM628128ALP-7 Datasheet HTML 6Page - Hitachi Semiconductor HM628128ALP-7 Datasheet HTML 7Page - Hitachi Semiconductor HM628128ALP-7 Datasheet HTML 8Page - Hitachi Semiconductor HM628128ALP-7 Datasheet HTML 9Page - Hitachi Semiconductor HM628128ALP-7 Datasheet HTML 10Page - Hitachi Semiconductor HM628128ALP-7 Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AC Characteristics (Ta = 0 to +70°C, VCC = 5 V ± 10%, unless otherwise noted.)
Test Conditions
• Input pulse levels: 0.8 V to 2.4 V (HM628128A-7/8/10)
0 V to 3 V (HM628128A-5)
• Input rise and fall times: 5 ns
• Input and output timing reference levels: 1.5 V
• Output load: 1 TTL Gate and CL (100 pF) (HM628128A-7/8/10)
1 TTL Gate and CL (30 pF) (HM628128A-5) (Including scope & jig)
Read Cycle
HM628128A
-5
-7
-8
-10
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Unit
Notes
Read cycle time
tRC
55
70
85
100
ns
Address access time
tAA
55
70
85
100
ns
Chip selection to
tCO1
55
70
85
100
ns
output valid
tCO2
55
70
85
100
ns
Output enable to
tOE
30
35
45
50
ns
output valid
Chip selection to
tLZ1
5
10
10
10
ns
2, 3
output in low-Z
tLZ2
5
10
10
10
ns
2, 3
Output enable to
tOLZ
5
5
5
5
ns
2, 3
output in low-Z
Chip deselection to
tHZ1
0
20
0
25
0
30
0
35
ns
1, 2, 3
output in high-Z
tHZ2
0
20
0
25
0
30
0
35
ns
1, 2, 3
Output disable to
tOHZ
0
20
0
25
0
30
0
35
ns
1, 2, 3
output in high-Z
Output hold from
tOH
5
10
10
10
ns
address change
7
HM628128A Series


Similar Part No. - HM628128ALP-7

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628128 HITACHI-HM628128 Datasheet
124Kb / 20P
   1 M SRAM (128-kword x 8-bit)
HM628128B HITACHI-HM628128B Datasheet
627Kb / 19P
   1 M SRAM (128-KWORD X 8 BIT)
HM628128BLF-7 HITACHI-HM628128BLF-7 Datasheet
627Kb / 19P
   1 M SRAM (128-KWORD X 8 BIT)
HM628128BLF-7SL HITACHI-HM628128BLF-7SL Datasheet
627Kb / 19P
   1 M SRAM (128-KWORD X 8 BIT)
HM628128BLF-8 HITACHI-HM628128BLF-8 Datasheet
627Kb / 19P
   1 M SRAM (128-KWORD X 8 BIT)
More results

Similar Description - HM628128ALP-7

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC518128AP TOSHIBA-TC518128AP Datasheet
574Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
logo
Sony Corporation
CXK591000TM SONY-CXK591000TM Datasheet
271Kb / 13P
   131,072-word X 9-bit High Speed CMOS Static RAM
logo
Toshiba Semiconductor
TC518129BFL TOSHIBA-TC518129BFL Datasheet
477Kb / 14P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC551001AFI TOSHIBA-TC551001AFI Datasheet
453Kb / 8P
   131,072 WORD x 8 BIT STATIC RAM
TC551001AFL TOSHIBA-TC551001AFL Datasheet
297Kb / 10P
   131,072 WORD x 8 BIT STATIC RAM
TC518129AP TOSHIBA-TC518129AP Datasheet
301Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BPL TOSHIBA-TC518128BPL Datasheet
561Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129APL TOSHIBA-TC518129APL Datasheet
376Kb / 14P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BPL TOSHIBA-TC518129BPL Datasheet
548Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BFL TOSHIBA-TC518128BFL Datasheet
752Kb / 14P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com