Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT82V2081 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT82V2081
Description  SINGLE CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V2081 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT82V2081 Datasheet HTML 7Page - Integrated Device Technology IDT82V2081 Datasheet HTML 8Page - Integrated Device Technology IDT82V2081 Datasheet HTML 9Page - Integrated Device Technology IDT82V2081 Datasheet HTML 10Page - Integrated Device Technology IDT82V2081 Datasheet HTML 11Page - Integrated Device Technology IDT82V2081 Datasheet HTML 12Page - Integrated Device Technology IDT82V2081 Datasheet HTML 13Page - Integrated Device Technology IDT82V2081 Datasheet HTML 14Page - Integrated Device Technology IDT82V2081 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
11
INDUSTRIAL
TEMPERATURE RANGES
SINGLE CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
INT
RXTXM0
O
I
20
INT: Interrupt Request
In software control mode, this pin outputs the general interrupt request for all interrupt sources. These interrupt sources can be
masked individually via registers (INTM0, 14H) and (INTM1, 15H). The interrupt status is reported via the registers (INTS0,
19H) and (INTS1, 1AH).
Output characteristics of this pin can be defined to be push-pull (active high or active low) or open-drain (active low) by setting
INT_PIN[1:0] (GCF, 02H).
RXTXM0
See RXTXM1 above.
SCLK
ALE
AS
LP1
I
25
SCLK: Shift Clock
In serial microcontroller interface mode, this signal is the shift clock for the serial interface. Configuration data on SDI pin is sam-
pled on the rising edge of SCLK. Configuration and status data on SDO pin is clocked out of the device on the falling edge of
SCLK if SCLKE pin is high, or on the rising edge of SCLK if SCLKE pin is low.
ALE: Address Latch Enable
In parallel microcontroller interface mode with multiplexed Intel interface, the address on AD[7:0] is sampled into the device on
the falling edge of ALE.
AS: Address Strobe
In parallel microcontroller interface mode with multiplexed Motorola interface, the address on AD[7:0] is latched into the device
on the falling edge of AS.
LP[1:0]: Loopback mode select
When the chip is configured by hardware, this pin is used to select loopback operation modes (Inband Loopback is not provided
in hardware control mode)
00= no loopback
01= analog loopback
10= digital loopback
11= remote loopback
SDI
WR
R/W
LP0
I
24
SDI: Serial Data Input
In serial microcontroller interface mode, this signal is the input data to the serial interface. Configuration data at SDI pin is sam-
pled by the device on the rising edge of SCLK.
WR: Write Strobe
In Intel parallel multiplexed interface mode, this pin is asserted low by the microcontroller to initiate a write cycle. The data on
AD[7:0] is sampled into the device in a write operation.
R/W: Read/Write Select
In Motorola parallel multiplexed interface mode, this pin is low for write operation and high for read operation.
LP0
See LP1 above.
Table-1 Pin Description (Continued)
Name
Type
Pin No.
Description


Similar Part No. - IDT82V2081

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V2081 IDT-IDT82V2081 Datasheet
1Mb / 80P
   SINGLE CHANNEL LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2081 RENESAS-IDT82V2081 Datasheet
1Mb / 81P
   SINGLE CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
January 7, 2019
IDT82V2081NLG RENESAS-IDT82V2081NLG Datasheet
1Mb / 81P
   SINGLE CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
January 7, 2019
IDT82V2081PPG RENESAS-IDT82V2081PPG Datasheet
1Mb / 81P
   SINGLE CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
January 7, 2019
logo
Integrated Device Techn...
IDT82V2081 IDT-IDT82V2081_19 Datasheet
1Mb / 80P
   SINGLE CHANNEL LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
More results

Similar Description - IDT82V2081

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82V2081 RENESAS-IDT82V2081 Datasheet
1Mb / 81P
   SINGLE CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
January 7, 2019
logo
Integrated Device Techn...
IDT82V2082 IDT-IDT82V2082 Datasheet
1Mb / 79P
   DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2084 IDT-IDT82V2084 Datasheet
1Mb / 75P
   QUAD CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2082 RENESAS-IDT82V2082 Datasheet
1Mb / 89P
   DUAL CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
May 4, 2009
logo
Integrated Device Techn...
IDT82V2082 IDT-IDT82V2082_09 Datasheet
1Mb / 88P
   DUAL CHANNEL T1/E1/J1 LONG HAUL/SHORT HAUL LINE INTERFACE UNIT
logo
Exar Corporation
XRT83L314 EXAR-XRT83L314 Datasheet
1Mb / 84P
   14-CHANNEL T1/E1/J1 LONG-HAUL/SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82V2088 IDT-IDT82V2088_08 Datasheet
2Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82V2088 IDT-IDT82V2088 Datasheet
1Mb / 78P
   OCTAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2084 RENESAS-IDT82V2084 Datasheet
1Mb / 76P
   QUAD CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
February 11, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com