Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE3B1565 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # ICE3B1565
Description  Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3B1565 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button ICE3B1565 Datasheet HTML 3Page - Infineon Technologies AG ICE3B1565 Datasheet HTML 4Page - Infineon Technologies AG ICE3B1565 Datasheet HTML 5Page - Infineon Technologies AG ICE3B1565 Datasheet HTML 6Page - Infineon Technologies AG ICE3B1565 Datasheet HTML 7Page - Infineon Technologies AG ICE3B1565 Datasheet HTML 8Page - Infineon Technologies AG ICE3B1565 Datasheet HTML 9Page - Infineon Technologies AG ICE3B1565 Datasheet HTML 10Page - Infineon Technologies AG ICE3B1565 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Version 1.3
7
15 Sep 2004
CoolSET™-F3
Pin Configuration and Functionality
1
Pin Configuration and Functionality
1.1
Pin Configuration with PG-DIP-8-6
Figure 1
Pin Configuration PG-DIP-8-6(top view)
Note: Pin 4 and 5 are shorted within the DIP 8 package.
1.2
Pin Configuration with PG-DIP-7-1
Figure 2
Pin Configuration PG-DIP-7-1(top view)
Pin
Symbol
Function
1
SoftS
Soft-Start
2
FB
Feedback
3
CS
Current Sense/
650V1) Depl-CoolMOS™ Source
1)
at T
j = 110°C
4
Drain
650V1) Depl-CoolMOS™ Drain
5
Drain
650V1) Depl-CoolMOS™ Drain
6
n.c.
Not Connected
7
VCC
Controller Supply Voltage
8
GND
Controller Ground
Package PG-DIP-8-6
1
6
7
8
4
3
2
5
GND
SoftS
FB
CS
VCC
n.c.
Drain
Drain
Pin
Symbol
Function
1
SoftS
Soft-Start
2
FB
Feedback
3
CS
Current Sense/
650V1) Depl-CoolMOS™ Source
1)
at T
j = 110°C
4
n.c.
Not connected
5
Drain
650V1) Depl-CoolMOS™ Drain
-
-
-
7
VCC
Controller Supply Voltage
8
GND
Controller Ground
Package PG-DIP-7-1
1
7
8
4
3
2
5
GND
SoftS
FB
CS
VCC
n.c.
Drain


Similar Part No. - ICE3B1565

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3B1565 INFINEON-ICE3B1565 Datasheet
818Kb / 32P
   Off-Line SMPS Cur rent Mode Controller with integrated 650V Startup Cell /Depletion CoolMOS?
Version 2.3, 02 Apr 2013
ICE3B1565 INFINEON-ICE3B1565 Datasheet
1Mb / 34P
   Infineon Solution for LED TV SMPS
11.07.2008 version 1.0
ICE3B1565J INFINEON-ICE3B1565J Datasheet
487Kb / 26P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS?
Version 2.3, 8 May 2006
ICE3B1565J INFINEON-ICE3B1565J Datasheet
988Kb / 28P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8 Product Highlights
Version 2.6, 4 Jul 2011
ICE3B1565J INFINEON-ICE3B1565J Datasheet
938Kb / 28P
   Off-Line SMPS Cur rent Mode Controller with integrated 650V
Version 2.9, 25 Mar 2013
More results

Similar Description - ICE3B1565

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3B0365J INFINEON-ICE3B0365J Datasheet
487Kb / 26P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS?
Version 2.3, 8 May 2006
ICE3B0365JG INFINEON-ICE3B0365JG Datasheet
487Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS
Version 2.0, 14 Nov 2006
ICE3A1065 INFINEON-ICE3A1065 Datasheet
818Kb / 32P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/ Depletion CoolMOS?
Version 2.3, 02 Apr 2013
ICE3B0365L INFINEON-ICE3B0365L Datasheet
509Kb / 28P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/Depletion CoolMOS??and Latched off Mode
Version 2.0, 8 May 2006
ICE3A0365 INFINEON-ICE3A0365_13 Datasheet
818Kb / 32P
   Off-Line SMPS Cur rent Mode Controller with integrated 650V Startup Cell /Depletion CoolMOS?
Version 2.3, 02 Apr 2013
ICE3A1065ELJ INFINEON-ICE3A1065ELJ Datasheet
537Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE3A2065ELJ INFINEON-ICE3A2065ELJ Datasheet
538Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE3BR1065JF INFINEON-ICE3BR1065JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS and Startup cell (frequency jitter Mode) in FullPak
Version 2.0, 11 Sep 2008
ICE3BR2565JF INFINEON-ICE3BR2565JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS and Startup cell (frequency jitter Mode) in FullPak
Version 2.0, 11 Sep 2008
ICE3AS02 INFINEON-ICE3AS02_05 Datasheet
555Kb / 22P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
Version 1.2, 02 Sep 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com