Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HZM9.1N Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HZM9.1N
Description  Silicon Epitaxial Planar Zener Diode for Stabilizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZM9.1N Datasheet(HTML) 3 Page - Renesas Technology Corp

  HZM9.1N Datasheet HTML 1Page - Renesas Technology Corp HZM9.1N Datasheet HTML 2Page - Renesas Technology Corp HZM9.1N Datasheet HTML 3Page - Renesas Technology Corp HZM9.1N Datasheet HTML 4Page - Renesas Technology Corp HZM9.1N Datasheet HTML 5Page - Renesas Technology Corp HZM9.1N Datasheet HTML 6Page - Renesas Technology Corp HZM9.1N Datasheet HTML 7Page - Renesas Technology Corp HZM9.1N Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HZM-N Series
Rev.5.00, Decl.14.2004, page 3 of 7
Zener Voltage
Reverse Current
Dynamic Resistance
VZ (V)*
1
Test
Condition
IR (µA)
Test
Condition
rd (Ω)
Test
Condition
Type
Grade
Min
Max
IZ (mA)
Max
VR (V)
Max
IZ (mA)
B
5.86
6.53
B1
5.86
6.12
B2
6.06
6.33
HZM6.2N
B3
6.26
6.53
5
2
3.0
50
5
B
6.47
7.14
B1
6.47
6.73
B2
6.65
6.93
HZM6.8N
B3
6.86
7.14
5
2
3.5
30
5
B
7.06
7.84
B1
7.06
7.36
B2
7.28
7.60
HZM7.5N
B3
7.52
7.84
5
2
4.0
30
5
B
7.76
8.64
B1
7.76
8.10
B2
8.02
8.36
HZM8.2N
B3
8.28
8.64
5
2
5.0
30
5
B
8.56
9.55
B1
8.56
8.93
B2
8.85
9.23
HZM9.1N
B3
9.15
9.55
5
2
6.0
30
5
B
9.45
10.55
B1
9.45
9.87
B2
9.77
10.21
HZM10N
B3
10.11
10.55
5
2
7.0
30
5
B
10.44
11.56
B1
10.44
10.88
B2
10.76
11.22
HZM11N
B3
11.10
11.56
5
2
8.0
30
5
B
11.42
12.60
B1
11.42
11.90
B2
11.74
12.24
HZM12N
B3
12.08
12.60
5
2
9.0
35
5
B
12.47
13.96
B1
12.47
13.03
B2
12.91
13.49
HZM13N
B3
13.37
13.96
5
2
10.0
35
5
B
13.84
15.52
B1
13.84
14.46
B2
14.34
14.98
5M15N
B3
14.85
15.52
5
2
11.0
40
5
B
15.37
17.09
B1
15.37
16.01
B2
15.85
16.51
HZM16N
B3
16.35
17.09
5
2
12.0
40
5
B
16.94
19.03
B1
16.94
17.70
B2
17.56
18.35
HZM18N
B3
18.21
19.03
5
2
13.0
45
5
Note:
1. Tested with pulse (PW = 40 ms)


Similar Part No. - HZM9.1N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZM9.1N RENESAS-HZM9.1N Datasheet
193Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
logo
Hitachi Semiconductor
HZM9.1N HITACHI-HZM9.1N Datasheet
37Kb / 10P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
logo
Renesas Technology Corp
HZM9.1N RENESAS-HZM9.1N Datasheet
92Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
HZM9.1N RENESAS-HZM9.1N Datasheet
210Kb / 10P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
HZM9.1NB RENESAS-HZM9.1NB Datasheet
193Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
More results

Similar Description - HZM9.1N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZM15NB3TLE RENESAS-HZM15NB3TLE Datasheet
210Kb / 10P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
logo
Hitachi Semiconductor
HZM HITACHI-HZM Datasheet
37Kb / 10P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
logo
Renesas Technology Corp
HZM15NB2TL-E RENESAS-HZM15NB2TL-E Datasheet
220Kb / 10P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
HZM-N RENESAS-HZM-N_11 Datasheet
92Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
HZM-N RENESAS-HZM-N Datasheet
193Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
HZU2.0BTRF-E RENESAS-HZU2.0BTRF-E Datasheet
103Kb / 10P
   Silicon Planar Zener Diode for Stabilizer
HZU10 RENESAS-HZU10 Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
RKZ-KL RENESAS-RKZ-KL Datasheet
76Kb / 6P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ-KJ RENESAS-RKZ-KJ Datasheet
66Kb / 7P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ-KG RENESAS-RKZ-KG Datasheet
79Kb / 7P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com