Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT707278S25PF Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT707278S25PF
Description  HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT707278S25PF Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT707278S25PF Datasheet HTML 4Page - Integrated Device Technology IDT707278S25PF Datasheet HTML 5Page - Integrated Device Technology IDT707278S25PF Datasheet HTML 6Page - Integrated Device Technology IDT707278S25PF Datasheet HTML 7Page - Integrated Device Technology IDT707278S25PF Datasheet HTML 8Page - Integrated Device Technology IDT707278S25PF Datasheet HTML 9Page - Integrated Device Technology IDT707278S25PF Datasheet HTML 10Page - Integrated Device Technology IDT707278S25PF Datasheet HTML 11Page - Integrated Device Technology IDT707278S25PF Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
6.42
IDT707278S/L
32K x 16 Bank-Switchable Dual-Ported SRAM with External Bank Selects
Industrial and Commercial Temperature Ranges
8
NOTES:
1 . Bank 0 refers to the first 8Kx16 memory spaces, Bank 1 to the second
8Kx16 memory spaces, Bank 2 to the third 8Kx16 memory spaces, and
Bank 3 to the fourth 8Kx16 memory spaces. 'LEFT' indicates the bank is
assigned to the left port; 'RIGHT' indicates the bank is assigned
to the
right port. 0-4 banks may be assigned to either port.
2 . The bank select pin inputs must be set at either VIH or VIL - these inputs are
not tri-statable. When changing the bank assignments, accesses of the
affected banks must be suspended. Accesses may continue uninterrupted
in banks that are not being reallocated.
3 . 'H' = VIH, 'L' = VIL, 'X' = Don't Care.
Assigning the Banks via the
External Bank Selects
TherearefourbankselectpinsavailableontheIDT707278, andeach
of these pins is associated with a specific bank within the memory array.
The pins are user-controlled inputs: access to a specific bank is assigned
toaparticularportbysettingtheinputtotheappropriatelevel.Theprocess
ofassigningthebanksisdetailedinTruthTableIV.Onceabankisassigned
toaport,theowningporthasfullaccesstoreadandwritewithinthatbank.
Theoppositeportisunabletoaccessthatbankuntiltheuserreassignsthe
port.Accessbyaporttoabankwhichitdoesnotcontrolwillhavenoeffect
Truth Table IV – Memory Bank
Assignment (CE = VIH)(2,3)
Mailbox Interrupts and Interrupt
Control Registers
If the user chooses the mailbox interrupt function, four mailbox
locationsareassignedtoeachport.Thesemail-boxlocationsareexternal
to the memory array. The mailboxes are accessed bysetting
MBSEL =
VIL while holding
CE = VIH.
The mailboxes are 16 bits wide and controllable by byte: the message
isuser-definedsincetheseareaddressableSRAMlocations.Aninterrupt
is generated to the opposite port upon writing to the upper byte of any
mailbox location. A port can read the message it has just written in order
toverifyit: thisread willnotalterthestatusoftheinterruptsenttotheopposite
port. Theinterruptedportcancleartheinterruptbyreadingtheupperbyte
oftheapplicablemailbox.Thisreadwillnotalterthecontentsofthemailbox.
The use of mailboxes to generate interrupts to the opposite port and the
reading of mailboxes to clear interrupts is detailed in Truth Table V.
Ifdesired,anyofthemailboxinterruptscanbeindependentlymasked
viasoftware.MaskingoftheinterruptsourcesisdoneintheMaskRegister.
The masks are individual and independent: a port can mask any
combinationofinterruptsourceswithnoeffectontheothersources.Each
port can modify only its own Mask Register. The use of this register is
detailed in Truth Table V.
Tworegistersareprovidedtopermitinterpretationofinterrupts:these
are the Interrupt Cause Register and the Interrupt Status Register. The
Interrupt Cause Register gives the user a snapshot of what has caused
theinterrupttobegenerated-thespecificmailboxwrittentobytheopposite
port.Theinformationinthisregisterprovidespost-masksignals:interrupt
sources that have been masked will not be updated. The Interrupt Status
Registergivestheuserthestatusofallbitsthatcouldpotentiallycausean
interrupt regardless of whether they have been masked. The use of the
Interrupt Cause Register and the Interrupt Status Register is detailed in
Truth Table V.
if written, and if read unknown values on D0-D15 will be returned. Each
port can be assigned as many banks within the array as needed, up to
and including all four banks.
ThebankselectpininputsmustbesetateitherVIHorVIL-theseinputs
arenottri-statable.Whenchangingthebankassignments,accessesofthe
affectedbanksmustbesuspended.Accessesmaycontinueuninterrupted
in banks that are not being reallocated.
BKSEL0
BKSEL1
BKSEL2
BKSEL3
BANK AND
DIRECTION(1)
H
X
X
X
BANK 0 LEFT
X
H
X
X
BANK 1 LEFT
X
X
H
X
BANK 2 LEFT
X
X
X
H
BANK 3 LEFT
L
X
XXBANK 0 RIGHT
X
L
XXBANK 1 RIGHT
XX
L
X
BANK 2 RIGHT
XX
X
L
BANK 3 RIGHT
3739 tbl 13


Similar Part No. - IDT707278S25PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT707278S IDT-IDT707278S Datasheet
130Kb / 16P
   HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
More results

Similar Description - IDT707278S25PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT707278 IDT-IDT707278_07 Datasheet
130Kb / 16P
   HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7288S IDT-IDT70V7288S_07 Datasheet
133Kb / 16P
   HIGH-SPEED 3.3V 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7278S IDT-IDT70V7278S Datasheet
130Kb / 16P
   HIGH-SPEED 3.3V 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT707288S IDT-IDT707288S Datasheet
149Kb / 16P
   HIGH-SPEED 64K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7288S IDT-IDT70V7288S Datasheet
144Kb / 16P
   HIGH-SPEED 3.3V 64K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7319S IDT-IDT70V7319S_15 Datasheet
744Kb / 22P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7339S IDT-IDT70V7339S_15 Datasheet
745Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7519S IDT-IDT70V7519S_15 Datasheet
756Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7599S IDT-IDT70V7599S_15 Datasheet
755Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7339S IDT-IDT70V7339S Datasheet
482Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com