Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67040-S4541 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # Q67040-S4541
Description  Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

Q67040-S4541 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button Q67040-S4541 Datasheet HTML 6Page - Infineon Technologies AG Q67040-S4541 Datasheet HTML 7Page - Infineon Technologies AG Q67040-S4541 Datasheet HTML 8Page - Infineon Technologies AG Q67040-S4541 Datasheet HTML 9Page - Infineon Technologies AG Q67040-S4541 Datasheet HTML 10Page - Infineon Technologies AG Q67040-S4541 Datasheet HTML 11Page - Infineon Technologies AG Q67040-S4541 Datasheet HTML 12Page - Infineon Technologies AG Q67040-S4541 Datasheet HTML 13Page - Infineon Technologies AG Q67040-S4541 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Version 2.6
10
25 Dec 2006
CoolSET™-F2
Functional Description
3
Functional Description
3.1
Power Management
Figure 6
Power Management
The Undervoltage Lockout monitors the external
supply voltage VVCC. In case the IC is inactive the
current consumption is max. 55µA. When the SMPS is
plugged to the main line the current through RStart-up
charges the external Capacitor CVCC. When VVCC
exceeds the on-threshold VCCon=13.5V the internal bias
circuit and the voltage reference are switched on. After
that the internal bandgap generates a reference
voltage VREF=6.5V to supply the internal circuits. To
avoid uncontrolled ringing at switch-on a hysteresis is
implemented which means that switch-off is only after
active mode when Vcc falls below 8.5V.
In case of switch-on a Power Up Reset is done by
resetting the internal error-latch in the protection unit.
When VVCC falls below the off-threshold VCCoff=8.5V the
internal reference is switched off and the Power Down
reset let T1 discharging the soft-start capacitor CSoft-Start
at pin SoftS. Thus it is ensured that at every switch-on
the voltage ramp at pin SoftS starts at zero.
3.2
Improved Current Mode
Figure 7
Current Mode
Current Mode means that the duty cycle is controlled
by the slope of the primary current. This is done by
comparison the FB signal with the amplified current
sense signal.
Figure 8
Pulse Width Modulation
In case the amplified current sense signal exceeds the
FB signal the on-time Ton of the driver is finished by
resetting the PWM-Latch (see Figure 8).
The primary current is sensed by the external series
resistor RSense inserted in the source of the integrated
CoolMOS™. By means of Current Mode regulation, the
Internal
Bias
Voltage
Reference
6.5V
4.8V
Undervoltage
Lockout
13.5V
8.5V
Power-Down
Reset
Power-Up
Reset
Power Management
5.3V
4.0V
T1
PWM-Latch
R
S
Q
Q
Error-Latch
SoftS
6.5V
Error-Detection
VCC
Main Line (100V-380V)
Primary Winding
Soft-Start Comparator
C
VCC
R
Soft-Start
R
Start-Up
C
Soft-Start
x3.65
PWM OP
Improved
Current Mode
0.8V
PWM Comparator
PWM-Latch
Isense
FB
R
S
Q
Q
Driver
Soft-Start Comparator
t
FB
Amplified Current Signal
T
on
t
0.8V
Driver


Similar Part No. - Q67040-S4541

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
Q67040-S4549-A102 INFINEON-Q67040-S4549-A102 Datasheet
624Kb / 27P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
V2.0, 15 May 2003
More results

Similar Description - Q67040-S4541

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2A280ZHKLA1 INFINEON-ICE2A280ZHKLA1 Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.6, 25 Dec 2006
ICE2A0565 INFINEON-ICE2A0565 Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS
V2.6, 25 Dec 2006
ICE2A165 INFINEON-ICE2A165 Datasheet
1Mb / 23P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V3.0, September 2001
ICE2A0565 INFINEON-ICE2A0565_11 Datasheet
3Mb / 37P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.8, 30 Aug 2011
ICE2A380P2 INFINEON-ICE2A380P2 Datasheet
451Kb / 20P
   Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS?
2004-09-23 Version 0.0
ICE3A1065ELJ INFINEON-ICE3A1065ELJ Datasheet
537Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE3A2065ELJ INFINEON-ICE3A2065ELJ Datasheet
538Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE3A0365 INFINEON-ICE3A0365 Datasheet
1Mb / 30P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
V1.3, 15 Sep 2004
ICE3AR2280JZ INFINEON-ICE3AR2280JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
ICE3BR2280JZ INFINEON-ICE3BR2280JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com