Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N3006A Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 1N3006A
Description  10 WATT ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3006A Datasheet(HTML) 3 Page - Microsemi Corporation

  1N3006A Datasheet HTML 1Page - Microsemi Corporation 1N3006A Datasheet HTML 2Page - Microsemi Corporation 1N3006A Datasheet HTML 3Page - Microsemi Corporation 1N3006A Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
10 WATT ZENER DIODES
SCOTTSD A L E DIVISION
1N2970 thru 1N3015B
and 1N3993 thru 1N4000A
NOTES: 1.
1N3993 - 1N4000 series: suffix A indicates +/-5% tolerance, no suffix indicates +/-10% tolerance. 1N2970 – 1N3015 series: suffix B
indicates +/- 5% tolerance, suffix A indicates +/-10%, no suffix indicates +/-20% tolerance. If tighter tolerance is required, consult
factory.
2.
The electrical characteristics are measured after allowing the device to stabilize for 90 seconds with 30
oC Base temperature.
3.
The zener impedance (ZZT) is derived from the 60 Hz ac voltage, which results when an ac current having an rms value equal to 10% of
the dc zener current (IZT or IZK) is superimposed on IZT or IZK. When making zener impedance measurements at the IZK test point, it may
be necessary to insert a 60 Hz band pass filter between the diode and voltmeter to avoid errors resulting from low level noise signals. A
curve showing the variation of zener impedance vs. zener current for three representative types is shown in Figures 2 and 3. Also see
Microsemi MicroNote 202.
4.
These values of IZM may be exceeded in the case of individual diodes. The values shown are calculated for the worst case that is a unit
of +/-5% tolerance at the high voltage end of its tolerance range. Allowance has also been made for the rise in zener voltage above VZT,
which results from zener impedance and the increase in junction temperature as power dissipation approaches 10 watts.
GRAPHS
FIGURE 1
Stud Temperature (
oC)
Power Derating Curve
FIGURE 2
FIGURE 3
Typical Zener Impedance vs. Zener Current
Typical Zener Impedance vs. Zener Current
For Types Shown
For Types Shown
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3
Copyright
 2003
11-12-2003 REV A


Similar Part No. - 1N3006A

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
1N3006A NAINA-1N3006A Datasheet
115Kb / 1P
   10 WATT ZENER DIODES
1N3006AR NAINA-1N3006AR Datasheet
115Kb / 1P
   10 WATT ZENER DIODES
More results

Similar Description - 1N3006A

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N2970 DIGITRON-1N2970 Datasheet
184Kb / 3P
   10 WATT ZENER DIODES
logo
Naina Semiconductor ltd...
1N2970B NAINA-1N2970B Datasheet
115Kb / 1P
   10 WATT ZENER DIODES
logo
Microsemi Corporation
10EZ39 MICROSEMI-10EZ39 Datasheet
69Kb / 2P
   Silicon 10 WATT Zener Diodes
1N2971A MICROSEMI-1N2971A Datasheet
103Kb / 2P
   SILICON 10 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
10EZ3.9 NJSEMI-10EZ3.9 Datasheet
122Kb / 2P
   Silicon 10 WATT Zener Diodes
logo
Microsemi Corporation
1N2970 MICROSEMI-1N2970 Datasheet
103Kb / 2P
   Silicon 10 WATT Zener Diodes
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com