Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HZM36N Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HZM36N
Description  Silicon Epitaxial Planar Zener Diode for Stabilizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZM36N Datasheet(HTML) 7 Page - Renesas Technology Corp

  HZM36N Datasheet HTML 1Page - Renesas Technology Corp HZM36N Datasheet HTML 2Page - Renesas Technology Corp HZM36N Datasheet HTML 3Page - Renesas Technology Corp HZM36N Datasheet HTML 4Page - Renesas Technology Corp HZM36N Datasheet HTML 5Page - Renesas Technology Corp HZM36N Datasheet HTML 6Page - Renesas Technology Corp HZM36N Datasheet HTML 7Page - Renesas Technology Corp HZM36N Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
HZM-N Series
Rev.5.00, Decl.14.2004, page 7 of 7
Package Dimensions
0.16
0 – 0.1
+ 0.10
– 0.06
3–0.4
+ 0.10
– 0.05
+ 0.3
– 0.1
(0.95) (0.95)
1.9 ± 0.2
2.8
Package Code
JEDEC
JEITA
Mass (reference value)
MPAK
Conforms
0.011 g
As of January, 2003
Unit: mm


Similar Part No. - HZM36N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZM36N RENESAS-HZM36N Datasheet
193Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
logo
Hitachi Semiconductor
HZM36N HITACHI-HZM36N Datasheet
37Kb / 10P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
logo
Renesas Technology Corp
HZM36N RENESAS-HZM36N Datasheet
92Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
HZM36N RENESAS-HZM36N Datasheet
210Kb / 10P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
HZM36NB RENESAS-HZM36NB Datasheet
193Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
More results

Similar Description - HZM36N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZM15NB3TLE RENESAS-HZM15NB3TLE Datasheet
210Kb / 10P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
logo
Hitachi Semiconductor
HZM HITACHI-HZM Datasheet
37Kb / 10P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
logo
Renesas Technology Corp
HZM15NB2TL-E RENESAS-HZM15NB2TL-E Datasheet
220Kb / 10P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
HZM-N RENESAS-HZM-N_11 Datasheet
92Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
HZM-N RENESAS-HZM-N Datasheet
193Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
HZU2.0BTRF-E RENESAS-HZU2.0BTRF-E Datasheet
103Kb / 10P
   Silicon Planar Zener Diode for Stabilizer
HZU10 RENESAS-HZU10 Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
RKZ-KL RENESAS-RKZ-KL Datasheet
76Kb / 6P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ-KJ RENESAS-RKZ-KJ Datasheet
66Kb / 7P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ-KG RENESAS-RKZ-KG Datasheet
79Kb / 7P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com