Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4S511632C-L75 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K4S511632C-L75
Description  DDP 512Mbit SDRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S511632C-L75 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K4S511632C-L75 Datasheet HTML 3Page - Samsung semiconductor K4S511632C-L75 Datasheet HTML 4Page - Samsung semiconductor K4S511632C-L75 Datasheet HTML 5Page - Samsung semiconductor K4S511632C-L75 Datasheet HTML 6Page - Samsung semiconductor K4S511632C-L75 Datasheet HTML 7Page - Samsung semiconductor K4S511632C-L75 Datasheet HTML 8Page - Samsung semiconductor K4S511632C-L75 Datasheet HTML 9Page - Samsung semiconductor K4S511632C-L75 Datasheet HTML 10Page - Samsung semiconductor K4S511632C-L75 Datasheet HTML 11Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
K4S511632C
CMOS SDRAM
Rev. 0.1 Sept. 2001
IOH Characteristics (Pull-up)
Voltage
100MHz/
133MHz
Min
100MHz/
133MHz
Max
66MHz
Min
(V)
I (mA)
I (mA)
I (mA)
3.45
-2.4
3.3
-27.3
3.0
0.0
-74.1
-0.7
2.6
-21.1
-129.2
-7.5
2.4
-34.1
-153.3
-13.3
2.0
-58.7
-197.0
-27.5
1.8
-67.3
-226.2
-35.5
1.65
-73.0
-248.0
-41.1
1.5
-77.9
-269.7
-47.9
1.4
-80.8
-284.3
-52.4
1.0
-88.6
-344.5
-72.5
0.0
-93.0
-502.4
-93.0
IBIS SPECIFICATION
IOL Characteristics (Pull-down)
Voltage
100MHz/
133MHz
Min
100MHz/
133MHz
Max
66MHz
Min
(V)
I (mA)
I (mA)
I (mA)
0
0.0
0.0
0.0
0.4
27.5
70.2
17.7
0.65
41.8
107.5
26.9
0.85
51.6
133.8
33.3
1
58.0
151.2
37.6
1.4
70.7
187.7
46.6
1.5
72.9
194.4
48.0
1.65
75.4
202.5
49.5
1.8
77.0
208.6
50.7
1.95
77.6
212.0
51.5
3
80.3
219.6
54.2
3.45
81.4
222.6
54.9
0
-100
-200
-300
-400
-500
-600
0
3
0.5
1
1.5
2
2.5
3.5
Voltage
250
200
150
100
50
0
0
3
0.5
1
1.5
2
2.5
3.5
Voltage
66MHz, 100MHz and 133MHz Pull-up
66MHz, 100MHz and 133MHz Pull-down
IOH Min (100MHz/133MHz)
IOH Max (66 and 100MHz/133MHz)
IOH Min (66MHz)
IOL Min (100MHz/133MHz)
IOL Max (100MHz/133MHz)
IOL Min (66MHz)


Similar Part No. - K4S511632C-L75

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S511632B-CL75 SAMSUNG-K4S511632B-CL75 Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4S511632B-TC75 SAMSUNG-K4S511632B-TC75 Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4S511632B-TCL75 SAMSUNG-K4S511632B-TCL75 Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4S511632B-UC75 SAMSUNG-K4S511632B-UC75 Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4S511632D SAMSUNG-K4S511632D Datasheet
45Kb / 9P
   DDP 512Mbit SDRAM 8M x 16bit x 4 Banks Synchronous DRAM LVTTL
More results

Similar Description - K4S511632C-L75

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S511632M SAMSUNG-K4S511632M Datasheet
111Kb / 11P
   512Mbit SDRAM
K4S511632D SAMSUNG-K4S511632D Datasheet
45Kb / 9P
   DDP 512Mbit SDRAM 8M x 16bit x 4 Banks Synchronous DRAM LVTTL
K4S510732B SAMSUNG-K4S510732B Datasheet
104Kb / 11P
   Stacked 512Mbit SDRAM
K4N51163QC-ZC SAMSUNG-K4N51163QC-ZC Datasheet
1Mb / 64P
   512Mbit gDDR2 SDRAM
K4J52324QC SAMSUNG-K4J52324QC Datasheet
1Mb / 57P
   512Mbit GDDR3 SDRAM
logo
Hynix Semiconductor
HY5PS1G821M HYNIX-HY5PS1G821M Datasheet
5Mb / 79P
   1Gb DDR2 SDRAM(DDP)
H5RS5223CFR-N3C HYNIX-H5RS5223CFR-N3C Datasheet
1Mb / 66P
   512Mbit (16Mx32) GDDR3 SDRAM
HY5PS2G431AMP HYNIX-HY5PS2G431AMP Datasheet
607Kb / 35P
   2Gb DDR2 SDRAM(DDP)
HY5PS2G431MP HYNIX-HY5PS2G431MP Datasheet
589Kb / 35P
   2Gb DDR2 SDRAM(DDP)
logo
Infineon Technologies A...
HYB25D512400AT INFINEON-HYB25D512400AT Datasheet
2Mb / 76P
   512Mbit Double Data Rate SDRAM
Rev. 1.0, March 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com