Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE234 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE234
Description  Silicon PNP Transistor Low Noise, High Gain Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE234 Datasheet(HTML) 2 Page - NTE Electronics

  NTE234 Datasheet HTML 1Page - NTE Electronics NTE234 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Saturation Voltage
Collector–to–Emitter
VCE(sat)
IC = 10mA, IB = 1mA
0.3
V
Base–to–Emitter Voltage
VBE
VCE = 6V, IC = 2mA
0.65
V
Transition Frequency
fT
VCE = 6V, IC = 1mA
100
MHz
Collector Output Capacitance
Cob
VCB = 10V, IE = 0, f = 1MHz
4
pF
Noise Figure
NF
VCE = 6V, IC = 100µA,
f = 10Hz, Rg = 10kΩ
6
dB
VCE = 6V, IC = 100µA,
f = 1Hz, Rg = 10kΩ
2
VCE = 6V, IC = 100µA,
f = 1Hz, Rg = 100kΩ
3
.021 (.445) Dia Max
E C B
Seating Plane
.135 (3.45) Min
.100 (2.54)
.050 (1.27)
.105 (2.67) Max
.105 (2.67) Max
.205 (5.2) Max
.210
(5.33)
Max
.500
(12.7)
Min
.165
(4.2)
Max


Similar Part No. - NTE234

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2340 NTE-NTE2340 Datasheet
22Kb / 2P
   Silicon NPN Transistor Darlington Power Amp, Switch
NTE2341 NTE-NTE2341 Datasheet
23Kb / 2P
   Silicon Complementary Transistors Darlington Driver
NTE2342 NTE-NTE2342 Datasheet
23Kb / 2P
   Silicon Complementary Transistors Darlington Driver
NTE2343 NTE-NTE2343 Datasheet
22Kb / 2P
   Silicon Complementary Transistors Darlington Power Amp, Switch
NTE2344 NTE-NTE2344 Datasheet
22Kb / 2P
   Silicon Complementary Transistors Darlington Power Amp, Switch
More results

Similar Description - NTE234

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE199 NTE-NTE199 Datasheet
22Kb / 2P
   Silicon NPN Transistor Low Noise, High Gain Amplifier
logo
Micro Electronics
BC261 MICRO-ELECTRONICS-BC261 Datasheet
94Kb / 2P
   PNP HIGH GAIN LOW NOISE SILICON PLANAR EPITAXIAL TRANSISTOR
logo
InterFET Corporation
NJ30 INTERFET-NJ30 Datasheet
97Kb / 1P
   Silicon Junction Field-Effect Transistor Low-Noise, High Gain Amplifier
NJ26L INTERFET-NJ26L Datasheet
127Kb / 2P
   Silicon Junction Field-Effect Transistor Low-Noise, High Gain Amplifier
NJ30L INTERFET-NJ30L Datasheet
127Kb / 2P
   Silicon Junction Field-Effect Transistor Low-Noise, High Gain Amplifier
logo
Leshan Radio Company
L2SC5635LT1G LRC-L2SC5635LT1G Datasheet
1Mb / 3P
   High-Frequency Amplifier Transistor High gain,low noise
logo
Advanced Semiconductor ...
ASL52D6 ASB-ASL52D6 Datasheet
295Kb / 6P
   High Gain, Low Noise Amplifier
May 2012
ASL5543 ASB-ASL5543 Datasheet
436Kb / 10P
   High Gain, Low Noise Amplifier
June 2014
ASL19D ASB-ASL19D_17 Datasheet
510Kb / 7P
   High Gain, Low Noise Amplifier
April 2017
ASL52D6 ASB-ASL52D6_17 Datasheet
641Kb / 8P
   High Gain, Low Noise Amplifier
April 2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com