Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6253HRZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6253HRZ
Description  Highly Integrated Battery Charger for Notebook Computers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6253HRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6253HRZ Datasheet HTML 4Page - Intersil Corporation ISL6253HRZ Datasheet HTML 5Page - Intersil Corporation ISL6253HRZ Datasheet HTML 6Page - Intersil Corporation ISL6253HRZ Datasheet HTML 7Page - Intersil Corporation ISL6253HRZ Datasheet HTML 8Page - Intersil Corporation ISL6253HRZ Datasheet HTML 9Page - Intersil Corporation ISL6253HRZ Datasheet HTML 10Page - Intersil Corporation ISL6253HRZ Datasheet HTML 11Page - Intersil Corporation ISL6253HRZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
Functional Pin Descriptions
BOOT
Connect BOOT to a 0.1µF ceramic capacitor to the PHASE
pin and connect to the cathode of the bootstrap Schottky
diode.
UGATE
UGATE is the high side MOSFET gate drive output.
SGATE
SGATE is the AC adapter power source select output. The
SGATE pin drives an external P-MOSFET used to switch to
AC adapter as the system power source.
BGATE
BGATE power source select output. This pin drives an
external P-channel MOSFET used to switch the battery as
the system power source. When the voltage at the CSON
pin is higher than the AC adapter output voltage at DCIN,
BGATE is driven to low and selects the battery as the power
source.
LGATE
LGATE is the low side MOSFET gate drive output; swing
between PGND and VDDP.
FIGURE 13. SWITCHING WAVEFORMS AT CONSTANT
CHARGE CURRENT MODE
FIGURE 14. SWITCHING WAVEFORMS AT TRICKLE CHARGE
MODE
FIGURE 15. EFFICIENCY vs CHARGE CURRENT
Typical Operating Performance (Continued)
Circuit of Figure 18, VDCIN = 20V, 4S2P Li-Ion Battery, TA = 25°C, unless otherwise noted.
UGATE
LGATE
t: 100ns/DIV
VDCIN=20V
VCSON=16.8V
VDCIN = 20V
VCSON = 16.8V
UGATE
LGATE
PHASE
10V/DIV
UGATE
LGATE
2V/DIV
1µs/DIV
PHASE
10V/DIV
INDUCTOR
CURRENT
0.5A/DIV
CHARGE
CURRENT
0.2A/DIV
0.76
0.8
0.84
0.88
0.92
0.96
1
0
0.5
1
1.5
2
2.5
3
3.5
4
CHARGE CURRENT (A)
VCSON = 16.8V
4 CELLS
VCSON = 12.6V
3 CELLS
VCSON = 8.4V
2 CELLS
ISL6253


Similar Part No. - ISL6253HRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6253HRZ RENESAS-ISL6253HRZ Datasheet
1,021Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
More results

Similar Description - ISL6253HRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6253 RENESAS-ISL6253 Datasheet
1,021Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
logo
Intersil Corporation
ISL6252 INTERSIL-ISL6252 Datasheet
782Kb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6252 RENESAS-ISL6252 Datasheet
1Mb / 25P
   Highly Integrated Battery Charger Controller for Notebook Computers
logo
Intersil Corporation
ISL6257 INTERSIL-ISL6257 Datasheet
501Kb / 22P
   Highly Integrated Narrow VDC Battery Charger for Notebook Computers
logo
Renesas Technology Corp
ISL6257 RENESAS-ISL6257 Datasheet
1,008Kb / 22P
   Highly Integrated Narrow VDC Battery Charger for Notebook Computers
logo
Intersil Corporation
ISL6256 INTERSIL-ISL6256 Datasheet
838Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Renesas Technology Corp
ISL6256 RENESAS-ISL6256 Datasheet
1Mb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
logo
Intersil Corporation
ISL6255HRZ INTERSIL-ISL6255HRZ Datasheet
654Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
May 23, 2006
ISL6256HRZ INTERSIL-ISL6256HRZ Datasheet
837Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
September 14, 2010
ISL6255 INTERSIL-ISL6255 Datasheet
804Kb / 22P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com