Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1181ABS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # ISP1181ABS
Description  Full-speed Universal Serial Bus peripheral controller
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1181ABS Datasheet(HTML) 1 Page - NXP Semiconductors

  ISP1181ABS Datasheet HTML 1Page - NXP Semiconductors ISP1181ABS Datasheet HTML 2Page - NXP Semiconductors ISP1181ABS Datasheet HTML 3Page - NXP Semiconductors ISP1181ABS Datasheet HTML 4Page - NXP Semiconductors ISP1181ABS Datasheet HTML 5Page - NXP Semiconductors ISP1181ABS Datasheet HTML 6Page - NXP Semiconductors ISP1181ABS Datasheet HTML 7Page - NXP Semiconductors ISP1181ABS Datasheet HTML 8Page - NXP Semiconductors ISP1181ABS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
ISP1181A
Full-speed Universal Serial Bus peripheral controller
Rev. 05 — 08 December 2004
Product data
1.
General description
The ISP1181A is a Universal Serial Bus (USB) peripheral controller that complies
with
Universal Serial Bus Specification Rev. 2.0, supporting data transfer at full-speed
(12 Mbit/s). It provides full-speed USB communication capacity to microcontroller or
microprocessor-based systems. The ISP1181A communicates with the system’s
microcontroller or microprocessor through a high-speed general-purpose parallel
interface.
The ISP1181A supports fully autonomous, multi-configurable Direct Memory Access
(DMA) operation.
The modular approach to implementing a USB peripheral controller allows the
designer to select the optimum system microcontroller from the wide variety available.
The ability to reuse existing architecture and firmware investments shortens
development time, eliminates risks and reduces costs. The result is fast and efficient
development of the most cost-effective USB peripheral solution.
The ISP1181A is ideally suited for application in many personal computer peripherals
such as printers, communication devices, scanners, external mass storage (Zip®
drive) devices and digital still cameras. It offers an immediate cost reduction for
applications that currently use SCSI implementations.
2.
Features
s Complies with Universal Serial Bus Specification Rev. 2.0 and most Device Class
specifications
s Supports data transfer at full-speed (12 Mbit/s)
s High performance USB peripheral controller with integrated Serial Interface
Engine (SIE), FIFO memory, transceiver and 3.3 V voltage regulator
s High speed (11.1 Mbyte/s or 90 ns read/write cycle) parallel interface
s Fully autonomous and multi-configuration DMA operation
s Up to 14 programmable USB endpoints with 2 fixed control IN/OUT endpoints
s Integrated physical 2462 bytes of multi-configuration FIFO memory
s Endpoints with double buffering to increase throughput and ease real-time data
transfer
s Seamless interface with most microcontrollers/microprocessors
s Bus-powered capability with low power consumption and low ‘suspend’ current
s 6 MHz crystal oscillator input with integrated PLL for low EMI
s Controllable LazyClock (100 kHz
± 50 %) output during ‘suspend’
s Software controlled connection to the USB bus (SoftConnect™)
s Good USB connection indicator that blinks with traffic (GoodLink™)


Similar Part No. - ISP1181ABS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1181 PHILIPS-ISP1181 Datasheet
1Mb / 69P
   Full-speed Universal Serial Bus interface device
Rev. 01-13 March 2000
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1181BBS PHILIPS-ISP1181BBS Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1181BDGG PHILIPS-ISP1181BDGG Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1181DGG PHILIPS-ISP1181DGG Datasheet
1Mb / 69P
   Full-speed Universal Serial Bus interface device
Rev. 01-13 March 2000
More results

Similar Description - ISP1181ABS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1583 PHILIPS-ISP1583 Datasheet
420Kb / 87P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
ISP1582 PHILIPS-ISP1582 Datasheet
325Kb / 66P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-25 August 2004
logo
Intel Corporation
8X930HX INTEL-8X930HX Datasheet
304Kb / 38P
   UNIVERSAL SERIAL BUS HUB PERIPHERAL CONTROLLER
8X931AA INTEL-8X931AA Datasheet
226Kb / 30P
   UNIVERSAL SERIAL BUS PERIPHERAL CONTROLLERS
logo
NXP Semiconductors
ISP1181 PHILIPS-ISP1181 Datasheet
1Mb / 69P
   Full-speed Universal Serial Bus interface device
Rev. 01-13 March 2000
logo
National Semiconductor ...
USBN9604 NSC-USBN9604 Datasheet
580Kb / 60P
   Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
logo
Texas Instruments
USBN9603-28MX TI-USBN9603-28MX Datasheet
454Kb / 62P
[Old version datasheet]   Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
logo
National Semiconductor ...
USBN9603 NSC-USBN9603 Datasheet
560Kb / 60P
   Universal Serial Bus Full Speed Function Controller with Enhanced DMA Support
logo
NXP Semiconductors
ISP1161 PHILIPS-ISP1161 Datasheet
2Mb / 127P
   Full-speed Universal Serial Bus single-chip host and device controller
Rev. 01-3 July 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com