Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IW4518 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IW4518
Description  Dual Up-Counter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IW4518 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IW4518 Datasheet HTML 1Page - List of Unclassifed Manufacturers IW4518 Datasheet HTML 2Page - List of Unclassifed Manufacturers IW4518 Datasheet HTML 3Page - List of Unclassifed Manufacturers IW4518 Datasheet HTML 4Page - List of Unclassifed Manufacturers IW4518 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IW4518B
166
AC ELECTRICAL CHARACTERISTICS(C
L=50pF, RL=200kΩ, Input tr=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C25°C
≤125°C
Unit
fmax
Maximum Clock Frequency, (Figure 1)
5.0
10
15
1.5
3
4
1.5
3
4
0.75
1.5
2
MHz
tPHL, tPLH
Maximum Propagation Delay, Clock or Enable
to Output (Figures 1,3)
5.0
10
15
560
230
160
560
230
160
1120
460
320
ns
tPHL
Maximum Propagation Delay, Reset to Output
(Figure 2)
5.0
10
15
650
225
170
650
225
170
1300
450
340
ns
tTHL, tTLH
Maximum Output Transition Time, Any Output
(Figure 1)
5.0
10
15
200
100
80
200
100
80
400
200
160
ns
CIN
Maximum Input Capacitance
-
7.5
pF
TIMING REQUIREMENTS(C
L=50pF, RL=200 kΩ, Input tr=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C25°C
≤125°C
Unit
tw
Minimum Pulse Width, Clock (Figure 1)
5.0
10
15
200
100
70
200
100
70
400
200
140
ns
tw
Minimum Pulse Width, Reset (Figure 2)
5.0
10
15
250
110
80
250
110
80
500
220
160
ns
tw
Minimum Pulse Width, Enable (Figure 3)
5.0
10
15
400
200
140
400
200
140
800
400
280
ns
tr, tf
Maximum Input Rise and Fall Times
(Figure 1)
5.0
10
15
15
5
5
15
5
5
15
5
5
µs
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms


Similar Part No. - IW4518

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IW4518B IKSEMICON-IW4518B Datasheet
260Kb / 6P
   Dual Up-Counter High-Voltage Silicon-Gate CMOS
IW4518BD IKSEMICON-IW4518BD Datasheet
260Kb / 6P
   Dual Up-Counter High-Voltage Silicon-Gate CMOS
IW4518BN IKSEMICON-IW4518BN Datasheet
260Kb / 6P
   Dual Up-Counter High-Voltage Silicon-Gate CMOS
More results

Similar Description - IW4518

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14518B HITACHI-HD14518B Datasheet
81Kb / 5P
   Dual BCD Up Counter, Dual Binary Up Counter
logo
System Logic Semiconduc...
SL4520B SLS-SL4520B Datasheet
51Kb / 5P
   Dual Up-Counter
SL4518B SLS-SL4518B Datasheet
53Kb / 6P
   Dual Up-Counter
logo
STMicroelectronics
HCF4520B STMICROELECTRONICS-HCF4520B Datasheet
912Kb / 12P
   DUAL BINARY UP COUNTER
logo
Toshiba Semiconductor
TC4520BP TOSHIBA-TC4520BP_07 Datasheet
470Kb / 11P
   Dual Binary Up Counter
TC4520BP TOSHIBA-TC4520BP Datasheet
291Kb / 8P
   DUAL BINARY UP COUNTER
logo
STMicroelectronics
HCF4518B STMICROELECTRONICS-HCF4518B_02 Datasheet
623Kb / 11P
   DUAL BCD UP COUNTER
logo
Estek Electronics Co. L...
IW4520B ESTEK-IW4520B Datasheet
164Kb / 6P
   Dual Binary Up-Counter consists two identical
logo
WAGO Kontakttechnik Gmb...
753-404 WAGO-753-404 Datasheet
577Kb / 12P
   Up/Down Counter
logo
Renesas Technology Corp
HD74LS192 RENESAS-HD74LS192 Datasheet
98Kb / 11P
   Synchronous Up / Down Decade Counter (dual clock lines)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com